Part Number Hot Search : 
FCT16 27C47 6KE300A BUZ16 AN5026K C546A P100A NTE56020
Product Description
Full Text Search
 

To Download MC44864 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC44864/D
Advance Information
PLL Tuning Circuit with 1.3 GHz Prescaler and D/A Converters for Automatic Tuner Alignment
The MC44864 is a tuning circuit for TV applications. This device contains a PLL section and a DAC section and is MCU controlled through an I2C Bus. The PLL section contains all the functions required to control the VCO of a TV tuner. The IC generates the tuning voltage and the additional control signals, such as band switching voltages. The D/A section generates three additional varactor voltages to feed all of the varactors of the tuner with individually optimized control voltages (automatic tuner adjustment). The MC44864 is manufactured on a single silicon chip using Motorola's high density bipolar process, MOSIACTM (Motorola Oxide Self-Aligned Implanted Circuits).
MC44864
PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
SEMICONDUCTOR TECHNICAL DATA
* * * * * * * * * * * * * * *
Complete Single Chip System for MPU Control Selectable /8 Prescaler Accepts Frequencies up to 1.3 GHz 15 Bit Programmable Divider Accepts Input Frequencies up to 165 MHz Programmable Reference Divider 3-State Phase/Frequency Comparator Operational Amplifier for Direct Varactor Control with Low Saturation Voltage Four Output Buffers (15 mA) Output Options for 62.5 kHz, Reference Frequency and the Programmable Divider The HF Input is Symmetrical Three 6 Bit DACs for Automatic Tuner Adjustment Allowing Use of Non-Matched Varactors Better Tuner Performances Through Optimum Filter Response I2C Bus Controlled Four Chip Addresses for the PLL Section Four Chip Addresses for the D/A Section ESD Protected to MIL-STD-883C, Method 3015.7 (2,000 V, 1.5 k, 150 pF) PIN CONNECTIONS
M SUFFIX PLASTIC PACKAGE CASE 967 (EIAJ-20)
20 1
XTAL PHO Amp In VCC2 VTUN DA1 DA2
1 2 3 4 5 6 7 8 9
20 Gnd 19 SDA 18 SCL 17 B7 16 B5 15 B3 14 B1 13 CA 12 Gnd 11 HF2
MOSAIC is a trademark of Motorola, Inc.
MAXIMUM RATINGS (TA = 25C, unless otherwise noted.)
Rating Power Supply Voltage (VCC1) Band Buffer "Off" Voltage Band Buffer "On" Current Operational Amplifier Power Supply Voltage (VCC2) Operational Amplifier Short Circuit Duration (0 to VCC2) Storage Temperature Operating Temperature Range
NOTE: ESD data available upon request.
Pin 9 14 - 17 14 - 17 4 5-8 - -
Value 6.0 15 20 36 Continuous - 65 to +150 0 to +70
Unit V V mA V S C C Device
DA3 VCC1
HF1 10
(Top View)
ORDERING INFORMATION
Operating Temperature Range TA = 0 to +70C Package EIAJ-20
Rev 2
MC44864M
(c) Motorola, Inc. 1996
MOTOROLA ANALOG IC DEVICE DATA
1
MC44864
Representative Block Diagram
B7 B5 B3 B1 17 16 15 14 B7 B5 B3 Buffers B1 VCC2 33 V 4 Amp 1 Bias 3 Amp In
DA3 8 Amp 4
DA2 7 Amp 3
DA1 6 Amp 2
VTUN 5
Test Logic
D/A 3 6 Bit Latches
D/A 2 6 Bit Latches
D/A 1 6 Bit Latches
Ref Voltage Latches 2 PHO
Fout VCC1 5.0 V 9 F1
Fref Decoder DTC Shift Register 8 Bit Fout Phase Comp Fref
CA
13 DTB 18 19 FUN I2C Bus Receiver AD1 AD2 DTF Latches A TDI Latches B CL Data Shift Register 15 Bit Latches Ref Divider F1 62.5 kHz 4.0 MHz Osc 1 20 XTAL Gnd
SCL SDA
Gnd
12
HF1 HF2
10 11
Preamp 1 /8 Presc Program Divider 15 Bit Latch Control AVA Preamp 2
Fout
This device contains 3,551 active transistors.
2
MOTOROLA ANALOG IC DEVICE DATA
MC44864
ELECTRICAL CHARACTERISTICS (VCC1 = 5.0 V, VCC2 = 32 V, TA = 25C, unless otherwise noted.)
Characteristic VCC1 Supply Voltage Range VCC1 Supply Current (VCC1 = 5.0 V)(1)(2) VCC2 Supply Voltage Range VCC2 Supply Current (Output Open) Band Buffer Leakage Current when "Off" at 12 V Band Buffer Saturation Voltage when "On" at 15 mA Data/Clock Current at 0 V Clock Current at 5.0 V Data Current at 5.0 V Acknowledge "Off" Data Saturation Voltage at 15 mA Acknowledge "On" Data/Clock Input Voltage Low Data/Clock Input Voltage High Clock Frequency Range Phase Detector Current in High Impedance State Oscillator Frequency Range Phase Detector High-State Source Current (@ 1.5 V) Phase Detector Low-State Sink Current (@ 4.0 V) Operational Amplifier Internal Reference Voltage Operational Amplifier Input Current DC Open Loop Gain Gain Bandwidth Product Phase Margin Vout Low, Sinking 50 A Vout High, Sourcing 50 A (VCC2 - Vout High) Tuning Voltage (DC) D/A Converters Step Size(3) D/A Converters Temperature Drift DAC Offset at VTUN = 2.5 V DAC Offset at VTUN = 25 V DAC Voltages (DC) Pin 9 9 4 4 14 - 17 14 - 17 18, 19 18 19 19 18, 19 18, 19 18 2 1, 2 2 2 - 3 - - - 6-8 6-8 5-8 6-8 6-8 - - 6-8 Min 4.5 - 25 - - - -10 0 0 - - 3.0 - -15 3.5 -2.5 0.5 2.0 -15 2000 - - - - - 0.5 - -50 -700 - Typ 5.0 50 30 1.3 0.01 1.8 - - - 1.2 - - - - 4.0 - - 2.5 - - 0.2 50 0.2 - - - 1.0 - - - Max 5.5 70 35 2.5(4) 1.0 2.0 0 1.0 1.0 - 1.5 - 100 15 4.1 -0.5 2.5 3.0 15 - - - 0.5 1.5 30 1.5 - 50 700 33 Unit V mA V mA A V A A A V V V kHz nA MHz mA mA V nA V/V MHz Deg. V V V LSB LSB mV mV V
NOTES: 1. When prescaler "Off", typical supply current is decreased by 10 mA. 2. Band Buffers "Off", 2.4 mA more when one buffer is on. 3. For definition of the LSB, see Figure 9 in the D/A section. 4. 2.5 mA as long as the analog outputs are not in saturation high, which means VTUN, VDAC (Pins 5, 6, 7, 8) lower than VCC2 - 1.5 V. When all outputs are in saturation high the maximum VCC2 current is 5.0 mA.
MOTOROLA ANALOG IC DEVICE DATA
3
MC44864
HF CHARACTERISTICS (See Figure 1) Characteristic DC Bias Input Voltage Range 10-150 MHz (Prescaler "Off") 80-1000 MHz 1000-1300 MHz Pin 10, 11 10, 11 10, 11 10, 11 Min - 20 20 50 Typ 1.55 - - - Max - 315 315 315 Unit V mVrms
Figure 1. HF Sensitivity Test Circuit
I2C Bus Bus Controller 12 V
HF Generator HF Out Gnd 50 Cable 50 1.0 nF 1.0 nF 22 pF 4.0 MHz
Device is in test mode: B7 is "On", R2 = 1 and R3 = 0 (see Bus section). Sensitivity is the level of the HF generator on 50 load (without MC44864 load).
4
CCCCCCCCCCCC CCCCCCCCCCCC
+5.0 V 18, 19 VCC1 9 11 10 -j 0 +j 0.5 0.5 1.3 GHz 1 1.0 GHz 1 2 2 500 MHz 50 MHz
3.9 k 17 B7
MC44864 12 1 In Frequency Counter
Figure 2. Typical HF Input Impedance
0.5
ZO = 50
1
2
MOTOROLA ANALOG IC DEVICE DATA
MC44864
PIN FUNCTION DESCRIPTION
Pin 6, 7, 8 9 10, 11 12, 20 13 14, 15, 16, 17 18 19 1 2 3 4 5 Symbol DA1, DA2, DA3 VCC1 HF1, HF2 Gnd CA B1, B3, B5, B7 SCL SDA XTAL PHO Amp In VCC2 VTUN D/A output control voltages Positive supply of the circuit (except DACs) HF input from local oscillator Ground Chip Address Band buffer output can drive 15 mA Clock input (supplied by the microprocessor via Bus) Data input (bus) Crystal oscillator (typically 4.0 MHz) Phase comparator output Negative operational amplifier input Operational amplifier positive supply Operational amplifier output which provides the tuning voltage Description
MOTOROLA ANALOG IC DEVICE DATA
5
MC44864
Figure 3. Pin Circuit Schematic
20 V 20 V DA1 6 Amp Out 20 V DA2 7 20 V 600 k DA3 8 20 V 20 V 5.5 V 20 V IB Comp 10 k Amp In 3 VCC2 4 Amp Out VTUN 5
Amp Out
VCC1 9
5.5 V 5.5 V
PHO 2 VCC1 10 k VCC1 1.0 k 5.5 V 5.5 V 20 k 1.0 k 1.0 k XTAL 1 20 V
HF1 10
20 V
5.5 V
HF2 11
2.0 k 5.5 V 2.0 k 1.1 mA 0.4 mA 5.0 A 100 k VCC1 25 k ACK VCC1
1.5 k
100
Gnd 20
130 k 50 SDA 19
Gnd 12
VCC1
20 V
150 k CA 13 20 V 50 k B1 14 20 V 10 k
40 k
500 20 k 15 k 100 k 20 V
SCL 18
Buffer 2.5 k VCC1
B7 17
B3 15
Buffer On/Off Buffer
Buffer
B5 16
6
MOTOROLA ANALOG IC DEVICE DATA
MC44864
FUNCTIONAL DESCRIPTION
A representative block diagram and a typical system application are shown in Figures 4 and 5. A discussion of the features and function of the internal blocks is given below. Automatic Tuner Alignment The circuit generates the tuning voltage through the PLL. The output voltages of the D/A converters are equal to the tuning voltage plus a positive or negative offset of up to 31 steps. During the automatic alignment one first lets the PLL lock to the appropriate frequency and then searches for the optimum value of the other varactor voltages. The digital word for each voltage value is stored in a nonvolatile memory (NVM). Hence, for each frequency point to be adjusted, three times 6 bits of information have to be stored (plus 2 bits for the DAC range). The information stored in the NVM reflects the characteristic of the individual tuner. For this reason, the NVM is preferably situated inside the tuner and is also controlled by the I2C Bus.
Figure 4. Block Diagram
DA3 DA2 DA1 VTUN 1.0 n 1.0 n Bands and Controls Out 17 16 15 14 B1 8 Amp 4 7 Amp 3 6 Amp 2 5 Amp 1 Bias 10 k Test Logic D/A 3 6 Bit Latches Fout VCC1 5.0 V 9 F1 Decoder DTC 10 k Fout (1) CA 13 DTB 18 19 FUN I2C Bus Receiver AD1 AD2 DTF Latches A TDI Latches B HF1 HF2 10 11 Preamp 1 /8 Presc Program Divider 15 Bit Latch Control AVA Preamp 2 CL Data Shift Register 15 Bit Latches Ref Divider F1 62.5 kHz 4.0 MHz Osc 1 XTAL 20 Gnd (2) Fref Shift Register 8 Bit Phase Comp Fref D/A 2 6 Bit Latches D/A 1 6 Bit Latches Ref Voltage Latches 2 PHO 10 k 1.0 n 1.0 n 1.0 n 180 n 18 k VCC2 33 V 4 Amp 3 In 39 n
B7 B5 B3 Buffers
15 k
SCL SDA
Gnd
12
Fout
NOTES: 1. Pin 13: Short to VCC Resistors 10% Open or 1.0 nF to Gnd Short to Gnd
for addresses CC, CE for addresses C8, CA (values 10 k and 15 k) for test only for addresses C4, C6 for addresses C0, C2
2. The crystal may be connected to Pin 20 with no connection to external Gnd.
MOTOROLA ANALOG IC DEVICE DATA
7
MC44864
Figure 5. TV Tuner for Automatic Alignment
IF 12 V
VCC3 AGC Filter Antenna
UHF VHF
BIII Band Buffers Mixer VCC2 VCC1 HF Input 33 V 5.0 V SCL SDA
Filter
MC44864 PLL-D/A IC
Clock Data D-to-A Converters
XTAL Local Oscillator DA3 DA2 DA1 VTUN Amp In Phase Cmp
NVM
Figure 6. Definition of Bytes
CO_Control Information BA_Band Information
FM_Frequency Information (with MSB) FL_Frequency Information (with LSB)
Chip Addresses The chip address is programmable by Pin CA. The PLL addresses C0, C2, C4, C6 are officially allocated to PLL-IC's. The addresses C8, CA, CC, CE are not officially allocated. Care has to be taken in the application that no conflict occurs with other devices on the same I2C Bus when using the addresses C8 to CE.
CA Pin (13) -0.04 VCC1 to 0.1 VCC1 Open or 0.2 VCC1 to 0.3 VCC1 0.42 VCC1 to 0.75 VCC1 0.9 VCC1 to 1.2 VCC1 A3 0 0 0 0 1 1 1 1 A2 0 0 1 1 0 0 1 1 A1 0 1 0 1 0 1 0 1 A0 0 0 0 0 0 0 0 0 Address C0 C2 C4 C6 C8 CA CC CE Function 1st PLL 1st DAC 2nd PLL 2nd DAC 3rd PLL 3rd DAC 4th PLL 4th DAC
8
EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE
1 R6 X T P X R3 B3 R2 X R1 B1 R0 X ACK ACK B7 B5 0 N14 N6 N13 N5 N12 N4 N11 N3 N10 N2 N9 N1 N8 N0 ACK ACK N7
CA1_PLL Chip Address
1
1
0
0
A3
A2
A1
A0 = 0
ACK
PLL SECTION
Data Format and Bus Receiver The circuit receives the information for tuning and control via I2C Bus. The incoming information is treated in the bus receiver. The definition of the permissible bus protocol is shown in the four examples below: Ex. 1 STA CA1 CO BA STO Ex. 2 STA CA1 FM FL STO Ex. 3 STA CA1 CO BA FM FL STO Ex. 4 STA CA1 FM FL CO BA STO STA = Start Condition STO = Stop Condition CA1 = Chip Address Byte of the PLL Section CO = Data Byte for Control Information BA = Band Information FM = Data Byte for Frequency Information (MSB's) FL = Data Byte for Frequency Information (LSB's) Figure 6 shows the five bytes of information that are needed for circuit operation: there is a chip address, two bytes of control and band information and two bytes of frequency information.
MOTOROLA ANALOG IC DEVICE DATA
MC44864
After the chip address, two or four data bytes may be received: if three data bytes are received, the third data byte is ignored. If five or more data bytes are received, the fifth and following data bytes are ignored and the last acknowledge pulse is sent at the end of the fourth data byte. The first and the third data bytes contain a function bit F. If the function bit F= 0, frequency information is acknowledged and if F = 1, control/band information is acknowledged. If the address is correct (signal AD1) the information is loaded into latches. A function bit in the first and third data byte is used to pass this data either into the latches of the programmable divider (signal DTF) or into the latches for band and control information (signal DTB). The data transfer to the latches (signals DTF and DTB) is initiated after the 2nd and 4th data bytes. A second string of latches is used for the data transfer into the programmable divider to inhibit the transfer during the preset operation (signal TDI, signal AVA is an internal "address valid" command). The switching levels of clock and data (Pins 18 and 19) are 0.5 x VCC1. The control and band information bits have the following functions. Bits R0, R1: Controls Reference Divider Division Ratio
R0 0 1 0 1 R1 0 0 1 1 Division Ratio 2048 1024 512 256
Buffer B5 may also be used to output a 62.5 kHz frequency from an intermediate stage of the reference divider. The bits B5 and B7 have to be "one" if the buffers are used for these additional functions. The Programmable Divider The programmable divider is a presettable down counter. When it has counted to zero it takes its required division ratio out of the latches B. Latches B are loaded from latches A by means of signal TDI which is synchronous to the programmable divider output signal. Since latches A receive the data asynchronously with the programmable divider, this double latch scheme is needed to assure correct data transfer to the counter. The division ratio definition is given by: N = 16384 x N14 + 8192 x N13 + ... + 4 x N2 + 2 x N1 + N0 Maximum Ratio 32767 Minimum Ratio 256 where N0 ... N14 are the different bits for frequency information. The counter reloads correctly as long as its output frequency does not exceed 1.0 MHz. Division ratios of < 256 are not allowed. At power-up the counter bit N8 is preset to "1". All other bits are undetermined. In this way, the counter always starts with a division ratio of 256 or higher. The data transfer between latches A and B (signal TDI) is also initiated by any start condition on the bus. At power-on the whole bus receiver is reset and the programmable divider is set to a counting ratio of N = 256 or higher. The Prescaler The prescaler has a preamplifier and may be bypassed (Bit P). The signal then passes through preamplifier 2. The table on the following page shows the frequency ranges which may be synthesized with and without prescaler. The Phase Comparator The phase comparator is phase and frequency sensitive and has very low output leakage current in the high impedance state. The Operational Amplifier The operational amplifier for the tuning voltage is designed for low noise, low input bias current and high power supply rejection. The positive input is biased internally. The operational amplifier needs 30 V supply (VCC2) as minimum voltage for a guaranteed maximum tuning voltage of 28.5 V. Figure 4 shows the usual filter arrangement. The component values depend very much on the application (tuner characteristic, reference frequency, etc.). As a starting point for optimization, the component values in Figure 4 may be used for 7.8125 kHz reference frequency in a multiband TV tuner. The Oscillator The oscillator uses a 4.0 MHz crystal tied to ground in series with a capacitor. The crystal operates in the series resonance mode. The crystal is driven through a 1.6 k resistor on chip. The voltage at Pin 16 "crystal", has low amplitude and low harmonic distortion. The negative resistance of the oscillator at Pin 1 (XTAL) is about 3.0 k.
Bits R2, R3: Switches Internal Signals to the Buffer Outputs
R2 0 0 1 1 R3 0 1 0 1 Pin 16 - 62.5 kHz Fref - Pin 17 - - FBY2 -
Bit B5 has to be "one" when Pin 16 is used to output 62.5 kHz. Bits B5 and B7 have to be "one" to output Fref and FBY2. FBY2 is the programmable divider output frequency divided by two. Bits R2, R6, T: Controls the Phase Comparator Output Stage
R2 0 0 0 0 1 1 1 1 R6 0 0 1 1 0 0 1 1 T 0 1 0 1 0 1 0 1 Output State Normal Operation "Off" (High Impedance) High Low Normal Operation "Off" Normal Operation "Off"
The Band Buffers The band buffers are open collector transistors and are active "low" at Bn = 1. They are designed for 15 mA with typical on-voltage of 1.8 V. These buffers are designed to withstand relative high output voltage in the off-state (15 V). B5 and B7 buffers (Pins 16 and 17) may also be used to output internal IC signals (reference frequency and programmable divider output frequency divided by 2) for test purposes. MOTOROLA ANALOG IC DEVICE DATA
9
MC44864
With Int. Prescaler P=0 Input Data R0 0 1 0 1 R1 0 0 1 1 Ref Divider Ref. R f Di id Div. Ratio 2048 1024 512 256 Ref Freq. Ref. F R f Freq Hz(1) 1953.125 3906.25 7812.5 15625.0 Frequency Steps kHz 15.625 31.25 62.5 125.0 Max Input Max. Freq. MHz 512 1024 1300(2) 1300(2) Frequency Steps kHz 1.953125 3.90625 7.8125 15.625 Max Imput Max. Freq. MHz 64 128 165(3) 165(3) Without Prescaler P=1
NOTES: 1. With 4.0 MHz Crystal 2. Limit of Prescaler 3. Limit of Programmable Divider For satellite tuner applications the circuit may be used with an external /4 prescaler and a reference divider ration of 1024 (R0 = 1, R1 = 0). In this way, frequencies up to 4.0 GHz can be synthesized with 125 kHz resolution (4.0 MHz crystal). The same result can be achieved with an external /32 prescaler when the internal prescaler is bypassed (P = 1).
The Reference Divider The reference divider of the MC44864 is programmable (Bits R0 and R1) for ratios of 2048, 1024, 512 and 256. This feature makes the circuit versatile. Bit P: Controls the Prescaler
P 0 1 Prescaler Function Prescaler Active Prescaler Bypassed Prescaler Power Supply "Off"
Bits B1, B3, B5, B7: Controls the Band Buffers
B1, B3, B5, B7 = 0 B0, B1, B, B73 = 1 Buffer "Off" Buffer "On"
D/A SECTION
Basic Function The D/A section has four separate chip addresses from the PLL section. Three D-to-A converters that have a resolution of 6 bits (5 bits plus sign) are on chip. The analog output voltages are dc. The converters are buffered to the analog outputs DA1, DA2 and DA3 by operational amplifiers with an output voltage range that is equal to the tuning voltage range (about 0 to 30 V). The operational amplifiers are arranged such that a positive or negative offset can be generated from the tuning voltage. Data Format and Bus Protocols The D-to-A information consists of the D/A chip address (CA2) and four data bytes. The first two bits of the data bytes are used as the function address. Thus the bytes C1, C2 and
C3 contain the address for the individual converter and the 6 bits to be converted. Bit D5 is the sign (log "1" for positive offset, log "0" for negative offset) and the bits D0 to D4 determine the number of steps to be made as an offset from the tuning voltage. The bits S0 and S1 in the data byte RA define the step size (Vstep) and the range of the converters (see Figures 8 and 9). The range is the same for all converters. After the chip address (CA2) is acknowledged, up to four data bytes may be received by the IC. If more than four bytes are received, the fifth and following bytes are ignored and the last acknowledge pulse is sent after the fourth data byte. The data transfer to the converters (signal DTC) is initiated each time a complete data byte is received. The following shows some examples of the permissible bus protocols of the D-to-A section. The data bytes may be sent to the IC in random order with up to four in one sequence. The same converter may be loaded up to four times as shown in example 6. Below are 6 examples of permissible bus protocols. Ex. 1 Ex. 2 Ex. 3 Ex. 4 Ex. 5 Ex. 6 STA STA STA STA STA STA CA2 CA2 CA2 CA2 CA2 CA2 C1 C1 C1 C1 RA C1 STO C2 C2 C2 C1 C1 STO C3 C3 C2 C1
STO RA STO C3 STO C1 STO
STA = Start Condition STO = Stop Condition CA2 = Chip Address Byte for D/A Section C1, C2, C3 = Data Bytes for D/A Converters RA = Data Byte for Range
Figure 7. Definition of Bytes
CA2_D/A Chip Address 1 1 0 0
C1_Converter 1
C2_Converter 2
C3_Converter 3
RA_Range Selection
10
EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE EEEEEEEEEEEEEEEEEEEEEEE
0 0 D5 D4 D3 D2 D1 D0 ACK 0 1 D5 D4 D3 D2 D1 D0 ACK 1 0 D5 D4 D3 D2 D1 D0 ACK 1 1 X X X X S1 S0 ACK
A2
A1
A0 = 0
ACK
MOTOROLA ANALOG IC DEVICE DATA
MC44864
Figure 8. Output Voltage (D/A Converters)
VDA = VTUN Vstep (D0 +2 D1 +4 D2 +8 D3 + 16 D4) D5 = 1 positive sign; D5 = 0 negative sign VTUN: Tuning Voltage set by PLL Vstep: Voltage Step (LSB) of the D/A Converters
Figure 9. Range Selection of the D/A Converters
Input Data S0 0 1 0 1 S1 0 0 1 1 Typ. Step Size Vstep 225 mV 125 mV 70 mV 40 mV Guaranteed Range 31 Steps 6.25 V 3.40 V 1.90 V 1.05 V
The D/A Converters The D/A converters convert 5 bit into analog current of which the polarity is switched by the sixth bit. The reference voltage of the converters is programmed by two bits (S0, S1 of the RA-byte) to determine the scaling factor. The analog
currents are then converted into voltages and added to their respective operational amplifier nominal bias. The resulting voltages at Pins 6, 7 and 8 are the tuning voltages (VTUN, see Figure 4) at Pin 5 plus any offset provided by information in the D/A converters. If the data bits D0 to D4 are all "0", the three D/A output voltages on Pins 6, 7 and 8 are equal to the tuning voltage (Pin 5) within the DAC offset voltages. The four amplifiers have the same output characteristics with the maximum output voltage being 1.5 V lower than VCC2 in the worst case. The four analog outputs are short-circuit protected. At power-up, the D/A outputs are undetermined. The D/A converters are guaranteed to be monotonic with a voltage step variation of 0.5 LSB. The D/A converters work correctly as long as the PLL loop is active. VTUN is then between 0.3 V and VCC2 - 1.5 V. If the loop saturates, the DACs do not work. The DAC-OFFSET is defined as the difference between the DAC output voltage (with bits D0 to D4 = 0) and the tuning voltage (PLL active). The DAC operation is guaranteed from 0.3 V to VCC2 - 1.5 V. On typical samples, the DACs will operate down to 0.2 V.
DAC Offset (VDAC - VTUN)
Figure 10. Definition of DAC Offset
700 mVmax 50 mVmax
10
20
30 V
VTUN
MOTOROLA ANALOG IC DEVICE DATA
11
MC44864
OUTLINE DIMENSIONS
M SUFFIX PLASTIC PACKAGE CASE 967-01 (EIAJ-20) ISSUE O
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
12
MOTOROLA ANALOG IC DEVICE DATA
*MC44864/D*
MC44864/D


▲Up To Search▲   

 
Price & Availability of MC44864

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X