Part Number Hot Search : 
IRF634NL CLV2560A 15J311 04304 MJD50T4 MJD50T4 ZY9V1GP MAX4995
Product Description
Full Text Search
 

To Download MBR0520LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBR0520LT1/D
Surface Mount Schottky Power Rectifier
Plastic SOD-123 Package
The Schottky Power Rectifier employs the Schottky Barrier principle with a barrier metal that produces optimal forward voltage drop-reverse current tradeoff. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes in surface mount applications where compact size and weight are critical to the system. This package provides an alternative to the leadless 34 MELF style package. These state-of-the-art devices have the following features: * Guardring for Stress Protection * Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25C) * 125C Operating Junction Temperature * Epoxy Meets UL94, VO at 1/8 * Package Designed for Optimal Automated Board Assembly
MBR0520LT1 MBR0520LT3
Motorola Preferred Devices
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
Mechanical Characteristics * Reel Options: MBR0520LT1 = 3,000 per 7 reel / 8 mm tape. Reel Options: MBR0520LT3 = 10,000 per 13 reel / 8 mm tape. * Device Marking: B2 * Polarity Designator: Cathode Band * Weight: 11.7 mg (approximately) * Case: Epoxy, Molded * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TL = 90C Non-repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Storage Temperature Operating Junction Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) IFSM Tstg TJ dv/dt
CASE 425-04, Style 1 SOD-123
Value 20
Unit Volts
0.5 5.5 - 65 to +125 - 65 to +125 1000
Amps Amps C C V/s
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Ambient (1) Thermal Resistance -- Junction to Lead RJA RJL 340 150 C/W C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2) (iF = 0.1 Amps) (iF = 0.5 Amps) Maximum Instantaneous Reverse Current (2) (VR = 10 V) (Rated dc Voltage = 20 V) VF TJ = 25C 0.300 0.385 IR TJ = 25C 75 A 250 A TJ = 100C 0.220 0.330 TJ = 100C 5 mA 8 mA mA Volts
(1) FR-4 or FR-5 = 3.5 x 1.5 inches using the Motorola minimum recommended footprint. (2) Pulse Test: Pulse Width = 300 s, Duty Cycle 2%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Rev 2
(c)RectifierInc. 1996 Data Motorola, Device
1
MBR0520LT1
IF, INSTANTANEOUS FORWARD CURRENT (AMPS) 10,000 1 I R, REVERSE CURRENT ( A) TJ = 100C 1000
TJ = 100C 0.1
75C
25C
- 25C
75C
0.01
0.1 0.2 0.3 0.4 VF , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.5
100
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
200
100
I R, REVERSE CURRENT ( A)
C, CAPACITANCE (pF)
150
10
TJ = + 25C
100
1
50
0.1
- 25C
0
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
0.01
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
Figure 3. Typical Capacitance
Figure 4. Typical Reverse Current
1 AVERAGE FORWARD CURRENT (AMP) 0.875 DC 0.75 0.625 0.5 5 0.375 10 0.25 0.125 0 60 67 20 74 95 102 109 81 88 LEAD TEMPERATURE (C) 116 123 130 IPK = = SQUARE WAVE IAV
P F(AV), AVERAGE POWER DISSIPATION (WATT)
0.35 0.315 0.28 0.245 0.21 0.175 0.14 0.105 0.07 0.035 0 0 0.125 0.25 0.375 0.5 0.625 0.75 0.875 IF(AV), AVERAGE FORWARD CURRENT (AMP) 1 IPK IAV TJ = 125C SQUARE WAVE DC
+ 20
10
5
Figure 5. Current Derating (Lead)
Figure 6. Power Dissipation
2
Rectifier Device Data
MBR0520LT1
RECOMMENDED FOOTPRINT FOR SOD-123
2.36 0.093 4.19 0.165
SOD-123
Rectifier Device Data
EEEE EEEE EEEE EEEE EEEE
0.91 0.036
EEEE EEEE EEEE EEEE EEEE
1.22 0.048
mm inches
3
MBR0520LT1
PACKAGE DIMENSIONS
A
C H
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E H J K INCHES MIN MAX 0.055 0.071 0.100 0.112 0.037 0.053 0.020 0.028 0.004 --- 0.000 0.004 --- 0.006 0.140 0.152 MILLIMETERS MIN MAX 1.40 1.80 2.55 2.85 0.95 1.35 0.50 0.70 0.25 --- 0.00 0.10 --- 0.15 3.55 3.85
K
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
AAA AAA
2
B
E J
STYLE 1: PIN 1. CATHODE 2. ANODE
D
CASE 425-04 ISSUE C SOD-123
CODELINE TO BE PLACED HERE
Rectifier Device Data MBR0520LT1/D


▲Up To Search▲   

 
Price & Availability of MBR0520LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X