Part Number Hot Search : 
HSB226YP ENC471 KAQY412A KSC945CL ENN6553 WHD250FE ENN6553 EU101009
Product Description
Full Text Search
 

To Download MA1030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Power Switching Regulators
MA1000 Series
MA1030
OUTLINE DIMENSIONS
Case : MA7 Unit : mm
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Operating Frequency Maximum Power Dissipation Dielectric Strength Insulation Resistance Fold Back Control Voltage Fold Back Control Current
Symbol Tstg Top Tj Vin Iin f(max) PD PD Vdis VCONT(max) ICONT(max)
Case Temperature
Conditions
Ratings
P Class N Class
Unit V A kHZ W W kV M V mA Unit mA V /W A V V
-30125 -30125 -20125 -20125 150 150 500 8 200 3 14 2 100 8 100 Ratings
P Class N Class
+,-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX.
Pulse Pulse Width 150s MAX, Duty1/2, Sawtooth Wave, Peak Value, +,Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC Fold Control Resistance=0Duty 1/2, , -,+
500 8 200 3 14 2 100 8 100
Electrical Characteristics (Tc=25) Item Symbol ICEX hFE VCE(sat) jc IR VF VD(sat)
Conditions
VCE=500V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. ,+,-
Q1
D1
Collector Cutoff Current DC Current Gain Collector to Emitter Saturation Voltage Thermal Resistance Reverse Current Forward Voltage
MAX 0.1
MAX 0.1
VCE = 5V, IC = 2.5A, ,,IB IC=2.5A, IB=0.5A, ,,IB Junction to Case VR=450V,+,IF=0.6A,-,+ IC=1.5A, IB=0.3A, ,
1530
MAX 1.0 MAX 3.57 MAX 10 MAX 1.7 MIN 1.7 MAX 2.3
1020
MAX 1.0 MAX 3.57 MAX 10 MAX 1.7 MIN 1.7 MAX 2.3
Driving Saturation Voltage
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA1030
Standard Operating ConditionDesign Standard For Application Circuit Item
Input Rated Voltage Output Nominal Wattage Output Nominal Voltage Output Nominal Current
Conditions
Ratings
P Class N Class
Unit V W V A
AC90132 AC90132 50 50 12 12 4 4
Standard Operating ConditionStandard Operating Characteristics Ta=25 Item Conditions
Minimum Input Full Load Output Voltage Maximum Input Light Load Output Voltage AC Input Voltage Over Current Protection
Foldback Current Short Circuit
Vin=90V, IO=4A Vin=132V, IO=0.4A IO=4A Vin=132V, VO=10V Vin=132V, RO=0.5 Vin=90132V, IO=0.44A
Ratings P Class N Class 12.00.6 12.00.6 12.00.6 12.00.6
MAX 85 MAX 6 MAX 85 MAX 6
Unit V V V A mV P-P Fig 2, Refer Fig 2, Refer Fig 2, Refer Fig 2, Refer
Nodamage To Any Device, Automatic Recovery.
Output Ripple Noise Figure in =Terminal Sign
MAX 150
MAX 150
Fig1. Measurement Circuit
Fig2. Output Voltage/Current
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA1030
Transient Thermal Impedance
1000
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
MA1030
100
Forward Bias SOA
10 150s 50s
Collector Current IC [A]
PT limit
IS/B limit 1
0.1
Tc = 25C Single Pulse 0.01 1 10 100 1000
Collector-Emitter Voltage VCE [V]
MA1030
100
Collector Current Derating
Collector Current Rating [%]
80
IS/B limit
60
40 PT limit 20
VCE = fixed 0 0 50 100 150
Junction Temperature Tj [C]
MA1030
10
Reverse Bias SOA
8
Collector Current IC [A]
6
4
2 IB1 = 0.3IC IB2 = 1.5A VBB2 = 5V Tc < 125C 0 0 100 200 300 400 500 600 700
Collector-Emitter Voltage VCE [V]
MA1030
hFE - I C
VCE = 5V
100
Tj = 150C
100C
50C 25C
10 0C
DC Current Gain hFE
-20C
1 0.001 0.01
0.1
1
Collector Current IC [A]


▲Up To Search▲   

 
Price & Availability of MA1030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X