Part Number Hot Search : 
A5800722 TIC22 LVC163 579545 EP3C25 SAMTEC TL880 V4220
Product Description
Full Text Search
 

To Download M1MA152KT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Single Silicon Switching Diodes
These Silicon Epitaxial Planar Diodes are designed for use in ultra high speed switching applications. These devices are housed in the SC59 package which is designed for low power surface mount applications. * Fast t rr , < 3.0 ns * Low C D , < 2.0 pF * Available in 8 mm Tape and Reel Use M1MA151/2KT1 to order the 7 inch/3000 unit reel. Use M1MA151/2KT3 to order the 13 inch/10,000 unit reel.
CATHODE 3
3
M1MA151KT1 M1MA152KT1
SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100mA SURFACE MOUNT
2 1
CASE 318D-03, STYLE2
2 1 ANODE NO CONNECTION
SC-59
MAXIMUM RATINGS (T A = 25C)
Rating Reverse Voltage Peak Reverse Voltage Forward Current Peak Forward Current Peak Forward Surge Current M1MA151KT1 M1MA152KT1 M1MA151KT1 M1MA152KT1 Symbol VR V RM IF I FM I FSM (1) Symbo PD TJ T stg Symbol IR VF VR CD t rr (2) Condition V R = 35 V V R = 75 V I F = 100 mA I R = 100 A Value 40 80 40 80 100 225 500 lMax 200 150 -55 to +150 Max 0.1 0.1 1.2 -- -- 2.0 3.0 Unit Vdc Vdc mAdc mAdc mAdc Unit mW C C Unit Adc Vdc Vdc pF ns
THERMAL CHARACTERISTICS
Rating Power Dissipation Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTICS (T A = 25C)
Characteristic Reverse Voltage Leakage Current M1MA151KT1 M1MA152KT1 Forward Voltage Reverse Breakdown Voltage M1MA151KT1 M1MA152KT1 Diode Capacitance Reverse Recovery Time 1. t = 1 SEC 2. t rr Test Circuit Min -- -- -- 40 80 V R = 0, f = 1.0 MHz -- I F = 10 mA, V R = 6.0 V, -- R L = 100, I rr = 0.1 I R
H2-1/2
LESHAN RADIO COMPANY, LTD.
M1MA151KT1 M1MA152KT1
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
t
r
OUTPUT PULSE
t t I
F rr
t
p
t
10% R
L
90% V
R
I rr = 0.1 I I F = 10 mA V R= 6 V R L = 100
R
t p = 2 s t r = 0.35 ns
DEVICE MARKING--EXAMPLE
Marking Symbol
Type No. Symbol 151K MH 152K MI
MH X
The "X" represents a smaller alpha digit Date Code. The Date Code indicates the actual month in which the part was manufactured.
H2-2/2


▲Up To Search▲   

 
Price & Availability of M1MA152KT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X