Part Number Hot Search : 
DTA125T 2405E T5551 SLA7064M 5ETTTS 1N6098R HE581 TC0267A
Product Description
Full Text Search
 

To Download LN324GPX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Square Type
5.0 mm x 1.0 mm Series
2Max. NOT SOLDERED
Unit: mm
5.2 0.2 5.0 0.2
4.0 0.2
3.6 0.2 3.0 0.2 0 1.1 0.2 0.2 1.0 0
2 - 0.7Max
1.0 23.0 0.5
LN424YPX *************** LNG424YKX *********** Amber s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Red 70 25 150 4 -25 +85 -25 +85 Green 90 30 150 4 -25 +85 Amber 90 30 150 4
IFP
2 - 0.45 0.1
3.3 0.2
LN224RPX **************** LNG224RKR ************ Red LN324GPX *************** LNG324GKG *********** Green
4.5 0.2 8.5 0.2
Conventional Part No.
Global Prat No.
Lighting Color
0.45 0.1
Tstg(C) -30 +100 -30 +100 -30 +100
1
2
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1.5
2.54
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN224RPX LN324GPX LN424YPX Unit Lighting Lens Color Color Red Red Diffused Green Green Diffused Amber Amber Diffused - -
IO IF
10 5 100 50
IO Typ 0.6 2.5 2.0 mcd Min 0.3 1.0 0.7 mcd IF 15 20 20 mA Typ 2.2 2.2 2.2 V
VF Max 2.8 2.8 2.8 V
P Typ 700 565 590 nm
Typ 100 30 30 nm
IR IF 20 20 20 mA Max 5 10 10 A VR 4 4 4 V
IF VF
Relative Luminous Intensity
500 300
IO Ta
PX
Luminous Intensity
Forward Current
3
30
LN 32 4G PX
LN
42
4Y
1 0.5 0.3
10 5 3
100 50 30
LN324G
PX
LN224RPX
0.1 1
3
5
10
30
50
100
1
42 4Y PX LN2 LN3 24RPX 24G PX
LN
LN4 LN 24YPX 224 RPX
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
IF Ta
50
Relative Luminous Intensity
100 80
Directive Characteristics
20 10 30 40 0 80 60 10 20 30 40 50 60 40 20 80 60 40 20 0 20 40 60 80 70
Forward Current
LN324GPX
LN424YPX
40
30
60 40 20 0 500
50 60 LN224RPX 70 80 600 700 800 90 100
20
10
L LN N32 42 4G 4Y PX LN PX 22 4R PX
80 90 100 0 0 20 40 60 80 100
Wavelength
Relative Luminous Intensity
Ambient Temperature
199


▲Up To Search▲   

 
Price & Availability of LN324GPX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X