Part Number Hot Search : 
BCR153L3 F0515 ITR20004 405I11BM PLVA665A 101KC ICM7361T 10C3TR
Product Description
Full Text Search
 

To Download LN324GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Square Type
5.0 mm x 1.0 mm Series
Conventional Part No. Global Prat No. Lighting Color
2 Max. NOT SOLDERED 4.0 0.2
Unit: mm
5.2 0.2 5.0 0.2 3.6 0.2 3.0 0.2 0 1.0 0.2 0 1.1 0.2
8.5 0.2
LN224RP ******************* LNG224RDR ************ Red LN324GP ****************** LNG324GDG *********** Green LN424YP ****************** LNG424YDX *********** Amber s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP Red 70 25 150 Green 90 30 150 Amber 90 30 150
IFP
2 - 1.0 0.1 2 - 0.6 0.1
5.1 0.3 13.0 1.0
1.0
4.5
0.6 0.1
(mA)
VR(V) Topr(C) 4 -25 +85 -25 +85 4 -25 +85 4
Tstg(C) -30 +100 -30 +100 -30 +100
2.54 1 2
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1.5
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN224RP LN324GP LN424YP Unit Lighting Lens Color Color Red Red Diffused Green Green Difused Amber Amber Diffused - - IO Typ 0.6 2.5 2.0 mcd Min 0.3 1.0 0.7 mcd IF 15 20 20 mA Typ 2.2 2.2 2.2 V VF Max 2.8 2.8 2.8 V P Typ 700 565 590 nm Typ 100 30 30 nm IR IF 20 20 20 mA Max 5 10 10 A VR 4 4 4 V
IO IF
10 5 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
3
4G P LN 424 YP 32
30
LN
1 0.5 0.3
10 5 3
LN 424 YP LN2 24R LN32 P 4GP
100 50 30
LN224RP
LN324G P LN42 4YP LN2 24R P
0.1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
50
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
LN324GP
LN424YP
LN224RP
40
30
L LN N32 42 4G 4Y P LN P 22 4R P
20
10
0 0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
196


▲Up To Search▲   

 
Price & Availability of LN324GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X