Part Number Hot Search : 
RF300 P2950CZ LN453YP 87C51FA KBL200 LA633908 STV0056A AN942
Product Description
Full Text Search
 

To Download LH6V4256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH6V4256
FUNCTION * 262,144 words x 4 bit * Access time: 100 ns (MAX) * Cycle time: 190 ns (MIN) * Fast page mode cycle time: 60 ns (MIN) * Power supply: +3.3 V 0.3 V * Power consumption (MAX): Operating: 126 mW Standby: 0.54 mW * Built-in latch circuit for row-address, column-address, and input data * OE = Don't care in early write operation * RAS only refresh, hidden refresh, and CAS before RAS refresh capability * On-chip refresh counter * 512 refresh cycle/8 ms * Packages: 20-pin, 300-mil DIP 26-pin, 300-mil SOJ 28-pin, 8 x 13 mm2 TSOP (Type I)
CMOS 1M (256K x 4) Dynamic RAM
DESCRIPTION
The LH6V4256 is a 262,144 word x 4-bit dynamic RAM which allows fast page mode access. The LH6V4256 is fabricated on SHARP's advanced CMOS double-level polysilicon gate technology. With its input multiplexed and packaged in the standard 20-pin DIP, 26-pin SOJ, or 28-pin TSOP (I) packages, it is easy to realize memory systems with low power dissipation and large memory capacity. The LH6V4256 operates on a single +3.3 V power supply and the built-in biasing voltage generator circuit.
PIN CONNECTIONS
20-PIN DIP I/O1 I/O2 WE RAS NC A0 A1 A2 A3 VCC 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VSS I/O 4 I/O3 CAS OE A8 A7 A6 A5 A4
6V4256-1
TOP VIEW
Figure 1. Pin Connections for DIP Package
2-14
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
26-PIN SOJ I/O1 I/O2 WE RAS NC 1 2 3 4 5 26 25 24 23 22 VSS I/O4 I/O3 CAS OE
TOP VIEW
28-PIN TSOP (Type I)
TOP VIEW
NC OE CAS I/O3 I/O4 VSS NC NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
NC A8 A7 A6 A5 A4 NC NC VCC A3 A2 A1 A0 NC
A0 A1 A2 A3 VCC
9 10 11 12 13
18 17 16 15 14
A8 A7 A6 A5 A4
NC I/O1 I/O2 WE RAS NC
6V4256-2
6V4256-3
Figure 2. Pin Connections for SOJ Package Figure 3. Pin Connections for TSOP Package
2-15
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
I/O1 1
I/O2 2
I/O3 18
I/O4 19
OE 16
OE CLOCK GENERATOR DATA IN BUFFER DATA OUT BUFFER VBB GENERATOR
WE 3
R/W CLOCK GENERATOR 10 VCC
CAS 17
CAS CLOCK GENERATOR
SENSE AMP. I/O GATE COLUMN DECODER
20 VSS
RAS 4
RAS CLOCK GENERATOR
MEMORY ARRAY 1,048,576 BITS
ROW ADDRESS COUNTER
REFRESH CONTROL ROW DECODER
ADDRESS BUFFER
6 A0
7 A1
8 A2
9 A3
11 A4
12 A5
13 A6
14 A7
15 A8
6V4256-4
NOTE: Pin numbers apply to the 20-pin DIP.
Figure 4. LH6V4256 Block Diagram
PIN DESCRIPTION
PIN NAME FUNCTION PIN NAME FUNCTION
A0 - A8 RAS CAS WE OE
Address input Row address strobe Column address strobe Write enable Output enable
I/O1 - I/O4 VCC VSS NC
Data input/output Power supply (+3.3 V) Power supply (0 V) No connection
2-16
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
I/O1 10
I/O2 11
I/O3 4
I/O4 5
OE 2
OE CLOCK GENERATOR DATA IN BUFFER DATA OUT BUFFER VBB GENERATOR
WE 12
R/W CLOCK GENERATOR 20 VCC
CAS 3
CAS CLOCK GENERATOR
SENSE AMP. I/O GATE COLUMN DECODER
6 VSS
RAS 13
RAS CLOCK GENERATOR
MEMORY ARRAY 1,048,576 BITS
ROW ADDRESS COUNTER
REFRESH CONTROL ROW DECODER
ADDRESS BUFFER
16 A0
17 A1
18 A2
19 A3
23 A4
24 A5
25 A6
26 A7
27 A8
6V4256-5
NOTE: Pin numbers apply to the 28-pin TSOP (Type I).
Figure 5. LH6V4256 Block Diagram
2-17
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
ABSOLUTE MAXIMUM RATINGS
PARAMETER RATING UNIT NOTE
Applied voltage on all pins Output short circuit current Power dissipation Operating temperature Storage temperature
NOTE:
- 0.5 to +5.5 50 1.0 0 to +70 - 65 to +150
V mA W C C
1
1. The maximum applicable voltage on any pin with respect to VSS.
RECOMMENDED OPERATING CONDITIONS (TA = 0 to +70C)
PARAMETER SYMBOL MIN. TYP. MAX. UNIT
Supply voltage Input voltage
VCC VSS VIH VIL
3.0 0 2. 3 - 0.3
3.3 0
3.6 0 VCC + 0.3 0.6
V V V V
CAPACITANCE (TA = 0 to +70C, f = 1 MHz, VCC = 3.3 V 0.3 V)
PARAMETER CONDITIONS SYMBOL MIN. MAX. UNIT
Input capacitance Input/output capacitance
A0 - A8 RAS, OE, CAS, WE I/O 1 - I/O 4
CIN1 CIN2 COUT1
6 7 7
pF pF pF
DC ELECTRICAL CHARACTERISTICS (TA = 0 to +70C, VCC = 3.3 V 0.3 V)
PARAMETER CONDITIONS SYMBOL MIN. MAX. UNIT NOTE
Average supply current in normal operation Supply current in standby mode RAS = CAS V CC - 0.2 V
ICC1 ICC2 ICC3 ICC4 ICC5 ILI ILO VOH VOL -10 -10 2.15
35 0.15 30 35 35 10 10
mA mA mA mA mA A A V
1, 2, 3 1 1, 2 1, 2, 3 1, 2, 3
Average supply current in fast page mode Average supply current in CAS before RAS refresh cycle Average supply current in RAS only refresh cycle Input leakage current Output leakage current Output `High' Voltage Output `Low' Voltage
NOTES:
0 V VIN 4.8 V 0 V except on test pins 0 V VOUT 4.8 V Output in high-impedance state IOUT = - 2 0 0 A IOUT = 1 mA
0.4
V
1. Specified values are with outputs open. 2. ICC1, ICC3, ICC4, and ICC5 depend on cycle time. 3. Cycle time is 190 ns. Address transition is once at RAS = VIH and once at RAS = VIL.
2-18
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
AC ELECTRICAL CHARACTERISTICS 1, 2, 3, 4 (TA = 0 to +70C, VCC = 3.3 V 0.3 V) READ CYCLE
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Random read or write cycle time Access time from RAS Access time from column address Access time from CAS Access time from OE Row address setup time Row address hold time Column address setup time Column address hold time (RAS) Column address delay time (RAS) Column address lead time (RAS) RAS pulse width RAS precharge time CAS precharge time (RAS ) CAS delay time (RAS) CAS lead time (RAS) CAS pulse width CAS hold time OE lead time (RAS) Output data disable time (CAS) Output data disable time (OE) Output data hold time (CAS) Output data hold time (OE) Read command setup time (CAS) Read command hold time (CAS) Read command hold time (RAS ) Read command hold time (RAS ) Transition time (rise and fall) Refresh time interval
tRC tRAC tAA tCAC tOEA tASR tRAH tASC tCAH tRAD tRAL tRAS tRP tCRP tRCD tRSL tCAS tCSH tROL tOFF tOEZ tSOH tOOH tRCS tRCH tRRHP tRRHN tT tREF
190 100 50 40 35 0 15 0 20 20 50 100 80 0 25 30 40 100 0 30 30 0 0 0 10 10 115 3 35 8 10,000 60 10,000 50
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms 8 8 8 7 6 5 5 5 5
NOTES: 1. For proper memory function, at least 200 s of pause time should be kept after power on, followed by several dummy cycles. When RAS = VIH is continued for more than 8 ms, the same dummy cycles should be given. Usually eight ordinary refresh cycles should be given. 2. The required VCC current (I CC) during power on depends on the input levels of RAS. If RAS = VIL during power on, the device goes into an active cycle, and ICC exhibits large current transients. It is recommended that RAS tracks with VCC or be held at a valid VIH during power on. 3. AC characteristics assume tT = 5 ns. 4. AC characteristics assume the following condition (see figure at right). 5. Load condition for 1TTL + 30 pF. 6. t RAD (MAX) is the maximum point for tRAD where t RAC (MAX) is ensured, and does not represent a limit of operation. If tRAD tRAD (MAX), the access time comes under the control of tAA. 7. t RCD (MAX) is the maximum point for t , where tRAC (MAX) is RCD ensured and does not represent a limit of operation. If tRCD tRCD (MAX), the access time comes under the control of tCAC. 8. The operation is ensured when either tRRHN, tRRHP, or tRCH is satisfied.
INPUT LEVEL OUTPUT JUDGMENT LEVEL
2.3 V 0.6 V
2.15 V 0.4 V
6V4256-6
2-19
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
FAST PAGE MODE CYCLE
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Fast page mode cycle time CAS precharge time CAS precharge access time Read-write cycle time (page mode)
tPC tCP tCACP tPRWC
60 10 55 125
ns ns ns ns 1
NOTE: 1. t RWC, tRWD, t AWD, t CWD, and tPRWC are not restrictive operating parameters and does not represent a limit of operation.
WRITE CYCLE
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
EARLY WRITE Write command setup time (CAS) Write command hold time (CAS) Data input setup time Data input hold time CAS setup time Write command lead time (RAS) Write command lead time (CAS) Write pulse width (WE) OE hold time (WE) tWCS tWCH tDS tDH tCWS tRWL tCWL tWP tOEH 0 15 0 20 0 30 25 15 20 ns ns ns ns ns ns ns ns ns 1 1
OE CONTROLLED
NOTE: 1. t WCS and tCWS are not restrictive operating parameters. If tWCS t WCS (MIN), the cycle is an early write cycle and data out buffers remain inactive until CAS rises again.
READ-WRITE CYCLE/READ-MODIFY-WRITE CYCLE
PARAMETER SYMBOL MIN. MAX. UNIT NOTE
Read-write cycle time WE delay time (RAS) Column address delay time (WE) WE delay time (CAS) OE delay time
tRWC tRWD tAWD tCWD tOED
260 135 85 65 25
ns ns ns ns ns
1 1 1 1
NOTE: 1. t RWC, tRWD, t AWD, t CWD, and tPRWC are not restrictive operating parameters and does not represent a limit of operation.
CAS BEFORE RAS REFRESH CYCLE/HIDDEN REFRESH CYCLE
PARAMETER SYMBOL MIN. MAX. UNIT
CAS setup time (RAS) CAS hold time (RAS) RAS * CAS precharge time (RAS ) RAS * CAS precharge time (RAS ) WE precharge time (RAS)
tCSR tCHR tRPCP tRPCN tWRP
0 20 10 115 0
ns ns ns ns ns
2-20
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
tRC tRAS VIH VIL tCAS tRCD VIH VIL tRCS tCSH tRAD tASR VIH VIL tRAH COLUMN ADDRESS tRRHP tRRHN VIH VIL tASC tCAH tROL VIH VIL tOEA tAA tCAC tRAC I/O1 - I/O4 VOH VOL tOFF tSOH tOEZ tOOH tRAL tRCH tRSL tCRP tRP
RAS
CAS
A0 - A8
ROW ADDRESS
WE
OE
VALID DATA-OUT
6V4256-7
Figure 6. Read Cycle
2-21
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
tRC tRAS VIH VIL tRAD tRCD VIH VIL tCSH tASR VIH VIL tRAH tASC tCAH tRSL tCAS tCRP tRP
RAS
CAS
A0 - A8
ROW ADDRESS
COLUMN ADDRESS tWCS tWCH
WE
VIH VIL tDS tDH
I/O1 - I/O4
VIH VIL
VALID DATA-IN
NOTE: OE = Don't Care
6V4256-8
Figure 7. Write Cycle (Early Write)
2-22
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
tRC tRAS VIH VIL tCSH tRCD tCAS tCWL VIH VIL tRAD tASR tRAH tASC tCAH tCRP tRP
RAS
CAS
A0 - A8
VIH VIL
ROW ADDRESS
COLUMN ADDRESS tCWS tRWL tWP
WE
VIH VIL tOEH VIH VIL tOED tOEZ VIH VIL tDS tDH
OE
I/O1 - I/O4
VALID DATA-IN
6V4256-9
Figure 8. Write Cycle (OE Controlled Write)
2-23
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
tRWC tRAS VIH VIL tRCD VIH VIL tCSH tRAD tRAH tASR VIH VIL tASC tCAH tCRP tRP
RAS
CAS
A0 - A8
ROW ADDRESS
COLUMN ADDRESS
tRWD tAWD tRCS VIH WE V IL tOEH VIH OE V IL tOEA tCAC tAA tRAC tOED tOEZ tOOH tDH tDS tCWD
tRWL tCWL tWP
I/O1 - I/O4 VI/OH VI/OL
VALID DATA-OUT
VALID DATA-IN
6V4256-10
Figure 9. Read/Write Cycle
2-24
tRAS tRAD tRAL tRP
RAS tPC tPC tCAS tCP tRSL tCP tCAS tRCD tCAS
VIH VIL
tCRP
CMOS 1M (256K x 4) Dynamic RAM
CAS tCSH tCAH tASR tRAH tASC
COLUMN ADDRESS COLUMN ADDRESS
VIH VIL
tCACP tASC tCAH tASC tCAH
tCACP
A0 - A8 tRCS
VIH VIL
ROW ADDRESS
COLUMN ADDRESS
tRRHP
WE
VIH VIL tROL tAA tAA tAA
Figure 10. Fast Page Mode Read Cycle
tCAC tOEA tRAC tOFF tCAC tOFF tCAC
VALID DATA-OUT (1) VALID DATA-OUT (2)
OE
VIH VIL
tOEZ
I/O1 - I/O4
VOH VIL
VALID DATA OUT (3)
6V4256-11
LH6V4256
2-25
2-26
tRAS tRAD tRP tRCD tCAS tCP tCAS tCP tPC tPC tCAS tRSL tCRP tCSH tASC tASR tRAH tCAH tASC tCAH tASC tCAH ROW ADDRESS tWCS tWCH COLUMN ADDRESS COLUMN ADDRESS tWCS COLUMN ADDRESS tDS tDH tDS tDH tDS tDH VALID DATA-IN (1) VALID DATA-IN (2) VALID DATA-IN (3)
6V4256-12
LH6V4256
RAS
VIH VIL
CAS
VIH VIL
Figure 11. Fast Page Mode Write Cycle
A0 - A8
VIH VIL
VIH WE V IL
I/O1 - I/O4
VIH VIL
CMOS 1M (256K x 4) Dynamic RAM
NOTE: OE = Don't Care
tRAS tCSH tRAD tRP
VIH RAS VIL tRCD tCAS tCP tCAS tCP tCAS tPRWC tPRWC tRSL
VIH CAS VIL tRAH tASR tASC tASC tCAH tCAH tASC tCAH
CMOS 1M (256K x 4) Dynamic RAM
VIH A0 - A8 V IL
ROW ADDRESS COLUMN ADDRESS COLUMN ADDRESS
COLUMN ADDRESS
tAWD tRCS tCWD tWP
tCWL
tAWD tCWL tCWD tWP
tAWD tCWD
tCWL tRWL tWP
VIH WE VIL tCACP tCACP
Figure 12. Fast Page Mode Read/Write Cycle
tDS tCAC tAA tOEA tRAC tOED tOEZ tOOH tDH tOEA tCAC tAA tDS tOEZ tDH tOOH tOED DATA OUT DATA IN DATA OUT DATA IN
VIH OE VIL tOOH tOED tOEA tCAC tAA tOEZ
tDS tDH
VI/OH I/O1 - I/O4 V
I/OL
DATA OUT
DATA IN
6V4256-13
LH6V4256
2-27
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
tRC tRAS VIH VIL tASR VIH VIL tRAH tRP
RAS
A0 - A 8
ROW ADDRESS
NOTE: CAS = 'H,' WE, OE = Don't Care
6V4256-14
Figure 13. RAS Only Refresh Cycle
tRC tRAS VIH RAS VIL tCSR tCHR tRPCN VIH CAS VIL tRPCP tRP
NOTE: WE, OE, A0 - A8 = Don't Care
6V4256-15
Figure 14. CAS Before RAS Refresh Cycle
2-28
tRC tRAS tRP tRAS tRP
tRC
V RAS VIH IL tRCD tRSL tCHR tCRP
V CAS VIH IL tRAD tASR tRAH tASC ROW ADDRESS COLUMN ADDRESS tRCS tRRHP tRRHN tWRP tCAH tRAL
CMOS 1M (256K x 4) Dynamic RAM
A0 - A 8
VIH VIL
V WE VIH IL tROL
Figure 15. Hidden Refresh Cycle
tOEA tCAC tAA tRAC VALID DATA-OUT
V OE VIH IL tOFF tOEZ
V I/O1 - I/O4 VI/OH
I/OL
LH6V4256
2-29
6V4256-16
LH6V4256
CMOS 1M (256K x 4) Dynamic RAM
PACKAGE DIAGRAMS
20DIP (DIP020-P-0300A)
20 11
7.05 [0.278] 6.65 [0.262]
1 24.75 [0.974] 24.25 [0.955]
10
3.65 [0.144] 3.25 [0.128] 4.40 [0.173] 4.00 [0.157] 3.40 [0.134] 3.00 [0.118] 0.51 [0.020] MIN 2.54 [0.100] TYP. 0.56 [0.022] 0.36 [0.014] MAXIMUM LIMIT MINIMUM LIMIT
7.62 [0.300] TYP.
0.30 [0.012] 0.20 [0.008]
0 TO 15
DIMENSIONS IN MM [INCHES]
20DIP-3
20-pin, 300-mil DIP
26SOJ (SOJ026-P-0300)
26 22 18 14 0.25 [0.010] 0.15 [0.006]
7.90 [0.311] 8.50 [0.335] 7.50 [0.295] 8.30 [0.327]
7.00 [0.276] 6.60 [0.260]
1
5 17.40 [0.685] 17.00 [0.669]
9
13
0.20 [0.008] 1.10 [0.043] 3.70 [0.146] 1.70 [0.067] 3.30 [0.130]
0.50 [0.020] 1.27 [0.050] TYP. 0.53 [0.021] 0.33 [0.013] MAXIMUM LIMIT MINIMUM LIMIT
DIMENSIONS IN MM [INCHES]
26SOJ-2
26-pin, 300-mil SOJ
2-30
CMOS 1M (256K x 4) Dynamic RAM
LH6V4256
28TSOP (TSOP028-P-0813)
0.28 [0.011] 0.12 [0.005] 28 0.55 [0.022] TYP. 15
12.00 [0.472] 11.60 [0.457]
13.70 [0.539] 13.10 [0.516]
12.60 [0.496] 12.20 [0.480]
1 8.20 [0.323] 7.80 [0.307]
14 0.20 [0.008] 0.10 [0.004] 0.15 [0.006] 1.10 [0.043] 0.90 [0.035] 1.20 [0.047] MAX. 0.425 [0.017] 0.20 [0.008] 0.00 [0.000] 0.425 [0.017] 1.10 [0.043] 0.90 [0.035] 0.20 [0.008] 0.00 [0.000]
28TSOP
DETAIL
0 - 10
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
28-pin, 8 x 13 mm2 TSOP (Type I)
ORDERING INFORMATION
LH6V4256 Device Type X Package - ## Speed 10 100 Access Time (ns) D 20-Pin, 300-mil DIP (DIP020-P-0300A) K 26-Pin, 300-mil SOJ (SOJ026-P-0300) T 28-Pin, 8 x 13 mm2 TSOP (Type I) (TSOP028-P-0813) CMOS 1M (256K x 4) Dynamic RAM Example: LH6V4256D-10 (CMOS 1M (256K x 4) Dynamic RAM, 100 ns, 20-Pin, 300-mil DIP)
6V4256-17
2-31


▲Up To Search▲   

 
Price & Availability of LH6V4256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X