Part Number Hot Search : 
R2040 XO3090 00505 BBY56 TSS3G47S H1100 SNC204 AX93167
Product Description
Full Text Search
 

To Download LH1512BAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH1512BB/BAC/BACTR
Dual 1 Form A/B, C Solid State Relay
FEATURES * Current Limit Protection * l/O Isolation, 3750 VRMS * Typical RON 10 * Load Voltage 200 V * Load Current 200 mA * High Surge Capability * Linear, AC/DC Operation * Clean Bounce Free Switching * Low Power Consumption * SMD Lead Available on Tape and Reel AGENCY APPROVALS * UL-File No. E52744 * CSA-Certification 093751 * BSI
1 2 3 4
Package Dimensions in Inches (mm) DIP
.380 (9.65) .100 (2.54) 6-.031 (6-.80) Dia. .100 (2.54)
.250 (6.35)
.360 (9.14) .250 (6.35)
.300 (7.62)
.018 (.46) .318 (8.08)
S1 8 S1' 7 S2 6 S2' 5 S1 S1'
.300 (7.62) .300 (7.62) .130 (3.30) .285 (7.24) Typ.
S2
S2'
.360 (9.14) Typ.
APPLICATIONS * General Telecom Switching - On/off Hook Control - Ring Delay - Dial Pulse - Ground Start - Ground Fault Protection * Instrumentation * Industrial Controls DESCRIPTION The LH1512 relays contain normally open and normally closed switches that can be used independently as a 1 Form A and 1 Form B relay, or when used together, as a 1 Form C relay. The relays are constructed as a mult.chip hybrid device. Actuation control is via an Infrared LED. The output switch is a combination of a photodiode array with MOSFET switches and control circuity.
SMD
.380 (9.65) .100 (2.54) .100 (2.54)
.250 (6.35)
.375 (9.53) .075 (1.90) .018 (.46) .318 (8.08) .300 (7.62) .175 (4.45) .130 (3.30)
.327 (8.31)
.059 (1.50)
.025 (.64) Typ.
.010 (.25) Typ.
Part Identification
Part Number LH1512BB LH1512BAC LH1512BACTR Description 8-pin DIP, Tubes 8-pin SMD, Gullwing, Tubes 8-pin SMD, Gullwing, Tape and Reel
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-64
Recommended Operating Conditions
150 LOAD CURRENT (mA)
Absolute Maximum Ratings, TA=25C
Stresses in excess of the Absolute Maximum Ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to maximum rating conditions for extended periods can adversely affect device reliability.
5.0 mA
120 90 60 30 0 -40
-20
0
20
40
60
80
FORM A
AMBIENT TEMPERATURE (C)
Ambient Operating Temperature Range, TA .................... -40 to +85C Storage Temperature Range, Tstg .................................. -40 to +125C Pin Soldering Temperature, t=10 s max, TS ................................ 260C Input/Output Isolation Test Voltage, t=1.0 s, IISO=10 A max., VISO ...........................................3750 VRMS Pole-to-Pole Isolation Voltage (S1 to S2)* (dry air, dust free, at sea level) ................................................. 1600 V LED Continuous Forward Current, IF ..........................................50 mA LED Reverse Voltage, IR10 A, VR .............................................. 5.0 V dc or Peak ac Load Voltage, IL50 A, VL ................................... 200 V Continuous dc Load Current, IL (Form C Operation) .................................................................200 mA Peak Load Current, IP (t=100 ms) Form A ............................................................................ (single shot) Form B ................................................................400 mA Output Power Dissipation (continuous), PDISS ......................... 600 mW
* Breakdown occurs between the output pins external to the package. Refer to Current Limit Performance Application Note for a discussion on relay operation during transient currents.
Electrical Characteristics, TA=25C Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Parameter Input LED Forward Current for Switch Turn-on (NO) LED Forward Current for Switch Turn-off (NO) LED Forward Current for Switch Turn-on (NC) LED Forward Current for Switch Turn-off (NC) LED Forward Voltage Output ON-resistance: (NO, NC) OFF-resistance: (NO) (NC) Current Limit (NO) Off-state Leakage Current: (NO) (NC) (NO, NC) Output Capacitance: (NO) (NC) Transfer Input/Output Capacitance IFon IFoff IFon IFoff -- 0.2 0.2 -- 1.15 0.6 0.5 0.9 1.0 1.26 2.0 -- -- 2.0 1.45 mA mA mA mA V Sym. Min. Typ. Max. Units Test Conditions
IL=100 mA, t=10 ms VL=150 V IL=100 mA, t=10 ms VL=150 V IF=10 mA IF=5.0 mA (NO) 0 mA (NC) IL=50 mA (NC) IF=0 mA, VL=100 V IF=5.0 mA, VL=100 V IF=5.0 mA, t=5.0 ms VL=5.0 V IF=0 mA, VL=100 V IF=5.0 mA, VL=100 V IF=0 mA (NO) IF=5.0 mA, VL=200 V IF=0 mA, VL=50 V IF=5.0 mA, VL=50 V
VF RON
--
10
15
ROFF ILMT
--
0.35 0.1 270 -- -- -- -- --
5000 1.4 360 0.02 0.07 -- 60 60
-- -- 460 1000 1.0 1.0 -- --
G
mA nA A
CISO
--
3.0
--
pF
VISO=1.0 V
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-65
Parameter Turn-on Time (NO) (NC) Turn-off Time (NO) (NC)
Sym.
Min. -- --
Typ. 1.4 1.2 0.7 2.0
Max. 3.0 3.0 3.0 3.0
Units ms
Test Conditions
ton toff
IF=10 mA, IL=50 mA IF=10 mA, IL=50 mA IF=10 mA, IL=50 mA IF=10 mA, IL=50 mA
-- --
ms
Typical Performance Characteristics Figure 1. Form A_Typical Load e e pe atu Current vs. Temperature
300
across Pin 5&6 or 7&8)
0.06 0.05
Load Current (mA)
250
Leakage (uA)
200 150
20mA
0.04 0.03 0.02 0.01 0 -40 -20 0 20 40 60 80 100
100 50 0 -40 -20 0 20 40 60 80
10mA 5mA
100
120
Temperature (oC)
Temperature (oC)
Figure 2. Form A_Typical Load Current vs. Load Voltage (Ambient Temp.= 25C; IF=5 mA)
200
Figure 4. Form B_Typical Load Current vs. Temperature
300
Load Current (mA)
150 100
Load Current (mA)
250 200
50 0 -50 -100 -150 -200 -1.5 -1 -0.5 0 0.5 1 1.5
150
100
50
Load Voltage (V)
0 -40 -20 0 20 40 60 80 100 120
Temperature (oC)
Figure 3. Typical Leakage vs. Temperature (Measured Figure 5. Form B_Typical Load Current vs. Load Voltage
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-66
(Ambient Temp.=25C)
Figure 8. Form A_Typical Turn-On vs.Temperature (Load Current=170 mA)
200 150 100
Load Current (mA)
2 1.8 1.6
5mA 10mA
50
Turn-On (ms)
0 -50 -100 -150 -200 -1 -0.6 -0.2 0.2 0.6 1
1.4 1.2 1 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40
o
20mA
Load Voltage (V)
60
80
100
Temperature ( C)
Figure 6. Typical LED Forward Voltage Drop vs. Temperature
Form A_Typical Turn-Off vs. Temperature (Load Current = 170 mA)
1.8
LED Forward Voltage Drop (V)
1.6
0.35 0.3
Turn-Off (ms)
1.4 50mA 1.2 30mA 20mA 1 10mA 5mA 0.8 -40 -20 0 20 40 60 80 100 120
0.25 0.2 0.15 0.1 0.05 0 -40 -20 0 20 40
o
5mA
Temperature (oC)
60
80
100
Temperature ( C)
Figure 7. Form A_Typical Blocking Voltage vs. Temperature
Figure 9. Form B_Typical Blocking Voltage vs. Temperature
Form B_Typical Blocking Voltage vs. Temperature
335
e 285
Blocking Voltage (VRMS )
-40 -20 0 20 40 60 80 100
280 Blocking Voltage (VRMS) 275
330 325 320 315 310 305 300
270
265 260
255
Temperature (oC)
295 - 40
-2 0
0
20
40
60
80
100
Temperature ( oC)
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-67
Figure 10. Form B_Typical Turn-On vs. Temperature (Load Current = 170 mA)
Form B_Typical Turn-O n vs. Temperature (Load Current=170mA)
0.2
Current = 170 mA)
Form A_Typical Turn-O vs. n LED Forward Cur rent (Lo Current=170mA) ad
0.8 0.7
Turn-On (ms)
5mA
0.6 0.5 0.4 0.3 0.2
Turn-On (ms)
0.15
0.1
0.05
0.1 0 0 5 10 15 20 25 30 35 40 45 50
0 -40 - 20 0 20 40
o
60
80
100
LED Forward Current (mA)
Temperature ( C)
Figure 11. Form B_Typical Turn-Off vs.Temperature (Load Current = 170 mA)
Form B_Typical Turn-Off vs.Temperature (Lo Current=170mA) ad
3.5 3
Form A_Typical Turn-Off vs.LED Forward Current (Load Current = 170 mA)
Form A_Typical Turn-O vs. ff LED F orward Current (Load Current=170mA)
0.35 0.3
Turn-Off (ms)
5mA 10mA
0.25 0.2 0.15 0.1 0.05 0 0 5 10 15 20 25 30 35 40 45 50
Turn-Off (ms)
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 60 80 100
20m
LED Forwar Current (mA) d
Temperature ( oC)
Form A_Typical On-Resistance vs. Temperature (Load CurForm A_Typical Turn-On vs. LED Forward Current (Load
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-68
rent = 170 mA; IF = 5 mA)
For A_Typical On-Resistance vs. m Temperature (Lo Current= ad 170mA; I F=5mA)
9
Current = 170 mA
Form B_Typical Turn-Off vs. LED F orward Current (Load Current=170mA)
2.5
On-Resistance (ohm)
8
6 5 4 3 2 1 0 - 40 - 20 0 20 40
o
Turn-Off (ms)
7
2 1.5 1 0.5 0
60
80
100
0
5
10 15 20 25 30 35 40 45 50
Temperature ( C)
LED F orward Current (mA)
Form B_Typical Turn-On vs. LED Forward Current (Load Current = 170 mA)
Form B_Typical Turn-O vs. n LED Forward Cur rent (Load Cu rrent=170mA)
0.0785
Form B_Typical On-Resistance vs. Temperature (Load Current = 170mA; IF= 0 mA)
Form B_Typical On-Resistance vs. Temperature (Lo Current= ad 170mA; I F=0mA)
Turn-On (ms)
0.0780 0.0775 0.0770 0.0765 0.0760 0 5 10 15 20 25 30 35 40 45 50
On-Resistance (ohm)
9 8 7 6 5 4 3 2 1 0 -4 0 - 20 0 20 40 60 80 100
LED Forward Current (mA)
Temperature ( oC)
Form B_Typical Turn-Off vs.LED Forward Current (Load
Form A_Typical IF for Switch Operation vs. Temperature
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-69
(Load Current = 170 mA)
(Load Current = 170 mA)
For A_Typical I F for Switch m Operation vs. Temperature (Lo Current=170mA) ad
3
For B_Typical I F for Switch m Operation vs. Temperature (Load Cu rrent=170mA)
3
LED Current (mA)
LED Current (mA)
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 60 80 100
2.5 2 1.5 1 0.5 0 - 40 - 20 0 20 40 60 80 100
Temperature ( oC)
Temperature ( oC)
Form A_Typical IF for Switch Dropout vs. Temperature (Load Current = 170 mA)
Form B_Typical IF for Switch Dropout vs. Temperature (Load Current = 170 mA)
Form A_Typical I F for Switch Dropout vs. Temperature (Load Current=170mA)
3 3
Form B_Typical I F for Switch Dropout vs. Temperature (Load Cur rent=170mA) LED Current (mA)
LED Current (mA)
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 o 60 80 100
2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 o 60 80 100
Temperature ( C)
Temperature ( C)
Form B_Typical IF for Switch Operation vs. Temperature
Document Number: 83812 Revision 17-August-01
www.vishay.com 3-70


▲Up To Search▲   

 
Price & Availability of LH1512BAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X