Part Number Hot Search : 
02000 05D101K SBL1045 C109F AD805106 TDA6111Q PIC18F8 74ALS20A
Product Description
Full Text Search
 

To Download KF2008-GK11A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KF2008-GK11A
Printheads
Thick Film Thermal Printhead (8dots / mm)
KF2008-GK11A
The KF2008-GK11A use a high durability protective film to accept top coated label sheet. This is a light and small thick film type thermal printhead which achieved 1 inch / s printing speed.
!Applications POS terminal printers Label printers CAT printers General purpose compact printers
!Features 1) A high durability protective film has been developed newly as a counter measure against static electricity. 2) The clip connector for the FFC specifications has been developed newly using an original technology thereby making it possible to achieve even smaller size. 3) A newly developed 144-bits IC levels the strobe partition and reduces the noise level. 4) One rank resistance value of 15003% eliminates the inconvenience of rank selection.
!External dimensions (Units : mm)
230.50.3(HEATSINK WIDTH) Max. 1.7 230(SUBSTRATE WIDTH) (5.1) DOT #1
0 ax . 20 .
2.60.1
216(EFFECTIVE PRINT WIDTH) DOT #1728
Max. 18.0
No.28
No.1
M
Max. 10.5 (Open)
(ROCK) 36.250.1 33.750.1 0.80.03 1.250.05
0.30.05
5.10.2
2-M3 EFFECTIVE DEPTH3
50.2
220.50.2
Diagrams of appropriate cable for reference(2 / 1)
7 Dimensions of reinforcing panel
Min. 4
KF2008-GK11A
Printheads
!Equivalent circuit
144 OUTPUTS EACH VH GND DOT #1728 DOT #1
12 STB4 STB3 STB2 STB1
11
10
9
8
7
6
5
4
3
2
1
LAT CLK DI1 DO1 DI2 DO2 VDD TM TM CONNECTOR
LATCH REGISTER
LATCH REGISTER
SHIFT REGISTER
SHIFT REGISTER
THERMISTOR 30k B:3950
Fig. 1
!Pin configuration
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Circuit VH VH VH DO2 DI2 CLK LAT STB1 STB2 TM GND GND GND GND No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Circuit GND GND GND GND TM VDD STB3 STB4 DO1 DI1 VH VH VH VH
KF2008-GK11A
Printheads
!Timing chart
tw CLK CLOCK(CLK) t setup DI DATA IN(DI) High : BLACK Low : WHITE td DO DATA OUT(DO) High : BLACK Low : WHITE t hold DI
t setup LAT LATCH(LAT) High : HOLD Low : THROUGH
t hold LAT
tw LAT
t setup STB
STROBE(STB)
tdo DRIVER OUT
tdo
Fig. 2
!Characteristics
Parameter Effective printing width Dot pitch Total dot number Average resistance value Applied voltage Applied power Print cycle Pulse width Maximum number of dots energized simultaneously Maximum clock frequency Maximum roller diameter Running life / pulse life Operating temperature Symbol - - - Rave VH PO SLT TON - - - - - Typical 216.0 0.125 1728 1500 24.0 0.30 5.0 0.80 432 4 14.0 50 / 5x10 545
7
Unit mm mm dots V W / dot ms ms dots MHz mm km / pulses C
KF2008-GK11A
Printheads
!Data sheet
0.5 0.45 0.4
1.4 1.2
OPTICAL DENSITY
SLT : 10ms / line
1 0.9 0.8
ENERGY(mJ / dot)
1 0.8 0.6 0.4 0.2 0
ENERGY(mJ / dot)
0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 4 6 8 10 12 14 16 18 20 22
0.7 0.6 0.5 0.4 0.3 0.2 0.1
0.1
0.2
0.3
0.4
0.5
0 0
5
10
15
20
SCANNING LINE TIME(ms / line)
ENERGY(mJ / dot)
SCANNING LINE TIME6.5
Fig. 3 Adaptive speed chart
Fig. 4 Representative density curve
Fig. 5 Maximum energy curve
180 160 140
RESISTANCE : (k)
120 100 80 60 40 20 0 -20 -10 0 10 20 30 40 50 60 70
TEMPERATURE : (C)
Fig. 6 Thermistor curve


▲Up To Search▲   

 
Price & Availability of KF2008-GK11A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X