Part Number Hot Search : 
100M10 40HFR120 TDA8002 110CA 15700 221MB SEL6227S 4815D
Product Description
Full Text Search
 

To Download KBL602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL601 THRU KBL607
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBL
Features
UL Recognized File # E-96005 Ideal for printed circuit board Reliable low cost construction High surge current capability High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Leads solderable per MIL-STD-202, Method 208
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBL KBL KBL KBL KBL KBL KBL Units Type Number 601 602 603 604 605 606 607
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 (Note 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 6.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical thermal Resistance (Note 1) (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
VRRM VRMS VDC I(AV) IFSM VF IR RJA RJL TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 200 1.1
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
10 500 19 2.4 -55 to +125 -55 to +150
Note: 1. Thermal Resistance from Junction to Ambient Al-Plate. 2. Thermal resistance from Junction to Lead with units Mounted on P.C.B. at 0.375" (9.5mm) Lead Length and 0.6" x 0.6" (16mm x 16mm) Copper Pads.
- 602 -
RATINGS AND CHARACTERISTIC CURVES (KBL601 THRU KBL607)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A)
300 10
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
8
200
6
4
100
2
0
0
0 10 100 1000 NUMBER OF CYCLES AT 60Hz
0
50
o
100
150
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10.0
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
TJ=100 0C
1.0
1.0
0.1
0.1
TJ=25 0C
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE 0.01 .4 .6 .8 1.0 1.2 1.4 1.6
0
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 603 -


▲Up To Search▲   

 
Price & Availability of KBL602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X