Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download KBL406G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBL400G - KBL410G
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A
B
+~ ~-
C
H
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 5.6 grams (approx.) Mounting Position: Any Marking: Type Number J E G
KBL Dim Min Max A 18.50 19.50 B 13.70 14.70 C 15.20 16.30 D 6.0 6.50 E 4.60 5.60 G -- 2.10 H 19.00 -- J 1.20 O 1.30 O All Dimensions in mm
D
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBL 400G 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 75C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR RJC Tj, TSTG
KBL 401G 100 70
KBL 402G 200 140
KBL 404G 400 280 4.0 150 1.1 5.0 1.0 16 -65 to +150
KBL 406G 600 420
KBL 408G 800 560
KBL 410G 1000 700
Unit
V V A A V A mA K/W C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range @IF = 2.0A @TC = 25C @TC = 100C
Note: 1. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
KBL400G - KBL410G
1 of 3
(c) 2002 Won-Top Electronics
5
20
IF, INSTANTANEOUS FWD CURRENT (A)
IO, AVERAGE OUTPUT CURRENT (A)
10
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
4
3
1.0
2
0.1
1
Single Phase Half Wave 60 Hz Resistive or Inductive Load
0
20
40
60
80
100
120
140
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
IR, INSTANTANEOUS REVERSE CURRENT (A)
250
10
200
TC = 100C
1.0
150
100
0.1
50
8.3ms Single Half Sine-Wave JEDEC Method
TA = 25C
0 1 10 NUMBER OF CYCLES AT 60 Hz
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element
100
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
KBL400G - KBL410G
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBL400G KBL401G KBL402G KBL404G KBL406G KBL408G KBL410G
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBL400G - KBL410G
3 of 3


▲Up To Search▲   

 
Price & Availability of KBL406G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X