Part Number Hot Search : 
KP100A AM7996 STRRP MM3S0530 XT971A XT971A A4336 SEL1210R
Product Description
Full Text Search
 

To Download IP3842A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
TOP VIEW
COMP 1 V FB 2 I SENSE 3 R T /C T 4
8 7 6 5
SEME
IP1842A SERIES IP1843A SERIES
VREF VCC OUTPUT GROUND
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
FEATURES
* * * * * * Guaranteed 1% reference voltage tolerance Accurate oscillator discharge current Guaranteed 10% frequency tolerance Low start-up current (<500 mA) Under voltage lockout with hysteresis Output state completely defined for all supply and input conditions * Interchangeable with IP and UC1842/3 series for improved operation * 500kHz Oscillator operation
J Package - 8 Pin Ceramic DIP N Package - 8 Pin Plastic DIP D-8 Package - 8 Pin Plastic (150) SOIC TOP VIEW
COMP 1 N/C
2 14 13 12 11 10 9 8
VREF N/C VCC VC OUTPUT GROUND POWER GROUND
V FB 3 N/C
4
I SENSE 5 N/C
6
R T /C T 7
D-14 Package - 14 Pin Plastic (150) SOIC
Order Information
Part Number IP1842A IP2842A IP3842A IP1843A IP2843A IP3843A J-Pack 8 Pin N-Pack 8 Pin D-8 8 Pin D-14 14 Pin Temp. Range -55 to +125C -25 to +85C 0 to +70C -55 to +125C -25 to +85C 0 to +70C Note: To order, add the package identifier to the part number. eg. IP1842AD-14 IP3843AJ
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCC IO Supply Voltage Output Current Output Energy Analog Inputs Error Amp Output Sink Current Power Dissipation Derate @ Tamb > 50C Power Dissipation Derate @ Tamb > 50C Power Dissipation Derate @ Tcase > 25C Storage Temperature Range Lead Temperature (low impedance source) (ICC < 30mA) (capacitive load) (pins 2 and 3) Tamb = 25C Tcase = 25C Tcase = 25C J, N Packages D Package J, N Packages +30V Self limiting 1A 5J -0.3V to +VCC 10mA 1W 10mW/C 725mW 7.25mW/C 2W 16mW/C -65 to 150C +300C
Prelim. 2/95
PD PD PD TSTG TL
(soldering, 10 seconds)
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
LAB
DESCRIPTION
SEME
IP1842A SERIES IP1843A SERIES
The IP1842A/IP1843A series of switching regulator control circuits contain all the functions necessary to implement off-line, current mode switching regulators, using a minimum number of external parts. Functions included are voltage reference, error amplifier, current sense comparator, oscillator, totem-pole output driver and under-voltage lockout circuitry. Although pin compatible with the standard IP1842/3 parts these devices offer improved performance in several areas. They also offer tighter specification and improved performance over the IP and UC1842/3 series, whilst retaining complete compatibility.
BLOCK DIAGRAM
VCC
7/12
34V GND
5/9
UNDER-VOLTAGE LOCKOUT ENABLE REFERENCE 5V REGULATOR INTERNAL BIAS 2.5V REG
8/14
VREF
16V (8.4V)
6V (0.5V)
S R 3.6V R T /CT
4/7
VREF STATUS LATCH
7/11
VC
OSCILLATOR Q T ERROR AMP S R R 1V CURRENT SENSE COMPARATOR PWM LATCH TOGGLE FLIP FLOP *
6/10
OUTPUT
5/8
POW ER GROUND
2R
V FB COMP I SENSE
2/3 1/1
* 1844A and 1845A series only. Values in brackets are for IP1845 series. PIN NUMBERS 1st Number - N, J and 8 Pin D Packages 2nd Num ber - 14 Pin D Package.
3/5
RECOMMENDED OPERATING CONDITIONS
VCC IO Supply Voltage 1 Output Current Analog Inputs (pins 2 and 3) IP1842A , IP1843A IP2842A , IP2843A IP3842A , IP3843A Error Amp Output Sink Current Operating Ambient Temperature Range 30V 0 to 200mA -0.3V to 3V 0 to 2mA -55 to 125C -25 to 85C 0 to 70C
Notes:
1. Lower limit set by under voltage lockout specification.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 2/95
Semelab plc.
LAB
Parameter
Output Voltage Input Regulation Output Regulation Temperature Stability Total Output Variation Output Noise Voltage Long Term Stability Output Short Circuit Current Frequency Voltage Stability Temperature Stability Amplitude Discharge Current Line, Load, Temp f = 10Hz to 10kHz TJ = 25C TJ = 125C @ 1000Hrs VREF = 0
SEME
IP1842A SERIES IP1843A SERIES
ELECTRICAL CHARACTERISTICS (Over Full Operating Temperature Range unless otherwise stated)
Test Conditions 1 REFERENCE SECTION
IO = 1mA VCC = 12V to 25V IO = 1mA to 20mA TJ = 25C
IP1842A , IP1843A IP2842A , IP2843A Min. Typ. Max. 4.95 5.00 6 6 0.2 4.90 50 5 30 80 25 160 5.05 20 25 0.4 5.10
Min. 4.90
IP3842A IP3843A Typ. 5.00 6 6 0.2
Max. Units 5.10 20 25 0.4 5.18 V mV mV C V V 25 160 mV mA
4.82 50 5 30 80
OSCILLATOR SECTION
TJ = 25C VCC = 12V to 25V TA = Min to Max VPIN4 Peak to Peak TJ = 25C TA = Min to Max
47
52 0.2 5 1.7
57 1
47
52 0.2 5 1.7
57 1
kHz % % V
7.8 7 2.45
8.3
8.8 9
7.8 7 2.42
8.3
8.8 9
mA
ERROR AMP SECTION
Input Voltage Input Bias Current Open Loop Voltage Gain Unity Gain Bandwidth Supply Voltage Rejection Output Sink Current Output Source Current VOUT High VOUT Low VCC = 12V to 25V VPIN2 = 2.7V VPIN2 = 2.3V VPIN2 = 2.3V VPIN2 = 2.7V VPIN1 = 1.1V VPIN1 = 5V RL = 15k RL = 15k VO = 2V to 4V VPIN1 = 2.5V
2.50 -0.3
2.55 -1
2.50 -0.3
2.58 -2
V A dB MHz dB mA
65 0.7 60 2 -0.5 4.6
90 1 70 6 -0.8 6 0.7 1.1
65 0.7 60 2 -0.5 4.6
90 1 70 6 -0.8 6 0.7 1.1
V
NOTES
1. Test Conditions unless otherwise stated: VCC = 15V* , RT = 10k , CT = 3.3nF , f = 52kHz. *Adjust VCC above start threshold before setting at required level. All specifications apply over the full operating temperature range unless otherwise stated. (See Ordering Information for further details).
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
LAB
Parameter
Gain Maximum Input Signal Supply Voltage Rejection Input Bias Current Delay to Output
SEME
IP1842A SERIES IP1843A SERIES
ELECTRICAL CHARACTERISTICS (Over Full Operating Temperature Range unless otherwise stated)
Test Conditions 1 CURRENT SENSE SECTION
See Notes 2,3 VPIN1 = 5V VC = 12V to 25V (Note 2)
IP1842A , IP1843A IP2842A , IP2843A Min. Typ. Max. 2.85 0.9 60 3 1 70 -2 150 -10 300 0.4 2.2 3.15 1.1
Min. 2.85 0.9 60
IP3842A IP3843A Typ. 3 1 70 -2 150 0.1 1.5
Max. Units 3.15 1.1 V/V V dB -10 300 0.4 2.2 A ns
OUTPUT SECTION
Output Low Level Output High Level Rise Time Fall Time UVLO Saturation Upper Threshold (VCC) Lower Threshold (VCC) Start-up Current Operating Supply Current VCC Zener Voltage Maximum Duty Cycle Minimum Duty Cycle VPIN2 = 0V VPIN3 = 0V ICC = 25mA IP1842A Series IP1843A Series ISINK = 20mA ISINK = 200mA ISOURCE = 20mA ISOURCE = 200mA CL = 1nF CL = 1nF VCC = 6V IP1842A Series IP1843A Series IP1842A Series IP1843A Series IL = 1mA
0.1 1.5 13 12 13.5 13.5 50 50 0.7 15 7.8 9 7 16 8.4 10 7.6 0.3 11 14 30 95 34 97
V V
13 12 150 150 1.1 17 9 11 8.2 0.5 15 17 40 100 0 30 95 14.5 7.8 8.5 7
13.5 13.5 50 50 0.7 16 8.4 10 7.6 0.3 11 14 34 97 150 150 1.1 17.5 9 11.5 8.2 0.5 15 17 40 100 0
ns V
UNDER-VOLTAGE LOCKOUT SECTION V V
TOTAL STANDBY CURRENT mA mA V
PWM SECTION %
NOTES
1. Test Conditions unless otherwise stated: VCC = 15V* , RT = 10k , CT = 3.3nF , f = 52kHz. *Adjust VCC above start threshold before setting at required level. All specifications apply over the full operating temperature range unless otherwise stated. (See Ordering Information for further details).
2. Parameter measured at trip point of latch with VPIN2 = 0V 3. Gain defined as: VPIN1 VPIN3 0 VPIN3 0.8 A=
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
LAB
APPLICATIONS INFORMATION
Oscillator Waveforms and Maximum Duty Cycle
LARGE R T SMALL C T
SEME
IP1842A SERIES IP1843A SERIES
VPIN4 (VPIN7 for 14 pin D package) INTERNAL CLOCK OUTPUT - Max. Duty Cycle VPIN6 (VPIN10 for 14 pin D package)
V REF
8
RT RTCT
4
CT GND
5
LARGE C T SMALL R T
VPIN4 (VPIN7 for 14 pin D package) INTERNAL CLOCK OUTPUT - Max. Duty Cycle VPIN6 (VPIN10 for 14 pin D package)
Oscillator timing capacitor C T is charged by V REF tc 0.55 RTCT through RT and discharged by an internal current source. .0063 RT - 2.3 During the discharge time, the internal clock signal td RTCT Rn .0063 - 4 blanks the output to the low state. Selection of RT and 1 CT therefore determines both oscillator frequency and Resultant frequency f = (tc + td) maximum duty cycle. Charge and discharge times are determined by the formulae:
For RT > 5k, Resultant frequency f 1.8 (RTCT)
(
)
Open-Loop Laboratory Test Fixture
VREF
RT 4.7k 2N2222 100k 1k ERROR AMP ADJUST 5k ISENSE ADJUST 4.7k
VCC 1 COMP 2 VFB 3 ISENSE 4 R T /C T VREF 8 VCC 7 O/P 6 GND 5 GROUND
CT 0.1 F 0.1 F 1k 1kW
OUTPUT
High peak current associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin 5 in a single point ground. The transistor and 5K potentiometer are used to sample the oscillator wave form and apply an adjustable ramp to pin 3.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
LAB
OUTPUT SATURATION CHARACTERISTICS
4 100 SAT U R AT IO N VO L TAG E (V) 80 TA = 25C TA = -55C 2 (dB) 3 VCC = 15V 60 VO LT AG E G AIN 40
SEME
IP1842A SERIES IP1843A SERIES
TYPICAL PERFORMANCE CHARACTERISTICS
ERROR AMPLIFIER OPEN-LOOP FREQUENCY RESPONSE
0
-45 PH ASE ()
B
-90
SOURCE SAT 1
( VCC- VOH)
20 AV 0
-135
-180
SINK SAT (VOL ) 0 .01 .02 .03 .04 .05 .07 .1 .2 .3 .4 .5 .7 1.0 10 100 1k 10k FREQUENCY (Hz) 100k 1M 10M
OUTPUT CURRENT, SOURCE / SINK (A)
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95


▲Up To Search▲   

 
Price & Availability of IP3842A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X