Part Number Hot Search : 
325HS BV55C NCP1271A 1SR154 AMS317A E186M LM2575 BUL89
Product Description
Full Text Search
 

To Download HV20720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV20720 Dual 1 of 4 High Voltage Analog Switch
Ordering Information
Package Options VPP-VNN 200V 28-Lead Plastic Chip Carrier HV20720PJ Die HV20720X
Features
HVCMOS(R) technology for high performance Operating voltage of up 200V Very low quiescent current-10A Low parasitic capacitances Over 20MHz bandwidth -58dB typical output off isolation at 5MHz 5.0V CMOS logic circuitry Excellent noise immunity Flexible high voltage supplies
General Description
The Supertex HV207 is an 8-channel high-voltage analog switch integrated circuit (IC) configured as a dual 1 of 4 analog switch. The 2 sets of 4 analog switches are controlled independently with the 2 independent 1:4 decoders. The addressed switches are turned ON and the unaddressed switches are turned OFF. A logic high on the input clear pin will turn OFF all output switches regardless of the address input states.
Absolute Maximum Ratings*
VDD Logic power supply voltage VPP - VNN Supply voltage VPP Positive high voltage supply VNN Negative high voltage supply Logic input voltages VSIG Analog Signal Range Peak analog signal current/channel Storage temperature Power dissipation, 28 pin PLCC -0.5V to +7.5V +220V -0.5V to +200V +0.5V to -200V -0.5V to VDD +0.3V VNN to VPP 3.0A -65C to +150C 1.2W
* All voltages are referenced to ground. Absolute maximum ratings are those values which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability.
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website. 1
HV20720
Electrical Characteristics
DC Characteristics (VPP = + 100V, VNN = -100V, VDD = + 5.0V, TA = + 25C)
Characteristics Small Signal Switch (ON) Resistance Small Signal Switch (ON)Resistance Matching Voltage Drop Across SW at Large Positive VSIG Voltage Drop Across SW at Large Negative VSIG Switch Off Leakage Per Switch DC Offset Switch OFF DC Offset Switch ON Pos. HV Supply Current Neg. HV Supply Current Pos. HV Supply Current Neg. HV Supply Current Switch Output Peak Current Output Switch Frequency IPP Supply Current INN Supply Current Logic Supply Quiescent Current fSW IPP INN IDDQ 3.5 -3.5 IPPQ INNQ IPPQ INNQ Sym RONS RONS VSW VSW ISOL 1.0 100 100 10 -10 10 -10 3.0 min typ 22 5.0 max 27 20 15 8.0 10 300 500 50 -50 50 -50 2.0 50 5.0 -5 10 Units % V V A mV mV A A A A A Khz mA mA A Test Conditions VSIG = 0V, ISW = 5mA VSIG = 0V, ISW = 5mA VSIG = +90V, RL = 200 VSIG = -90V, RL = 200 VSIG = Vpp - 10V and VNN + 10V RL =100K RL =100K All SWs OFF All SWs OFF All SWs ON, ISW = 5 mA All SWs ON, ISW = 5 mA VSIG duty cycle 0.1% Duty Cycle = 50% 4 SWs turning ON and OFF at 50KHz.
Electrical Characteristics
AC Characteristics (VPP = + 100V, VNN = - 100V, VDD = + 5.0V, TA = + 25C)
Characteristics Turn On Time Turn Off Time Maximum VSIG Slew Rate Off Isolation Switch Crosstalk Output Switch Isolation Diode Current Sym tON tOFF dv/dt KO KCR IID -45 -60 300 -58 min typ max 5.0 5.0 13 Units s s V/ns dB dB mA f = 5.0MHz, RLOAD = 50 f = 5.0MHz, RLOAD = 50 300ns pulse width, 2.0% duty cycle Test Conditions VSIG = VPP - 10V, RLOAD = 10K VSIG = VPP - 10V, RLOAD = 10K
2
HV20720
Operating Conditions
Symbol VPP - VNN VPP VNN VDD VIH VIL VSIG TA Parameter Maximum differential voltage Positive high voltage supply1 Negative high voltage supply1 Logic power supply voltage1 High-level input voltage Low-level input voltage Analog signal voltage peak-to-peak2 Operating free air-temperature +200V +40V to VNN + 200V -40V to -160V +4.75V to +5.25V VDD -1.5V to VDD 0V to 1.5V VNN +10V to VPP -10V 0C to 70C Value
Notes: 1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last. 2 VSIG must be VNN VSIG VPP or floating during power up/down transistion.
Truth Table
A1 L L H H X A0 L H L H X CLA L L L L H B1 L L H H X B0 L H L H X CLB L L L L H SW0A ON OFF OFF OFF OFF SW1A OFF ON OFF OFF OFF SW2A OFF OFF ON OFF OFF SW3A OFF OFF OFF ON OFF SW0B ON OFF OFF OFF OFF SW1B OFF ON OFF OFF OFF SW2B OFF OFF ON OFF OFF SW3B OFF OFF OFF ON OFF
Logic Timing Waveforms
A0,A1 CLA VDD 0V VDD 0V TOFF TON 50% 50%
SW0A
ON OFF 10% 90%
SW3A
ON OFF
3
HV20720
Test Circuits
VPP -10V RL VOUT VOUT 10K
VPP -10
ISOL
VNN +10
100K
RL
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
Switch OFF Leakage
DC Offset ON/OFF
TON /TOFF Test Circuit
VIN = 10 VP-P @5MHz VSIG VOUT RL IID VNN
VIN = 10 VP-P @5MHz 50 NC 50
VPP VNN
VPP VNN
VDD GND VOUT VIN
5V
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND VOUT VIN
5V
KO = 20Log
KCR = 20Log
OFF Isolation
Isolation Diode Current
Crosstalk
VOUT VOUT 1000pF
+VSPK VOUT -VSPK 50
VSIG 1K RL
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
Q = 1000pF x VOUT
Charge Injection
Output Voltage Spike
4
HV20720
Block Diagram
Vpp
SW0A SW0A VDD High Voltage Level Trans. SW1A SW1A SW2A SW2A SW3A SW3A
A0 A1 CLA
1:4 Decoder A
GND SW0B SW0B VDD High Voltage Level Trans. SW1B SW1B SW2B SW2B SW3B SW3B
B0 B1 CLB GND
1:4 Decoder B
VNN
Pin Configuration
HV207 28-Pin J-Lead Pin Function 1 SW3A 2 SW2A 3 SW2A 4 SW1A 5 SW1A 6 SW0A 7 SW0A 8 N/C 9 VPP 10 N/C 11 VNN 12 GND 13 VDD 14 B0 Pin 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Function B1 A0 A1 CLB CLA SW0B SW0B SW1B SW1B SW2B SW2B SW3B SW3B SW3A
Package Outline
25 26
27
24
23
22
21
20
19 18 17 16 15 14 13 12
28 1 2 3 4 5 6 7 8 9 10 11
top view 28-pin J-Lead Package
11/12/01
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
5
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com


▲Up To Search▲   

 
Price & Availability of HV20720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X