Part Number Hot Search : 
W921C841 01901 S9684 D211ERU ZSP400 MKW2543 TK73229 P34BF
Product Description
Full Text Search
 

To Download HT82M39A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT82M39A 3D PS/2 Mouse Controller
Feature
* * * *
Microsoft Intelli 3D PS/2 and IBM PS/2 mouse compatible Supports rolling buttons in PS/2 mouse mode X/Y axis photo input with built-in Holteks special dynamic photo-input resistor Supports three buttons and three axis (X, Y, Z) inputs
* * *
Z axis can support two kinds of scroller input (optomechanical and mechanical) 2MHz RC oscillator for system frequency with an external pull-high resistor 16-pin DIP
General Description
The HT82M39A is a Plug and Play PS/2 3D mouse controller. It is compatible with Microsoft Intelli 3D PS/2 mouse. The Z axis can support two kinds of scroller input, namely; optomechanical and mechanical.
Pin Assignment
Z1 1 2 3 4 5 6 7 8 Z2 VDD NC VSS OSCI CLK DATA 16 15 14 13 12 11 10 9 Y2 Y1 X2 X1 TEST LB R0 RB
HT82M 39A 1 6 D IP
1
August 5, 1999
HT82M39A
Pin Description
Pin No. 1, 2 3 4 5 6 7 8 Pin Name Z1, Z2 VDD NC VSS OSCI CLK DATA I I I/O I/O I/O I I Description Z axis input supports two kinds of scroller input; optomechanical and mechanical. Positive power supply pin No connection Negative power supply pin 2MHz RC oscillator for system frequency with external pull-high resistor and built-in C CLK I/O: PS/2 mouse CLK line. NMOS open drain output with 5kW pull-high resistor. DATA I/O: PS/2 mouse DATA line. NMOS open drain output with 5kW pull-high resistor. Right Button: Normal pull-low (50kW), Pressing the button connects to high. Rolling Button: Normal pull-low (50kW), Pressing the button connects to high. Left Button: Normal pull-low (50kW), Pressing the button connects to high. For IC manufacture testing, user should leave it floating. X/Y axis photo input with built-in Holteks special dynamic photo input resistor
9~11
RB, RO, LB
I
12 13~16
TEST X1, X2, Y1, Y2
I I
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 6.5V Input Voltage .................VSS-0.3V to VDD+0.3V Storage Temperature.................-50C to 125C Operating Temperature ..............-25C to 70C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
2
August 5, 1999
HT82M39A
Electrical Characteristics
Symbol VDD IOP fOSC VIL1 VIH1 VIL2 VIH2 RPH2 Isink VIL3 VIH3 RPL3 VIL4 VIH4 RPL5 Parameter Operating Voltage Operating Current RC Oscillator Input Low Voltage (Z1, Z2) Input High Voltage (Z1, Z2) Input Low Voltage (CLK, DATA) Input High Voltage (CLK, DATA) Pull-high Resistor (CLK, DATA) Sink Current (CLK, DATA) Input Low Voltage (RB, Ro, LB) Input High Voltage (RB, Ro, LB) Pull-low Resistor (RB, Ro, LB) Input Low Voltage (X1,X2,Y1,Y2) Input high Voltage (X1, X2, Y1, Y2) Dynamic Photo-resistor (X1, X2, Y1, Y2, Z1, Z2) Test Conditions VDD 3/4 5V 5V 5V 5V 5V 5V 5V 5V 5V 5V 5V 5V 5V 5V Conditions 3/4 ROSC=120kW ROSC=120kW 3/4 3/4 3/4 3/4 VIL=0V VOH=0.4V 3/4 3/4 VIL=0V 3/4 3/4 3/4 Ta=25C Min. Typ. Max. Unit 4.5 3/4 1.6 0 2.2 0 2.0 2 4 0 1.8 3.0 0 2.2 5.0 3/4 2 3/4 3/4 3/4 3/4 5 3/4 3/4 3/4 60 3/4 3/4 5.5 15 2.2 1.5 5 0.8 5.0 10 3/4 1.0 5 125 1.5 5 V mA V V V V V kW mA V V kW V V
See Dynamic resistor characteristics
Dynamic resistor characteristics
* R-V curve
3
August 5, 1999
HT82M39A
Functional Description
PS/2 mouse
* PS/2 status byte
X movement towards the right is positive, moving towards the left is negative Y upward movement is positive, moving down is negative Z rolling towards the user is positive, else negative Button status: 1=pressed, 0=released
* Mouse mode changes between Standard and
Byte 1 bit 7: Reserved 6: 0=Stream Mode, 1=Remote Mode 5: 0=Disabled, 1=Enabled 4: 0=Scaling 1:1, 1=Scaling 2:1 3: 1=Wrap Mode, 0=Stream or Remote (different from IBM specs.) 2: 1=Left Button Pressed 1: 1=Middle Button Pressed 0: 1=Right Button Pressed Byte 2 Bit 0~7 current resolution setting (Bit 0=LSB) Byte 3 Bit 0~7 current sampling rate (Bit 0=LSB)
* Standard PS/2 data format
3D PS/2 mode
Sending the commands in the following sequence will set the mouse to 3D PS/2 mode. Command F3h C8h F3h 64h F3h 50h F2h Response From Mouse FAh FAh FAh FAh FAh FAh FAh, 03h
Any time the PC sends a reset FFh com-
Variable rps, 0, 8, 1, bidirectional, synchronous Bit No. 1st word 7 6 5 4 3 1 2 M 1 R 0 L YV XV YS XS
mand to the mouse, it will reset the mouse to Standard PS/2 mode. After power-on reset is initiated, the mouse is set to Standard PS/2 mode.
2nd word X7 X6 X5 X4 X3 X2 X1 X0 3rd word Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0
* Data format for 3D PS/2
Variable rps, 0, 8, 1, bidirectional, synchronous Bit No. 7 6 5 4 3 1 2 Ro 1 R 0 L 1st word YV XV YS XS
2nd word X7 X6 X5 X4 X3 X2 X1 X0 3rd word Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0 4th word Z7 Z6 Z5 Z4 Z3 Z2 Z1 Z0 The x/y data report is 9-bit 2s complement The z data report is 8-bit 2s complement
4
August 5, 1999
HT82M39A
Timing Diagrams
X, Y axis photo-coupler crossed width
X 1 (Y 1 ) X 2 (Y 2 ) tr tp tr, tp , tf > 2 0 m s tf
X/Y/Z axis counting
X1 X2 +1 Z1 Z2 +1 +1 -1 -1 +1 +1 +1 -1 -1 -1 -1
5
August 5, 1999
HT82M39A
PS/2 mouse
* Data output
(1 ) CLK (3 )
1st CLK
(3 )
2nd CLK
(3 )
(3 )
1 0 th CLK
(4 )
1 1 th CLK
T6
T3 (2 ) DATA T1 S ta r t B it T2
T4 B it 0 P a r ity B it
T5
(5 )
(7 )
S to p B it (6 )
T im in g P a r a m e te r
M in ./M a x . 5 /2 5 m s e c 5 /T 4 -5 m s e c 3 0 /5 0 m s e c 3 0 /5 0 m s e c >0 msec <50 msec
T1 T2 T3 T4 T5
T6
D A T A tr a n s itio n to th e fa llin g e d g e o f C L K R is in g e d g e o f C L K to D A T A tr a n s itio n In a c tiv e C L K D u r a tio n A c tiv e C L K D u r a tio n M in im u m tim e to in h ib it M O U S E a fte r c lo c k 1 1 M a x im u m tim e to in h ib it M O U S E a fte r c lo c k 1 1 to e n s u r e M O U S E d o e s n o t s ta r t a n o th e r tr a n s m is s io n
* Data input
(1 ) CLK (2 ) I/O In h ib it (4 ) 1 s t CLK 2nd CLK 9 th CLK 1 0 th CLK 1 1 th CLK (8 ) (6 ) P a r ity B it (5 ) S to p B it (7 )
T7 T9 DATA S ta r t B it (3 )
T8 B it 0 (5 )
T im in g P a r a m e te r T7 T8 T9 C L K D u r a tio n , lo w C L K D u r a tio n , h ig h T im e fr o m lo w to h ig h C L K tr a n s itio n to tim e w h e n M O U S E s a m p le s D A T A lin e
M in ./M a x . 3 0 /5 0 m s e c 3 0 /5 0 m s e c 5 /2 5 m s e c
6
August 5, 1999
HT82M39A
HT82M39A Z axis optomechanical (this application circuit is for reference only)
V 51kW 120kW IR 1 .5 k W 51kW 1 2 3 4 100kW 6 CLK DATA 8 7 5 100kW Z1 Z2 VDD NC VSS OSCI CLK DATA Y2 Y1 X2 X1 TEST LB Ro RB 9 16 15 14 13 12 11 10 IR 0 .1 m F
CC
IR
S1 S2 S3
1 .5 k W
Application Circuits
H T82M 39A
7
August 5, 1999
HT82M39A
HT82M39A Z axis optomechanical (this application circuit is for reference only)
V 0 .1 m F IR 120kW IR 1 .5 k W 1 2 3 4 5 6 CLK DATA 8 7 NC VSS OSCI CLK DATA VDD Z2 Z1 Y2 Y1 X2 X1 TEST LB Ro RB 9 16 15 14 13 12 11 10 IR
CC
S1 S2 S3
1 .5 k W
H T82M 39A
8
August 5, 1999
HT82M39A
HT82M39A Z axis mechanical (this application circuit is for reference only)
V 0 .1 m F 120kW IR E ncoder EVZVXC 00112B 1 2 3 4 5 6 CLK DATA 8 7 CLK DATA OSCI VSS NC VDD X2 X1 TEST LB Ro RB 9 Z2 Y1 14 13 12 11 10 IR 15 Z1 Y2 16
CC
S1 S2 S3
1 .5 k W
H T82M 39A
9
August 5, 1999
HT82M39A
Holtek Semiconductor Inc. (Headquarters) No.3 Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan, R.O.C. Tel: 886-3-563-1999 Fax: 886-3-563-1189 Holtek Semiconductor Inc. (Taipei Office) 5F, No.576, Sec.7 Chung Hsiao E. Rd., Taipei, Taiwan, R.O.C. Tel: 886-2-2782-9635 Fax: 886-2-2782-9636 Fax: 886-2-2782-7128 (International sales hotline) Holtek Microelectronics Enterprises Ltd. RM.711, Tower 2, Cheung Sha Wan Plaza, 833 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Copyright O 1999 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
10
August 5, 1999


▲Up To Search▲   

 
Price & Availability of HT82M39A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X