Part Number Hot Search : 
UPD5702 K1753 2SC3297 MS820 2SC13 7318S 78L08 7318S
Product Description
Full Text Search
 

To Download HRF3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRF3205, HRF3205S
Data Sheet December 2001
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. NOTE: Calculated continuous current based on maximum allowable junction temperature. Package limited to 75A continuous, see Figure 9.
Features
* 100A, 55V (See Note) * Low On-Resistance, rDS(ON) = 0.008 * Temperature Compensating PSPICE(R) Model * Thermal Impedance SPICE Model * UIS Rating Curve * Related Literature - TB334, "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER HRF3205 HRF3205S PACKAGE TO-220AB TO-263AB BRAND HRF3205 HRF3205S
G
S
NOTE: When ordering, use the entire part number. Add the suffix T to obtain the TO-263AB variant in tape and reel, e.g., HRF3205ST.
Packaging
JEDEC TO-220AB
DRAIN (FLANGE) GATE SOURCE DRAIN GATE SOURCE
JEDEC TO-263AB
DRAIN (FLANGE)
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S
TC = 25oC, Unless Othewise Specified Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Drain Current Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
Absolute Maximum Ratings
55 55 20V 100 390 Figure 10 175 1.17 -55 to 175 300 260
V V V A A W W/oC oC
oC oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V VGS = VDS, ID = 250A VDS = 55V, VGS = 0V VDS = 44V, VGS = 0V, TC = 150oC VGS = 20V Reference to 25oC, ID = 250A ID = 59A, VGS = 10V (Figure 4) VDD = 28V, ID 59A, RL = 0.47, VGS = 10V, RGS = 2.5 MIN 55 2 VDD = 44V, ID 59A, VGS = 10V, Ig(REF) = 3mA (Figure 6) VDS = 25V, VGS = 0V, f = 1MHz (Figure 5) Measured From the Contact Modified MOSFET Screw on Tab to Center of Die Symbol Showing the Internal Devices InMeasured From the Drain ductances Lead, 6mm (0.25in) From D Package to Center of Die Measured From the Source Lead, 6mm (0.25in) From Header to Source Bonding Pad
LD G LS S
TYP 0.057 0.0065 14 100 43 70 4000 1300 480 7.5
MAX 4 25 250 100 0.008 170 32 74 -
UNITS V V A A nA V ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Source Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Breakdown Voltage Temperature Coefficient Drain to Source On Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Source Inductance
IGSS V(BR)DSS/ TJ rDS(ON) td(ON) tr td(OFF) tf Qg Qgs Qgd CISS COSS CRSS LS
-
Internal Drain Inductance
LD
-
4.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA TO-220 TO-263 (PCB Mount, Steady State)
-
-
0.85 62 40
oC/W oC/W oC/W
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulsed Source to Drain Current (Note 2) SYMBOL ISD ISDM TEST CONDITIONS MOSFET Symbol Showing The Integral Reverse P-N Junction Diode
D
MIN -
TYP -
MAX 100 (Note 1 390
UNITS A A
G
S
Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge NOTE:
VSD trr QRR
ISD = 59A (Note 4) ISD = 59A, dISD/dt = 100A/s (Note 4) ISD = 59A, dISD/dt = 100A/s (Note 4)
-
110 450
1.3 170 680
V ns nC
2. Repetitive rating; pulse width limited by maximum junction temperature (See Figure 11)
Typical Performance Curves
1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 100 4.5V 1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
100
10 0.1
20s PULSE WIDTH TC = 25oC 1.0 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
10 0.1
20s PULSE WIDTH TC = 175oC 1 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 1. OUTPUT CHARACTERISTICS
FIGURE 2. OUTPUT CHARACTERISTICS
1000 ID, DRAIN TO SOURCE CURRENT(A) NORMALIZED DRAIN TO SOURCE ON RESISTANCE
2.5 ID = 98A, VGS = 10V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
2.0
100
TJ = 25oC
1.5
10
TJ = 175oC
1.0
1 3 4.5 6
VDS = 25V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 7.5 9
0.5
0 -80
-40
VGS, GATE TO SOURCE VOLTAGE (V)
0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC)
200
FIGURE 3. TRANSFER CHARACTERISTICS
FIGURE 4. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S Typical Performance Curves
8000 VGS, GATE TO SOURCE VOLTAGE (V) 7000 C, CAPACITANCE (pF) 6000 5000 CISS 4000 3000 COSS 2000 1000 0 1 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100 CRSS VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGS
(Continued)
20
ID = 59A VDS = 28V
16 VDS = 11V 12 VDS = 44V 8
4
0 0 36 72 108 144 180 Qg , GATE CHARGE (nC)
FIGURE 5. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 6. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
1000 ISD, REVERSE DRAIN CURRENT(A)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TJ = 175oC
1000
100
ID, DRAIN CURRENT (A)
10s 100 OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) 100s 1ms 10ms
10
TJ = 25oC
10
1 0.5 1.0 1.5 2.0 VSD, SOURCE TO DRAIN VOLTAGE (V)
1 1
VDSS(MAX) = 55V 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100
FIGURE 7. SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FIGURE 8. FORWARD BIAS SAFE OPERATING AREA
120
1000 IAS, AVALANCHE CURRENT (A)
ID, DRAIN CURRENT (A)
90
If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
60
100
STARTING TJ = 25oC
30 CURRENT LIMITED BY PACKAGE 0 25 50 75 100 125 150 175
STARTING TJ = 150oC
TC, CASE TEMPERATURE (oC)
10 0.01
1 10 0.1 tAV, TIME IN AVALANCHE (ms)
100
FIGURE 9. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 10. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S Typical Performance Curves
10 DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01
(Continued)
THERMAL IMPEDANCE
ZJC, NORMALIZED
1
PDM 0.1 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 10-1 t, RECTANGULAR PULSE DURATION (s) 100 101
0.01
SINGLE PULSE 10-5 10-4
FIGURE 11. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
VDS RL
VDD Qg(TOT) Qgd Qgs VGS
VGS
+
VDD DUT IG(REF) IG(REF) 0 0
VDS
FIGURE 14. GATE CHARGE TEST CIRCUIT
FIGURE 15. GATE CHARGE WAVEFORM
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S Test Circuits and Waveforms
VDS
(Continued)
tON td(ON) RL VDS
+
tOFF td(OFF) tr tf 90%
90%
VGS
DUT RGS
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S PSPICE Electrical Model
SUBCKT HRF3205P3 2 1 3 ;
CA 12 8 4.9e-9 CB 15 14 4.9e-9 CIN 6 8 3.45e-9
10
rev 7/25/97
LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + 17 EBREAK 18 MWEAK MMED MSTRO CIN LSOURCE 8 RSOURCE RLSOURCE S1A 12 S1B CA 13 + EGS 6 8 EDS 13 8 S2A 14 13 S2B CB + 5 8 8 22 RVTHRES 14 IT VBAT + 15 17 RBREAK 18 RVTEMP 19 7 SOURCE 3 DRAIN 2 RSLC1 51 ESLC 50
RSLC2
5 51
EBREAK 11 7 17 18 57 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTHRES 6 21 19 8 1 EVTEMP 20 6 18 22 1 IT 8 17 1
GATE 1
ESG + LGATE EVTEMP RGATE + 18 22 9 20 6 8 EVTHRES + 19 8 6
LDRAIN 2 5 1e-9 LGATE 1 9 2.6e-9 LSOURCE 3 7 1.1e-9 K1 LGATE LSOURCE 0.0085 MMED 16 6 8 8 MMEDMOD MSTRO 16 6 8 8 MSTROMOD MWEAK 16 21 8 8 MWEAKMOD
RLGATE
RBREAK 17 18 RBREAKMOD 1 RDRAIN 50 16 RDRAINMOD 3.5e-4 RGATE 9 20 0.36 RLDRAIN 2 5 10 RLGATE 1 9 26 RLSOURCE 3 7 11 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 RSOURCE 8 7 RSOURCEMOD 4.5e-3 RVTHRES 22 8 RVTHRESMOD 1 RVTEMP 18 19 RVTEMPMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD
VBAT 22 19 DC 1 ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*550),3))} .MODEL DBODYMOD D (IS = 4.25e-12 RS = 1.8e-3 TRS1 = 2.75e-3 TRS2 = 5e-6 CJO = 5.95e-9 TT = 4e-7 M = 0.55) .MODEL DBREAKMOD D (RS = 0.0 6IKF = 30 TRS1 = -3e- 3TRS2 = 3e-6) .MODEL DPLCAPMOD D (CJO = 4.45e- 9IS = 1e-3 0N = 1 M = 0.88 VJ = 1.45) .MODEL MMEDMOD NMOS (VTO = 2.93 KP = 9.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1) .MODEL MSTROMOD NMOS (VTO = 3.23 KP = 150 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL MWEAKMOD NMOS (VTO = 2.35 KP = 0.02 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 10) .MODEL RBREAKMOD RES (TC1 = 8e- 4TC2 = 4e-6) .MODEL RDRAINMOD RES (TC1 = 8e-2 TC2 = 5e-6) .MODEL RSLCMOD RES (TC1 = 1e-4 TC2 = 1.05e-6) .MODEL RSOURCEMOD RES (TC1 = 1e-4 TC2 = 1.5e-5) .MODEL RVTHRESMOD RES (TC1 = -2.3e-3 TC2 = -1.2e-5) .MODEL RVTEMPMOD RES (TC1 = -2.2e- 3TC2 = -7e-6) .MODEL S1AMOD VSWITCH (RON = 1e-5 .MODEL S1BMOD VSWITCH (RON = 1e-5 .MODEL S2AMOD VSWITCH (RON = 1e-5 .MODEL S2BMOD VSWITCH (RON = 1e-5 .ENDS ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 VON = -9 VOFF= -4) VON = -4 VOFF= -9) VON = 0 VOFF= 2.5) VON = 2.5 VOFF= 0)
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
(c)2001 Fairchild Semiconductor Corporation
+ -
DBODY 7 5 DBODYMOD DBREAK 5 11 DBREAKMOD DPLCAP 10 5 DPLCAPMOD
RDRAIN 21 16
DBODY
HRF3205, HRF3205S Rev. B
HRF3205, HRF3205S SPICE Thermal Model
REV 25 July 97 HRF3205 CTHERM1 7 6 2.53e-5 CTHERM2 6 5 1.38e-3 CTHERM3 5 4 7.00e-3 CTHERM4 4 3 2.50e-2 CTHERM5 3 2 1.33e-1 CTHERM6 2 1 5.75e-1 RTHERM1 7 6 7.78e-4 RTHERM2 6 5 8.55e-3 RTHERM3 5 4 3.00e-2 RTHERM4 4 3 1.42e-1 RTHERM5 3 2 2.65e-1 RTHERM6 2 1 2.33e-1
RTHERM1 CTHERM1 7 JUNCTION
6
RTHERM2
CTHERM2
5
RTHERM3
CTHERM3
4
RTHERM4
CTHERM4
3
RTHERM5
CTHERM5
2
RTHERM6
CTHERM6
1
CASE
(c)2001 Fairchild Semiconductor Corporation
HRF3205, HRF3205S Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of HRF3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X