Part Number Hot Search : 
HD643 1SS400 UMF1C2 K3702 RF151 PT2250A 20040 437BET
Product Description
Full Text Search
 

To Download HL01R05S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
1 WATT REGULATED DC/DC CONVERTER
HL01R
FEATURES
G LOW COST G NON-CONDUCTIVE CASE G INTERNAL INPUT AND OUTPUT FILTERING G SHORT CIRCUIT PROTECTED G BUILT IN STANDOFFS G INDUSTRY STANDARD PINOUT
DESCRIPTION
The HL01R Series uses advanced circuit design and packaging technology to realize superior reliability and performance. A 125kHz push-pull oscillator is used in the input stage. Beat-frequency oscillator problems are reduced when using the HL01R Series with high frequency isolation amplifiers. Reduced parts count and all surface mount construction add to the reliability of the HL01R Series. The use of surface mount devices and magnetics eliminate hand soldering operations. This "hands-free" construction increases quality and reliability while keeping cost low.
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.......................................................1.2W Short Circuit Duration....................................................Continuous Lead Temperature (soldering, 10 seconds max)................+300C
ORDERING INFORMATION
HL01R xxyzz Y/Z /H Device Family HL Indicates DC/DC Converter Model Number Where: xx = Input Voltage y = Number or Outputs (Single "S", Dual "D") zz = Output Voltage Package Option Screening Option DIP Package only
*
*Note: Refer to Reflow Profile for SMD Models.
TYPICAL PERFORMANCE CURVES
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified.
EFFICIENCY vs LOAD 60% 50%
Efficiency (%)
40% 30% 20% 10% 0% 0% 25% 50% Load (mA) 75% 100%
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369 Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 0
HL01RrevD,10/97
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. NOMINAL INPUT VOLTAGE MODEL HL01R05S05 HL01R05S12 HL01R05S15 HL01R12S05 HL01R12S12 HL01R12S15 HL01R15S05 HL01R15S12 HL01R15S15 HL01R24S05 HL01R24S12 HL01R24S15 HL01R05D05 HL01R05D12 HL01R05D15 HL01R12D05 HL01R12D12 HL01R12D15 HL01R15D05 HL01R15D12 HL01R15D15 HL01R24D05 HL01R24D12 HL01R24D15 (VDC) 5 5 5 12 12 12 15 15 15 24 24 24 5 5 5 12 12 12 15 15 15 24 24 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 RATED OUTPUT CURRENT (mA) 200 83 67 200 83 67 200 83 67 200 83 67 100 41 33 100 41 33 100 41 33 100 41 33 INPUT CURRENT MIN LOAD (mA) 50 50 50 40 40 40 30 30 30 20 20 20 50 50 50 40 40 40 30 30 30 20 20 20 RATED LOAD (mA)(%) 400 400 400 160 160 160 130 130 130 80 80 80 425 400 400 185 160 160 145 130 130 90 80 80 58 52 52 58 52 52 58 52 52 58 52 52 45 53 53 45 53 53 45 53 53 45 53 53 EFFICIENCY
Note: Other input to output voltages may be available. Please contact factory.
COMMON SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. PARAMETER INPUT Voltage Range CONDITIONS MIN 4.75 11.4 14.25 22.8 TYP 5 12 15 24 30 MAX 5.25 12.6 15.75 25.2 100 UNITS VDC VDC VDC VDC mAp-p
Reflected Ripple Current ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficent Ripple & Noise Line Regulation Load Regulation GENERAL Switching Frequency Package Weight MTTF per MIL-HDBK-217, Rev. F Ground Benign TEMPERATURE Specification Operation Storage
60 Hz, 10 Seconds
500 500 1 25 2
VISO= 240VAC, 60Hz
10
VDC Vpk G pF Arms
BW = DC to 10MHz BW =10Hz to 2MHz High Line to Low Line Rated Load to No Load
1 3 0.01 30 1 0.1 0.3 125 10
5 0.02 100 10 0.3 0.5
W % %/C mVp-p mVrms % % kHz g kHr
Circuit Stress Method 675
-25 -40 -40
+70 +85 +110
C C C
Page 2
HL01RrevD,10/97
MECHANICAL
Package/Pinout "Y" and "Z"
1.2850.010" (32.640.25)
1514 13
1.2850.010" (32.640.25)
2423 22
2423 22
1514 13
TOP VIEWS
0.5250.010" (13.340.25)
0.5250.010" (13.340.25)
HL01RxxyzzY
HL01RxxyzzZ
0.6950.015" (17.650.38)
123
10 11 12
123
10 11 12
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.0200.002" (0.510.05)
SIDE VIEWS
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.1000.010" (2.540.25) 0.0200.002" (0.510.05)
0.1000.010" (2.540.25)
END VIEWS
0-15
0.600" (15.24)
0.125+0.030" -0.000" (3.18+0.76) ( -0.00)
0.0140.002" (0.360.05)
.015.010" (.38.25)
DIP PACKAGE
NU = Do Not Use. NC = No Internal Connection. Duplicate pin functions are internally connected. All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) Typically Marked with: specific model ordered, date code, job code and Logo.
SMD PACKAGE
PIN CONNECTIONS
PIN#
1 2 3 10 11 12 13 14 15 22 23 24
SINGLES
+VIN NU NU -VOUT +VOUT -VIN -VIN +VOUT -VOUT NU NU +VIN
DUALS
+VIN -VOUT Common Common +VOUT -VIN -VIN +VOUT Common Common -VOUT +VIN
RECOMMENDED LAND PATTERN
0.100" (2.54)
2423 22 1514 13
RECOMMENDED REFLOW PROFILE
30 sec MAX (>220C) 250 235 C MAX 220 200 190
TEMPERATURE (C)
0.730" (18.54) 0.040" (1.02)
123
0.080" (2.03)
150
10 11 12
100
1.150" (29.21)
90 sec MAX (>190C)
50
TIME (seconds)
HL01RrevD,10/97
Page 2
Page 4
HL01RrevD,10/97


▲Up To Search▲   

 
Price & Availability of HL01R05S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X