Part Number Hot Search : 
00260 91022 IRFS630B IRFS630B AXE3225P RM100 DLQ5229B 175BG
Product Description
Full Text Search
 

To Download HER306-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
HER301 - HER308
3.0A HIGH EFFICIENCY RECTIFIER
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 1.2 grams (approx.) Mounting Position: Any Marking: Type Number Epoxy: UL 94V-O rate flame retardant D
DO-201AD Dim Min Max A 25.4 -- B 8.50 9.50 C 1.20 1.30 D 5.0 5.60 All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. HER 301 50 35 HER 302 100 70
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range @IF = 3.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
HER 303 200 140
HER 304 300 210 3.0
HER 305 400 280
HER 306 600 420
HER 307 800 560
HER 308 1000 700
Unit
V V A
IFSM VFM IRM trr Cj Tj TSTG 50 80 1.0
150 1.3 10.0 100 75 50 -65 to +125 -65 to +150 1.7
A V A nS pF C C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
HER301 - HER308
1 of 3
(c) 2002 Won-Top Electronics
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
Single phase half wave Resistive or Inductive load
IF, INSTANTANEOUS FORWARD CURRENT (A)
4
100
HER301 - HER304
3
10
HER305
HER306 - HER308
2
1.0
1
0.1
Tj = 25C Pulse width = 300s 2% duty cycle
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.6
1.0
1.4
1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3ms single half sine-wave
100
HER301 - HER305
100
Cj, CAPACITANCE (pF)
HER306 - HER308
10
10 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive) 10 NI
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
HER301 - HER308
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
HER301-T3 HER301-TB HER301 HER302-T3 HER302-TB HER302 HER303-T3 HER303-TB HER303 HER304-T3 HER304-TB HER304 HER305-T3 HER305-TB HER305 HER306-T3 HER306-TB HER306 HER307-T3 HER307-TB HER307 HER308-T3 HER308-TB HER308
Package Type
DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD
Shipping Quantity
1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
HER301 - HER308
3 of 3


▲Up To Search▲   

 
Price & Availability of HER306-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X