Part Number Hot Search : 
DTR2G LTC4257 BH19NCSB S7127 AO4800BL RCR03 BT8048D 824L8B
Product Description
Full Text Search
 

To Download HEF4515B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4515B MSI 1-of-16 decoder/demultiplexer with input latches
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
DESCRIPTION The HEF4515B is a 1-of-16 decoder/demultiplexer, having four binary weighted address inputs (A0 to A3), a latch enable input (EL), and an active LOW enable input (E). The 16 outputs (O0 to O15) are mutually exclusive active LOW. When EL is HIGH, the selected output is determined by the data on An. When EL goes LOW, the last data
HEF4515B MSI
present at An are stored in the latches and the outputs remain stable. When E is LOW, the selected output, determined by the contents of the latch, is LOW. At E HIGH, all outputs are HIGH. The enable input (E) does not affect the state of the latch. When the HEF4515B is used as a demultiplexer, E is the data input and A0 to A3 are the address inputs.
Fig.1 Functional diagram.
HEF4515BP(N): HEF4515BD(F): HEF4515BT(D):
24-lead DIL; plastic (SOT101-1) 24-lead DIL; ceramic (cerdip) (SOT94) 24-lead SO; plastic (SOT137-1)
( ): Package Designator North America Fig.2 Pinning diagram. APPLICATION INFORMATION Some examples of applications for the HEF4515B are: PINNING A0 to A3 E EL O0 to O15 address inputs enable input (active LOW) latch enable input outputs (active LOW) FAMILY DATA, IDD LIMITS category MSI See Family Specifications * Digital multiplexing. * Address decoding. * Hexadecimal/BCD decoding.
January 1995
2
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
HEF4515B MSI
Fig.3 Logic diagram.
Fig.4 Logic diagram (one latch).
January 1995
3
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
TRUTH TABLE INPUTS E H L L L L L L L L L L L L L L L L Notes 1. EL = HIGH; H = HIGH state (the more positive voltage) L = LOW state (the less positive voltage); X = state is immaterial AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays An, EL On HIGH to LOW 5 10 15 5 LOW to HIGH E On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH 10 15 tPLH tPHL tPLH tPHL 260 95 65 270 95 65 175 65 45 200 70 50 520 190 130 550 190 130 350 130 90 400 140 100 ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL TYP. MAX. A0 X L H L H L H L H L H L H L H L H A1 X L L H H L L H H L L H H L L H H A2 X L L L L H H H H L L L L H H H H A3 X L L L L L L L L H H H H H H H H O0 H L H H H H H H H H H H H H H H H O1 H H L H H H H H H H H H H H H H H O2 H H H L H H H H H H H H H H H H H O3 H H H H L H H H H H H H H H H H H O4 H H H H H L H H H H H H H H H H H O5 H H H H H H L H H H H H H H H H H O6 H H H H H H H L H H H H H H H H H OUTPUTS O7 H H H H H H H H L H H H H H H H H O8 H H H H H H H H H L H H H H H H H
HEF4515B MSI
O9 O10 O11 O12 O13 O14 O15 H H H H H H H H H H L H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H L
TYPICAL EXTRAPOLATION FORMULA 233 ns + (0,55 ns/pF) CL 84 ns + (0,23 ns/pF) CL 57 ns + (0,16 ns/pF) CL 243 ns + (0,55 ns/pF) CL 84 ns + (0,23 ns/pF) CL 57 ns + (0,16 ns/pF) CL 148 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 173 ns + (0,55 ns/pF) CL 59 ns + (0,23 ns/pF) CL 42 ns + (0,16 ns/pF) CL
January 1995
4
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Output transition times HIGH to LOW 5 10 15 5 LOW to HIGH Set-up time An EL Hold time An EL Minimum EL pulse width; HIGH 10 15 5 10 15 5 10 15 5 10 15 tWELH thold tsu 120 40 30 0 0 0 120 40 30 tTLH tTHL 90 35 25 85 35 25 60 20 15 60 20 15 60 20 15 180 ns 65 ns 50 ns 170 ns 70 ns 50 ns ns ns ns ns ns ns ns ns ns 40 ns 14 ns 11 ns 35 ns 14 ns 11 ns + + + + + + SYMBOL MIN. TYP. MAX.
HEF4515B MSI
TYPICAL EXTRAPOLATION FORMULA (1,0 ns/pF) CL (0,42 ns/pF) CL (0,28 ns/pF) CL (1,0 ns/pf) CL (0,42 ns/pF) CL (0,28 ns/pF) CL
see also waveforms Fig.5
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 1100 fi + (foCL) x VDD2 5500 fi + (foCL) x 16 000 fi + (foCL) x VDD2 VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
5
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
HEF4515B MSI
Fig.5
Waveforms showing minimum pulse width for EL, set-up and hold times for An to EL. Set-up and hold times are shown as positive values but may be specified as negative values.
January 1995
6


▲Up To Search▲   

 
Price & Availability of HEF4515B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X