Part Number Hot Search : 
HD74AC BD533FP E120C SMCJ48 P6KE4 4VCXH1 508R28 SQ2133
Product Description
Full Text Search
 

To Download HEF4510B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4510B MSI BCD up/down counter
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
BCD up/down counter
DESCRIPTION The HEF4510B is an edge-triggered synchronous up/down BCD counter with a clock input (CP), an up/down count control input (UP/DN), an active LOW count enable input (CE), an asynchronous active HIGH parallel load input (PL), four parallel inputs (P0 to P3), four parallel outputs (O0 to O3), an active LOW terminal count output (TC), and an overriding asynchronous master reset input (MR). Information on P0 to P3 is loaded into the counter while PL is HIGH, independent of all other input conditions except the MR input, which must be LOW. With PL LOW, the counter changes on the LOW to HIGH transition of CP if CE is LOW. UP/DN determines the direction of the count, HIGH for counting up, LOW for counting down. When counting up, TC is LOW when O0 and O3 are HIGH and CE is LOW. When counting down, TC is LOW when O0 to O3 and CE are LOW. A HIGH on MR resets the counter (O0 to O3 = LOW) independent of all other input conditions.
HEF4510B MSI
Fig.1 Functional diagram.
PINNING HEF4510BP(N): HEF4510BD(F): HEF4510BT(D): 16-lead DIL; plastic (SOT38-1) 16-lead DIL; ceramic (cerdip) (SOT74) 16-lead SO; plastic (SOT109-1) ( ): Package Designator North America UP/DN MR TC O0 to O3 PL P0 to P3 CE CP parallel load input (active HIGH) parallel inputs count enable input (active LOW) clock pulse input (LOW to HIGH, edge triggered) up/down count control input master reset input terminal count output (active LOW) parallel outputs
FAMILY DATA, IDD LIMITS category MSI See Family Specifications
Fig.2 Pinning diagram.
January 1995
2
Philips Semiconductors
Product specification
BCD up/down counter
HEF4510B MSI
Fig.3 Logic diagram (continued in Fig.4).
January 1995
3
Philips Semiconductors
Product specification
BCD up/down counter
HEF4510B MSI
Fig.4 Logic diagram (continued from Fig.3).
January 1995
4
Philips Semiconductors
Product specification
BCD up/down counter
FUNCTION TABLE MR L L L L H Notes 1. H = HIGH state (the more positive voltage) L = LOW state (the less positive voltage) X = state is immaterial = positive-going transition PL H L L L X UP/DN X X L H X CE X H L L X X CP X X MODE parallel load no change count down count up reset
HEF4510B MSI
Fig.5 State diagram.
Logic equation for terminal count: TC = CE { ( UP/DN ) O 0 O 3 + ( UP DN ) O 0 O 1 O 2 O 3 }
A.C. CHARACTERISTICS VSS = 0 V; Tamb = 25 C; input transition times 20 ns VDD V Dynamic power dissipation per package (P) 5 10 15 TYPICAL FORMULA FOR P (W) 1000 fi + (foCL) x VDD2 4500 fi + (foCL) x VDD2 11 200 fi + (foCL) x VDD
2
where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
5
Philips Semiconductors
Product specification
BCD up/down counter
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays CP On HIGH to LOW 5 10 15 5 LOW to HIGH CP TC HIGH to LOW 10 15 5 10 15 5 LOW to HIGH PL On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH PL TC HIGH to LOW 10 15 5 10 15 5 LOW to HIGH CE TC HIGH to LOW 10 15 5 10 15 5 LOW to HIGH MR On, TC HIGH to LOW MR TC LOW to HIGH 10 15 5 10 15 5 10 15 tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL 145 60 45 155 65 45 260 105 75 180 75 55 125 55 40 170 70 50 250 110 80 250 110 80 165 65 50 145 60 45 205 65 45 225 75 50 290 ns 120 ns 90 ns 310 ns 130 ns 90 ns 525 ns 210 ns 150 ns 360 ns 150 ns 115 ns 255 ns 110 ns 85 ns 340 ns 140 ns 105 ns 500 ns 220 ns 160 ns 500 ns 220 ns 160 ns 330 ns 135 ns 100 ns 290 ns 125 ns 95 ns 405 ns 130 ns 85 ns 450 ns 150 ns 100 ns SYMBOL MIN. TYP. MAX.
HEF4510B MSI
TYPICAL EXTRAPOLATION FORMULA 118 ns + (0,55 ns/pF) CL 49 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 128 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 233 ns + (0,55 ns/pF) CL 94 ns + (0,23 ns/pF) CL 67 ns + (0,16 ns/pF) CL 153 ns + (0,55 ns/pF) CL 64 ns + (0,23 ns/pF) CL 47 ns + (0,16 ns/pF) CL 98 ns + (0,55 ns/pF) CL 44 ns + (0,23 ns/pF) CL 32 ns + (0,16 ns/pF) CL 143 ns + (0,55 ns/pF) CL 59 ns + (0,23 ns/pF) CL 42 ns + (0,16 ns/pF) CL 223 ns + (0,55 ns/pF) CL 99 ns + (0,23 ns/pF) CL 72 ns + (0,16 ns/pF) CL 223 ns + (0,55 ns/pF) CL 99 ns + (0,23 ns/pF) CL 72 ns + (0,16 ns/pF) CL 138 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 42 ns + (0,16 ns/pF) CL 118 ns + (0,55 ns/pF) CL 49 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 178 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 37 ns + (0,16 ns/pF) CL 198 ns + (0,55 ns/pF) CL 64 ns + (0,23 ns/pF) CL 42 ns + (0,16 ns/pF) CL
January 1995
6
Philips Semiconductors
Product specification
BCD up/down counter
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Output transition times HIGH to LOW 5 10 15 5 LOW to HIGH 10 15 tTLH tTHL SYMBOL MIN. TYP. 60 30 20 60 30 20 MAX. 120 ns 60 ns 40 ns 120 ns 60 ns 40 ns
HEF4510B MSI
TYPICAL EXTRAPOLATION FORMULA 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL
January 1995
7
Philips Semiconductors
Product specification
BCD up/down counter
HEF4510B MSI
SYMBOL MIN. 95 tWCPL 35 25 105 tWPLH 45 35 120 tWMRH 50 40 130 tRMR 45 30 150 tRPL 50 30 100 tsu 50 40 250 tsu 100 75 120 tsu 40 25 10 thold 5 0 35 thold 15 15 20 thold 5 5 5 fmax 12 17 TYP. 45 20 15 55 25 15 60 25 20 65 20 15 75 25 15 50 25 20 125 50 35 60 20 10 -40 -20 -20 -90 -35 -25 -40 -15 -10 10 24 34 MAX. ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz see also waveforms Figs 6 and 7 TYPICAL EXTRAPOLATION FORMULA
VDD V Minimum clock pulse width; LOW Minimum PL pulse width; HIGH Minimum MR pulse width; HIGH Recovery time for MR Recovery time for PL Set-up times Pn PL 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 UP/DN CP 10 15 5 CE PL Hold times Pn PL 10 15 5 10 15 5 UP/DN CP 10 15 5 CE CP Maximum clock pulse frequency 10 15 5 10 15
January 1995
8
Philips Semiconductors
Product specification
BCD up/down counter
HEF4510B MSI
Fig.6
Waveforms showing minimum pulse width for CP, set-up and hold times for CE to CP and UP/DN to CP.
Fig.7
Waveforms showing minimum pulse width for PL and MR, recovery time for PL and MR and set-up and hold times for Pn to PL.
January 1995
9
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... January 1995 10 Fig.8 Timing diagram. Product specification Philips Semiconductors
BCD up/down counter HEF4510B MSI


▲Up To Search▲   

 
Price & Availability of HEF4510B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X