Part Number Hot Search : 
2SA1346 STF8211 5L175 IRG4RC10 3216S GH10N60 TC1775 A3959SL
Product Description
Full Text Search
 

To Download HB01U05S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
1 WATT UNREGULATED DC/DC CONVERTERS
HB01U
APPLICATIONS
G G G G G G G INDUSTRIAL PROCESS CONTROL DC MOTOR DRIVE INTRINSIC SAFETY SYSTEMS GROUND LOOP ELIMINATION MEDICAL EQUIPMENT PORTABLE TEST EQUIPMENT DATA ACQUISITION
DESCRIPTION
The HB01U Series offers a wide selection of input and output voltages to choose from. Each model is offered in a 24-pin DIP or SMD package and has an input to output isolation rating of 2500Vrms making it ideal for applications requiring high isolation. The dielectric withstand characteristics of each converter are measured in production to ensure barrier integrity. The HB01U Series is ideal for applications where the output is susceptible to high voltage transients, such as motor drive and industrial process control applications. The low barrier capacitance gives excellent input to output dV/dt characteristics thus protecting the input control circuitry from peak transients appearing on the output. The HB01U Series uses a self-oscillating circuit design technology to realize low cost and high performance. The inherent current limiting capability of the high isolation design reduces high current stresses during start-up thus increasing the capacitive load capability while maintaining high reliability. As with all of our DC/DC converters, surface mount construction combined with extensive qualification testing assures low cost without sacrificing quality and reliability.
FEATURES
G G G G G G G G G G HIGH ISOLATION 2500Vrms ISOLATION TEST VOLTAGE BARRIER 100% PRODUCTION TESTED LOW BARRIER CAPACITANCE - 10pF LOW LEAKAGE CURRENT - 2A MAX 24-PIN DIP AND SMD INTERNAL FILTERING NON-CONDUCTIVE CASE LOW COST LOW PROFILE - .375"
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369 HB01U 11/98 REV B Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 1
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. NOMINAL INPUT VOLTAGE MODEL HB01U05S05 HB01U05S12 HB01U05S15 HB01U12S05 HB01U12S12 HB01U12S15 HB01U15S05 HB01U15S12 HB01U15S15 HB01U24S05 HB01U24S12 HB01U24S15 HB01U05D05 HB01U05D12 HB01U05D15 HB01U12D05 HB01U12D12 HB01U12D15 HB01U15D05 HB01U15D12 HB01U15D15 HB01U24D05 HB01U24D12 HB01U24D15 (VDC) 5 5 5 12 12 12 15 15 15 24 24 24 5 5 5 12 12 12 15 15 15 24 24 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 RATED OUTPUT CURRENT (mA) 200 83 67 200 83 67 200 83 67 200 83 67 100 42 34 100 42 34 100 42 34 100 42 34 INPUT CURRENT MIN LOAD (mA) 63 63 63 20 20 20 25 25 25 13 13 13 63 63 63 20 20 20 25 25 25 13 13 13 RATED LOAD (mA) 290 290 290 120 120 114 98 95 90 61 60 57 290 285 275 123 118 114 98 95 90 61 60 57 EFFICIENCY (%) 68 70 73 68 70 73 68 70 73 68 70 73 68 70 73 68 70 73 68 70 73 68 70 73
COMMON SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. PARAMETER INPUT Voltage Range CONDITIONS MIN 4.5 10.8 13.5 20 TYP 5 12 15 24 35 MAX 5.5 13.2 16.5 30 UNITS VDC VDC VDC VDC mAp-p
Reflected Ripple Current ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficent Ripple & Noise Line Regulation Load Regulation GENERAL Switching Frequency Package Weight MTTF per MIL-HDBK-217, Rev. F Ground Benign TEMPERATURE Specification Operation Storage
60 Hz, 10 Seconds
3535 2500 10 10 1 1 3 0.02 50 25 1.5
VDC Vrms G pF Arms W % %/C mVp-p mVrms %/% Vin
VISO= 240VAC, 60Hz
2
5
BW = DC to 10MHz BW =10Hz to 2MHz High Line to Low Line See Performance Curves (Min Load =1mA)
160 12 Circuit Stress Method TA = +25C -25 -40 -40 2,000,000
kHz g Hr
+70 +85 +110
C C C
Page 2
HB01U 11/98 REV B
MECHANICAL
Package/Pinout "Y" and "Z" SMD PACKAGE
1.2850.010" (32.640.25)
1514 13
DIP PACKAGE
1.2850.010" (32.640.25)
2423 22
2423 22
1514 13
0.5250.010" (13.340.25)
HB01UxxyzzY
TOP VIEWS
0.5250.010" (13.340.25)
HB01UxxyzzZ
0.6950.015" (17.650.38)
123
10 11 12
123
10 11 12
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.0200.002" (0.510.05)
SIDE VIEWS
0.1000.010" (2.540.25)
0.3750.005" (9.520.13) 0.0150.005" (0.380.13) 0.1000.010" (2.540.25) 0.0200.002" (0.510.05)
0-15
0.600" (15.24)
0.125+0.030" -0.000" (3.18+0.76) ( -0.00)
END VIEWS
0.0140.002" (0.360.05)
.015.010" (.38.25)
NU = Do Not Use. NC = No Internal Connection. Duplicate pin functions are internally connected. All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) Typically Marked with: specific model ordered, date code, job code and Logo. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow ease of solderability.
PIN CONNECTIONS
PIN#
1 2 3 10 11 12 13 14 15 21 22 23 24
SINGLES
+VOUT -VOUT NU -VIN NC +VIN +VIN NC -VIN NC NU -VOUT +VOUT
DUALS
+VOUT Common -VOUT -VIN NC +VIN +VIN NC -VIN NC -VOUT Common +VOUT
RECOMMENDED LAND PATTERN
0.100" (2.54)
2423 22 1514 13
RECOMMENDED REFLOW PROFILE
30 sec MAX (>220C) 250 235 C MAX 220 200 190
TEMPERATURE (C)
0.730" (18.54) 0.040" (1.02)
123
0.080" (2.03)
150
10 11 12
100
1.150" (29.21)
90 sec MAX (>190C)
50
TIME (seconds)
HB01U 11/98 REV B
Page 3
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation...................................................0.5 Watt Short Circuit Duration...............................................................5 Min Lead Temperature (soldering, 10 seconds max)..................+300C *Note: Refer to Reflow Profile for SMD Models.
ORDERING INFORMATION
HB01U xxyzz Y/Z /H Device Family HB Indicates DC/DC Converter Model Number Where: xx = Input Voltage y = Number or Outputs (Single "S", Dual "D") zz = Output Voltage Package Option Screening Option
*
TYPICAL PERFORMANCE CURVES
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified.
VOUT VS LOAD (5Vout Models) 5.9
Vout (Volts)
VOUT VS LOAD (5Vout Models) 6.0 5.8 5.6 5.4 5.2 5.0
5.7
Vout (Volts)
5.5 5.3 5.1 4.9 1 20 100 80 Load (mA) 150 200
1
20
60 40 Load (mA)
80
100
VOUT VS LOAD (12Vout Models) 12.7 12.6
Vout (Volts)
VOUT VS LOAD (12Vout Models) 12.5 12.4
Vout (Volts)
12.5 12.4 12.3 12.2 1 10 30 50 70 90
12.3 12.2 12.1 12.0 1 5 10 20 30 40
Load (mA)
Load (mA)
VOUT VS LOAD (15Vout Models) 15.4 15.3
Vout (Volts) Vout (Volts)
VOUT VS LOAD (15Vout Models) 15.4 15.3 15.2 15.1 15.0 14.9
15.2 15.1 15.0 14.9 1 10 20 40 60 67 Load (mA)
1
5
10
20
30
34
Load (mA)
EFFICIENCY VS LOAD 80
Efficiency (%)
70 60 50 40 30 20 40 60 Load (mA) 80 100
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
Page 4
HB01U 11/98 REV B


▲Up To Search▲   

 
Price & Availability of HB01U05S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X