Part Number Hot Search : 
0459005 E10N94 74670 10N16 74VHC02T 12S05 250MHZ LZJ16
Product Description
Full Text Search
 

To Download FZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
ISSUE 2 FEBRUARY 1995 FEATURES * 60 Volt VCEO * 3 Amp continuous current * Low saturation voltage COMPLEMENTARY TYPE PARTMARKING DETAIL PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current SYMBOL MIN. V(BR)CBO -80 V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) VBE(on) hFE 70 100 80 40 100 -0.15 -0.45 -0.9 -0.8 200 200 170 150 140 40 450 30 -60 -5 -0.1 -10 -0.1 0.3 0.6 -1.25 -1.0 300 MHz ns ns pF TYP. FZT651 FZT751 SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg MAX. UNIT V V V
A A A
FZT751
C
E C B
ABSOLUTE MAXIMUM RATINGS.
VALUE -80 -60 -5 -6 -3 2 -55 to +150 CONDITIONS. IC=-100A IC=-10mA* IE=100A VCB=-60V VCB=-60V,T =100C VEB=-4V IC=-1A, IB=-100mA* IC=-3A, IB=-300mA* IC=-1A, IB=-100mA*
amb
UNIT V V V A A W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Switching Times Output Capacitance
V V V V
IC=-1A, VCE=-2V* IC=-50mA, VCE =-2V* IC=-500mA, VCE =-2V* IC=-1A, VCE =-2V* IC=-2A, VCE =-2V* IC=-100mA, VCE =-5V f=100MHz IC=-500mA, VCC =-10V IB1=IB2=-50mA VCB=-10V, f=1MHz
fT ton toff Cobo
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device 3 234
FZT751
TYPICAL CHARACTERISTICS
0.6
td tr tf ts ns 700
IB1=IB2=IC/10
0.5
ns 140
- (Volts)
0.4
IC/IB=10
120
600
ts td
Switching time
100
500
0.3
tf 80 400 tr
0.2
V
60
300
40
200
0.1
20
100
0 0.0001 0.001 0.01 0.1 1 10
0
0 0.1 1
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
Switching Speeds
1.4
225 1.2 175
- Gain
VCE=2V
- (Volts)
1.0
IC/IB=10
125 0.8 75
h
V
0.6 0.01 0.1 1 10
0 0.0001 0.001 0.01 0.1 1 10
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
10
VBE(sat) v IC
Single Pulse T est at Tamb=25C
1.2
1
- (Volts)
1.0 VCE=2V
0.8
0.1
0.6
DC 1s 100ms 10ms 1ms 100s
V
0.4 0.0001
0.01
0.001
0.01
0.1
1
10
0.1
1
10
100
IC - Collector Current (Amps)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
3 - 235


▲Up To Search▲   

 
Price & Availability of FZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X