Part Number Hot Search : 
AN5755 PC725 BGY240S FN1A4P 11P24 SMBJ36C MC68HC EFD20
Product Description
Full Text Search
 

To Download FKBL406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FKBL400 - FKBL410
PRV : 50 - 1000 Volts Io : 2.0 Amperes
FEATURES :
* * * * * * * High case dielectric strength of 2000 V DC High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency Ideal for printed circuit board
FAST RECOVERY BRIDGE RECTIFIERS
KBL
0.77 (19.56) 0.73 (18.54)
0.825 (20.95) 0.605 (15.36)
+
AC AC
0.052 (1.32) 0.048 (1.22) 1.00 (25.4) MIN. 0.200 (5.08) 0.190 (4.82) 0.265 (6.73 ) 0.235 (5.97)
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL - STD 202 , Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 5.15 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.085 (2.16) 0.065 (1.65)
Dimensions in inches and ( millimeter )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 50 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing ( t < 8.3 ms. ) Ta = 25 C Ta = 100 C Maximum Forward Voltage drop per Diode at IF = 4.0 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage
SYMBOL
VRRM VRMS VDC I F(AV) IFSM It VF IR IR(H) Trr RJC TJ TSTG
2
FKBL FKBL FKBL FKBL FKBL FKBL FKBL UNIT 400 401 402 404 406 408 410 50 100 200 400 600 800 1000 Volts 35 50 70 100 140 200 280 400
4.0
420 600
560 800
700 1000
Volts Volts
Amps.
150
Amps.
166
1.4 10 1.0 150 3.3 - 50 to + 150 - 50 to + 150 250 500
A2S
Volts
A
mA ns
Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance per Diode (Note 2) Operating Junction Temperature Range Storage Temperature Range
C/W C C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal resistance from Junction to case with mounted on a 2.0" X 1.6"x 0.3" ( 5 cm. x 4 cm. x 0.8cm ) Al. Plate.
UPDATE : APRIL 21, 1998
RATING AND CHARACTERISTIC CURVES ( FKBL400 - FKBL410 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 0 PULSE GENERATOR ( NOTE 2 ) 1 OSCILLOSCOPE ( NOTE 1 ) - 0.25 Trr
+
50 Vdc (approx.)
- 1.0 A
SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
5 150
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Tc = 50 C 120
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
4
3
PEAK FORWARD SURGE CURRENT, AMPERES
175
Heatsink Mounting, Tc 2.0" X 1.6" X 0.3" ( 5.0cm X 4.0cm X 0.8cm )Al.Plate
90
2
60
1 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150
30
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 Pulse Width = 300 s 1% Duty Cycle TJ = 25 C 10
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE REVERSE CURRENT, MICROAMPERES
10 TJ = 100 C
FORWARD CURRENT, AMPERES
1.0
1.0
0.1 TJ = 25 C
0.1
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of FKBL406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X