Part Number Hot Search : 
JAN2N AS1323 K3109 U8310A E005003 B2005 SDA12 CPZRL7
Product Description
Full Text Search
 

To Download EL7104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL7104
Data Sheet December 3, 2002 FN7113
High Speed, Single Channel, Power MOSFET Driver
The EL7104 is a matched driver IC that improves the operation of the industry-standard TC-4420/29 clock drivers. The Elantec version is a very high speed driver capable of delivering peak currents of 1A into highly capacitive loads. The high speed performance is achieved by means of a proprietary "Turbo-Driver" circuit that speeds up input stages by tapping the wider voltage swing at the output. Improved speed and drive capability are enhanced by matched rise and fall delay times. These matched delays maintain the integrity of input-to-output pulse-widths to reduce timing errors and clock skew problems. This improved performance is accompanied by a 10-fold reduction in supply currents over bipolar drivers, yet without the delay time problems commonly associated with CMOS drivers. The EL7104 is available in 8-pin SO and 8-pin PDIP packages and is specified for operation over the full -40C to +85C temperature range.
Features
* Industry-standard driver replacement * Improved response times * Matched rise and fall times * Reduced clock skew * Low output impedance * Low input capacitance * High noise immunity * Improved clocking rate * Low supply current * Wide operating range * Separate drain connections
Applications
* Clock/line drivers * CCD drivers * Ultrasound transducer drivers * Power MOSFET drivers
Ordering Information
PART NUMBER EL7104CN EL7104CS EL7104CS-T7 EL7104CS-T13 PACKAGE 8-Pin PDIP 8-Pin SO 8-Pin SO 8-Pin SO TAPE & REEL 7" 13" PKG. NO. MDP0031 MDP0027 MDP0027 MDP0027
* Switch mode power supplies * Resonant charging * Cascoded drivers
Pinout
EL7104 (8-PIN SO, PDIP) TOP VIEW
V+ 1 IN 2 NC 3 GND 4 8 V+ 7 P_OUT 6 N_OUT 5 GND
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL7104
Absolute Maximum Ratings (TA = 25C)
Supply (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+ Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4A Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C Power Dissipation SO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .570mW PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1050mW
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
PARAMETER INPUT VIH IIH VIL IIL VHVS OUTPUT ROH ROL IOUT IPK IDC Pull-Up Resistance
V+ = 15V, TA = 25C unless otherwise specified. CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
Logic "1" Input Voltage Logic "1" Input Current Logic "0" Input Voltage Logic "0" Input Current Input Hysteresis @0V @V+
2.4 0.1 10 0.8 0.1 0.3 10
V A V A V
IOUT = -100mA IOUT = +100mA V+/GND Source/Sink Source/Sink 200
1.5 2 0.2 4.0
4 4 10
A A mA
Pull-Down Resistance Output Leakage Current Peak Output Current Continuous Output Current
POWER SUPPLY IS VS Power Supply Current Operating Voltage V = 15V, TA = 25C unless otherwise specified. CONDITIONS MIN TYP MAX UNIT Input = V+ 4.5 4.5 7.5 16 mA V
AC Electrical Specifications
PARAMETER
DESCRIPTION
SWITCHING CHARACTERISTICS (VDD = VH = 12V; VL = -3V) tR Rise Time CL = 1000pF CL = 2000pF tF Fall Time CL = 1000pF CL = 2000pF tD-ON tD-OFF Turn-On Delay Time Turn-Off Delay Time See Timing Table See Timing Table 7.5 10 10 15 18 18 20 25 25 20 ns ns ns ns ns ns
2
EL7104 Timing Table
5V Input 2.5V 0 90% Inverted Output EL7114 10%
Non-inverted Output EL7104
90%
10%
tD1
tF tR
tD2
tR tF
Standard Test Configuration
1
8
4.7F
2
6
D.U.T. Input Signal
7
Output Signal
4
5
2000pF
Simplified Schematic
3
EL7104 Typical Performance Curves
Switch Threshold vs Supply Voltage
Max Power/Derating Curves
Peak Drive vs Supply Voltage Input Current vs Voltage
Quiescent Supply Current
"ON" Resistance vs Supply Voltage
4
EL7104 Typical Performance Curves (Continued)
Average Supply Current vs Voltage and Frequency Rise/Fall Time vs Load
Rise/Fall Time vs Supply Voltage
Propagation Delay vs Supply Voltage
Rise/Fall Time vs Temperature
Rise/Fall Time vs Temperature
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 5


▲Up To Search▲   

 
Price & Availability of EL7104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X