|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Features * * * * * * * * * * 8ns Typ. Propagation Delay 5V to 12V Input Supply +2.7V to +5V Output Supply True-to-ground Input Rail-to-rail Outputs Active Low Latch Single (EL5181C) Available Dual (EL5281C) Available Window Available (EL5283C) Pin-compatible 4ns Family Available (EL5185C, EL5285C, EL5287C, EL5485C & EL5486C) General Description The EL5481C and EL5482C comparators are designed for operation in single supply and dual supply applications with 5V to 12V between V S+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground sensing applications. The output side of the comparators can be supplied from a single supply of 2.7V to 5V. The rail-to-rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. The latch input of the EL5482C can be used to hold the comparator output value by applying a low logic level to the pin. The EL5481C is available in the 16-pin SO (0.150") package and the EL5482C in the 24-pin QSOP package. All are specified for operation over the full -40C to +85C temperature range. Also available are a single (EL5181C), a dual (EL5281C), and a window comparator (EL5283C). Applications * * * * * * Threshold Detection High Speed Sampling Circuits High Speed Triggers Line Receivers PWM Circuits High Speed V/F Converters Pin Configurations INA- 1 INA+ 2 24 IND23 IND+ 22 NC + + + + 21 VS+ 20 LATCHD 19 OUTD 18 OUTC 17 LATCHC 16 VSD 15 NC 14 INC+ 13 INCEL5482CU 24-Pin QSOP INA- 1 INA+ 2 GND 3 OUTA 4 OUTB 5 VS- 6 INB+ 7 INB- 8 EL5481CS 16-Pin SO (0.150") + + 16 IND15 IND+ 14 VS+ 13 OUTD 12 OUTC 11 VSD 10 INC+ Ordering Information Part No. EL5481CS EL5481CS-T7 EL5481CS-T13 EL5482CU EL5482CU-T13 Package 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") 24-Pin QSOP 24-Pin QSOP Tape & Reel 7" 13" 13" Outline # MDP0027 MDP0027 MDP0027 MDP0040 MDP0040 NC 3 GND 4 LATCHA 5 OUTA 6 OUTB 7 LATCHB 8 VS- 9 NC 10 INB+ 11 INB- 12 + - - + June 14, 2001 9 INC- Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a "controlled document". Current revisions, if any, to these specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation. (c) 2001 Elantec Semiconductor, Inc. EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Absolute Maximum Ratings (T A = 25C) Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Analog Supply Voltage (VS+ to VS-) +12.6V Digital Supply Voltage (VSD to GND) +7V Differential Input Voltage [(VS-) -0.2V] to [(VS+) +0.2V] Common-mode Input Voltage Latch Input Voltage Storage Temperature Range Ambient Operating Temperature Operating Junction Temperature Power Dissipation [(VS-) -0.2V] to [(VS+) +0.2V] -0.2V to [(VSD ) +0.2V] -65C to +150C -40C to +85C 125C See Curves Important Note: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: T J = TC = TA. Electrical Characteristics VS = 5V, V SD = 5V, RL = 2.3k, CL = 15pF, TA = 25C, unless otherwise specified. Parameter Input VOS IB CIN IOS VCM CMRR Output VOH VOL tpd+ tpdSupply IS + IS ISD PSRR VLH VLL ILH ILL td+ tdts th tpw(D) Positive Analog Supply Current Negative Analog Supply Current Digital Supply Current Power Supply Rejection Ratio Latch Input Voltage High Latch Input Voltage Low Latch Input Current High Latch Input Current Low Latch Disable to High Delay Latch Disable to Low Delay Minimum Setup Time Minimum Hold Time Minimum Latch Disable Pulse Width VLH = 3.0V VLL = 0.3V 0.8 -30 -30 -18 -24 6 6 2 1 10 (per comparator) (per comparator) (per comparator) All outputs high (per comparator) All outputs low 60 Latch - EL5482C Only 2.0 V V A A ns ns ns ns ns 7 5 4 0.75 80 8.2 6.5 5 1 mA mA mA mA dB Output High Voltage Output Low Voltage Positive Going Delay Time Negative Going Delay Time VIN > 250mV VIN > 250mV VIN = 1VP-P, VOD = 50mV VIN = 1VP-P, VOD = 50mV VSD - 0.6 VSD - 0.4 GND + 0.25 8 8 GND + 0.5 12 12 V V ns ns Input Offset Voltage Input Bias Current Input Capacitance Input Offset Current Input Voltage Range Common-mode Rejection Ratio -5.1V < VCM < +2.75V VCM = 0V, V O = 2.5V -2.5 (VS-) - 0.1 65 90 VCM = 0V, V O = 2.5V -6 1 -3.5 5 0.5 2.5 (VS+) - 2.25 4 mV A pF A V dB Description Condition Min Typ Max Unit Dynamic Performance 2 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Typical Performance Curves Positive Supply Current vs Temperature (per comparator) Negative Supply Current vs Temperature (per comparator) 7.15 7.1 7.05 7 IS+ (mA) -4.4 -4.5 -4.6 -4.7 IS- (mA) -4.8 -4.9 -5 -5.1 6.95 6.9 6.85 6.8 6.75 6.7 -50 -30 -10 10 30 50 70 90 -5.2 -50 -30 -10 10 30 50 70 90 Temperature (C) Positive Supply Current vs Supply Voltage (per comparator) VS-=-5V VSD =5V VIN=50mV TA=25C IS- (mA) Temperature (C) Negative Supply Current vs Negative Supply Voltage (per comparator) VS+=5V VSD=5V VIN=50mV TA=25C 7 6 5 IS+ (mA) 4 3 2 1 0 5.5 5 4.5 4 3.5 3 0 1 2 3 VS+ (V) 4 5 6 7 0 1 2 3 VS- (V) 4 5 6 7 Input Bias Current vs Temperature 6 5 4 3 2 1 0 -50 VOS (mV) IB (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -30 -10 10 30 50 70 90 Offset Voltage vs Temperature -0.3 -50 -30 -10 10 30 50 70 90 Temperature (C) Temperature (C) 3 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Typical Performance Curves Propagation Delay vs Overdrive 10 9.5 9 8.5 Delay Time (ns) 8 7.5 7 6.5 6 5.5 5 0 100 200 300 VOD (mV) Propagation Delay vs Supply Voltage 10 9.5 9 8.5 Delay Time (ns) 8 7.5 7 6.5 6 5.5 5 4 4.5 5 VS (V) Propagation Delay vs Overdrive 11 10.5 10 Delay Time (ns) 9.5 9 8.5 8 7.5 7 0 0.5 1 1.5 VOD (V) 2 2.5 3 TpdVS=5V VSD=5V RL=2.2k VIN =5V Step Delay Time (ns) Tpd+ 20 18 16 14 12 10 8 6 4 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Tpd 5.5 6 TpdVSD=VS+ VIN =1V Step VOD=50mV RL=2.2k Tpd+ Delay Time (ns) 10 9.5 9 8.5 8 7.5 7 6.5 6 0 VS=5V VSD=5V VIN =3V Step RL =2.2k 0.2 0.4 0.6 0.8 1 VOD (V) Propagation Delay vs Source Resistance VS=5V VSD=5V RL =2.2k VIN =1V Step VOD=50mV 1.2 Tpd Tpd+ 400 500 600 6 0 20 40 60 CLOAD (pF) Propagation Delay vs Overdrive 80 100 120 TpdVS=5V VSD=5V VIN =1V Step RL=2.2k Delay Time (ns) Tpd+ 12 11 10 9 8 7 TpdPropagation Delay vs Load Capacitance VS=5V VSD=5V RL =2.2k VIN =1V Step VOD=50mV Tpd+ 1.4 1.6 1.8 2 Tpd+ Source Resistance (k) 4 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Typical Performance Curves Output Low Voltage vs Load Current 0.31 TA=85C Output High Voltage (V) 4.75 4.7 Output Low Voltage (V) 0.27 TA=25C 0.23 4.65 4.6 4.55 4.5 4.45 4.4 4.35 10 4.3 0 2 4 6 8 10 TA=85C TA=25C TA=-40C Output High Voltage vs Load Current VS=5V VSD=5V VIN=50mV 0.19 TA=-40C VS=5V VSD =5V VIN=-50mV 6 8 0.15 0 2 4 Load Current (mA) Digital Supply Current vs Input Switching Frequency (per comparator) VS=5V Load Current (mA) Power Dissipation vs Ambient Temperature 1.4 1.2 Power Dissipation (W) 1 0.8 0.6 0.4 0.2 0 909mW 1087mW QS OP 24 1 SO 16 JA = 30 25 20 ISD (mA) 15 10 5 0 VSD=5V VSD=3V 15 C /W 11 0 C /W 0 5 10 15 20 25 30 35 40 45 50 0 25 50 75 85 100 125 150 Frequency (MHz) Ambient Temperature (C) Output with 30MHz Input VIN=1VP-P VIN=1VP-P FIN=30MHz VS=5V VSD =5V Output with 30MHz Input VIN=3VP-P VIN=3VP-P FIN =30MHz VS=5V VSD=5V VO VO VIN 1V 2V 20ns VIN 2V 2V 20ns 5 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Timing Diagram Compare Latch Enable Input Latch Differential Input Voltage ts VIN VOS VOD tpdtd+ th Compare 1.4V Latch tpw(D) Latch Comparator Output 2.4V Definition of Terms Term VOS VIN VOD tpd+ tpdtd+ tdts th tpw (D) Definition Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to VIN for comparator specifications Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output low to high transition Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output high to low transition Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a low to high transition Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a high to low transition Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be present in order to be acquired and held at the outputs Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged in order to be acquired and held at the output Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an input signal change 6 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Pin Descriptions EL5482C 14-Pin QSOP 1 EL5481C 16-Pin SO (0.150") 1 Pin Name INAFunction Negative input, channel A Equivalent Circuit V S+ IN- IN+ V SCircuit 1 2 3,10,15,22 4 5 2 3 INA+ NC GND LATCHA Positive input, channel A Not Connected Digital ground Latch input, channel A (Reference circuit 1) VS+ VSD LATCH V SCircuit 2 6 4 OUTA Output, channel A VSD V S+ OUT V SCircuit 3 7 8 9 11 12 13 14 16 17 18 19 20 21 23 24 5 6 7 8 9 10 11 12 13 14 15 16 OUTB LATCHB VSINB+ INBINCINC+ VSD LATCHC OUTC OUTD LATCHD VS+ IND+ IND- Output, channel B Latch input, channel B Negative supply voltage Positive input, channel B Negative input, channel B Negative input, channel C Positive input, channel C Digital supply voltage Latch input, channel C Output, channel C Output, channel D Latch input, channel D Positive supply voltage Positive input, channel D Negative input, channel D (Reference circuit 3) (Reference circuit 2) (Reference circuit 1) (Reference circuit 1) (Reference circuit 1) (Reference circuit 1) (Reference circuit 2) (Reference circuit 3) (Reference circuit 3) (Reference circuit 2) (Reference circuit 1) (Reference circuit 1) 7 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Applications Information Power Supplies and Circuit Layout The EL5481C and EL5482C comparators operate with single and dual supply with 5V to 12V between V S+ and VS-. The output side of the comparators is supplied by a single supply from 2.7V to 5V. The rail to rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. As with many high speed devices, the supplies must be well bypassed. Elantec recommends a 4.7F tantalum in parallel with a 0.1F ceramic. These should be placed as close as possible to the supply pins. Keep all leads short to reduce stray capacitance and lead inductance. This will also minimize unwanted parasitic feedback around the comparator. The device should be soldered directly to the PC board instead of using a socket. Use a PC board with a good, unbroken low inductance ground plane. Good ground plane construction techniques enhance stability of the comparators. Input Slew Rate Most high speed comparators oscillate when the voltage of one of the inputs is close to or equal to the voltage on the other input due to noise or undesirable feedback. For clean output waveform, the input must meet certain minimum slew rate requirements. In some applications, it may be helpful to apply some positive feedback (hysteresis) between the output and the positive input. The hysteresis effectively causes one comparator's input voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. For the EL5481C and EL5482C, the propagation delay increases when the input slew rate increases for low overdrive voltages. With high overdrive voltages, the propagation delay does not change much with the input slew rate. Latch Pin Dynamics The EL5482C contains a "transparent" latch for each channel. The latch pin is designed to be driven with either a TTL or CMOS output. When the latch is connected to a logic high level or left floating, the comparator is transparent and immediately responds to the changes at the input terminals. When the latch is switched to a logic low level, the comparator output remains latched to its value just before the latch's highto-low transition. To guarantee data retention, the input signal must remain the same state at least 1ns (hold time) after the latch goes low and at least 2ns (setup time) before the latch goes low. When the latch goes high, the new data will appear at the output in approximately 6ns (latch propagation delay). The EL5481C has no latch pins. Input Voltage Considerations The EL5481C and EL5482C input range is specified from 0.1V below V S- to 2.25V below V S+. The criterion for the input limit is that the output still responds correctly to a small differential input signal. The differential input stage is a pair of PNP transistors, therefore, the input bias current flows out of the device. When either input signal falls below the negative input voltage limit, the parasitic PN junction formed by the substrate and the base of the PNP will turn on, resulting in a significant increase of input bias current. If one of the inputs goes above the positive input voltage limit, the output will still maintain the correct logic level as long as the other input stays within the input range. However, the propagation delay will increase. When both inputs are outside the input voltage range, the output becomes unpredictable. Large differential voltages greater than the supply voltage should be avoided to prevent damages to the input stage. Inputs of unused channels should not be left floating. They should be driven to a known state. For example, one input can be tied to ground and the other input can be connected to some voltage reference (like 100mV) to avoid oscillation in the output due to unwanted output to input feedback. Hysteresis Hysteresis can be added externally. The following two methods can be used to add hysteresis. 8 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators Inverting comparator with hysteresis: VREF R2 R1 + VIN R3 Choose the hysteresis VH and calculate R3: R1 R 3 = ( V S D - 0.8 ) x -------VH Check the current through R3 and make sure that it is much greater than the input bias current as follows: 0.5VS D - VR E F I = --------------------------------------R3 R3 adds a portion of the output to the threshold set by R 1 and R2. The calculation of the resistor values are as follows: Select the threshold voltage VTH and calculate R1 and R2. The current through R 1/R2 bias string must be many times greater than the input bias current of the comparator: R1 VT H = VR E F x ------------------R1 + R2 The above two methods will generate hysteresis of up to a few hundred millivolts. Beyond that, the impedance of R3 is low enough to affect the bias string and adjustment of R 1 may be required. Power Dissipation When switching at high speeds, the comparator's drive capability is limited by the rise in junction temperature caused by the internal power dissipation. For reliable operation, the junction temperature must be kept below TJMAX (125C). An approximate equation for the device power dissipation is as follows. Assume the power dissipation in the load is very small: P DISS = ( VS x I S + VSD x I S D ) x N Let the hysteresis be V H, and calculate R 3: VO R 3 = -------- x ( R 1 || R 2 ) VH where: VO=V SD-0.8V (swing of the output) Recalculate R 2 to maintain the same value of VTH: V T H VT H - 0.5VSD R 2 1 = ( VREF - V TH ) / ----------- + ------------------------------------- R3 R1 where: VS is the analog supply voltage from V S+ to VSIS is the analog quiescent supply current per comparator VSD is the digital supply voltage from VSD to ground ISD is the digital supply current per comparator N is the number of comparators in the package ISD strongly depends on the input switching frequency. Please refer to the performance curve to choose the input driving frequency. Having obtained the power dissipation, the maximum junction temperature can be determined as follows: TJ M A X = T M A X + J A x P D I S S Non inverting comparator with hysteresis: R3 VIN R1 VREF + - R 3 adds a portion of the output to the positive input. Note that the current through R 3 should be much greater than the input bias current in order to minimize errors. The calculation of the resistor values as follows: Pick the value of R1. R1 should be small (less than 1k) in order to minimize the propagation delay time. 9 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators where: TMAX is the maximum ambient temperature JA is the thermal resistance of the package the tolerances of the resistors. The duty cycle can be adjusted by changing V CC value. 5V R1 R2 5k 1.5k C1 0.01F + R4 2k VOUT R3 2k 1MHz to 8MHz Threshold Detector The inverting input is connected to a reference voltage and the non-inverting input is connected to the input. As the input passes the VREF threshold, the comparator's output changes state. The non-inverting and inverting inputs may be reversed. 200 VIN VREF + - VOUT Crystal Oscillator A simple crystal oscillator using one comparator of an EL5481C and EL5482C is shown below. The resistors R 1 and R2 set the bias point at the comparator's noninverting input. Resistors R3, R4, and C1 set the inverting input node at an appropriate DC average voltage based on the output. The crystal's path provides resonant positive feedback and stable oscillation occurs. Although the EL5481C and EL5482C will give the correct logic output when an input is outside the common mode range, additional delays may occur when it is so operated. Therefore, the DC bias voltages at the inputs are set about 500mV below the center of the common mode range and the 200 resistor attenuates the feedback to the non-inverting input. The circuit will operate with most AT-cut crystal from 1MHz to 8MHz over a 2V to 7V supply range. The output duty cycle for this circuit is roughly 50% at 5V VCC, but it is affected by 10 EL5481C/EL5482C EL5481C/EL5482C Quad 8ns High-Speed Comparators General Disclaimer Specifications contained in this data sheet are in effect as of the publication date shown. Elantec, Inc. reserves the right to make changes in the circuitry or specifications contained herein at any time without notice. Elantec, Inc. assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement. WARNING - Life Support Policy Elantec, Inc. products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec, Inc. Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death. Users contemplating application of Elantec, Inc. Products in Life Support Systems are requested to contact Elantec, Inc. factory headquarters to establish suitable terms & conditions for these applications. Elantec, Inc.'s warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages. Printed in U.S.A. Elantec Semiconductor, Inc. June 14, 2001 675 Trade Zone Blvd. Milpitas, CA 95035 Telephone: (408) 945-1323 (888) ELANTEC Fax: (408) 945-9305 European Office: +44-118-977-6020 Japan Technical Center: +81-45-682-5820 11 |
Price & Availability of EL5481C |