Part Number Hot Search : 
0UP20D EFD01E HCC4068 TSM69 1601B ST6001 A102M A5800
Product Description
Full Text Search
 

To Download EC10QS03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type
:
EC10QS03L
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * Extremely Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Capability * 30 Volts through 100Volts Types Available * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg 20 1.0 1.0
EC10QS03L
30 Ta=28 C *1 Ta=58 C *2 50Hz Half Sine Wave Resistive Load
Unit V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A *1 *2 Min. Typ. Max. 1.0 0.45 157 108 Unit mA V C /W
Rth(j-a) Junction to Ambient
*1 Glass Epoxy Substrate Mounted *2 Alumina Substrate Mounted Soldering Lands=2x2mm,Both Sides
EC10QS03L OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of EC10QS03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X