Part Number Hot Search : 
1N4998 IRKD5608 RY1212S C2052 PD121XL6 1025P LTC1595 EL6915CL
Product Description
Full Text Search
 

To Download DB105S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB101S
THRU
DB107S
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
FEATURES
* Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * High surge current capability * Polarity: marked on body * Mounting position: Any * Weight: 1.0 grams
+
DB-1S
.310(7.9) .290(7.4) .255(6.5) .245(6.2)
~ ~
.042(1.1) .038(1.0) .365(9.3) .355(9.0)
.013(.33) .003(.08) .410(10.4) .360(9.4) .060(1.5) .040(1.0) .135(3.4) .115(2.9)
.205(5.2) .195(5.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=125 C
DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNITS
50 35 50
100 70 100
200 140 200
400 280 400 1.0 50 1.1 10 -65 -65 500 +125 +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A C C
246
RATING AND CHARACTERISTIC CURVES (DB101S THRU DB107S)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
AMBIENT TEMPERATURE ( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (A)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
20
40
60
80
100 120 140
FORWARD VOLTAGE,(V)
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
247


▲Up To Search▲   

 
Price & Availability of DB105S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X