Part Number Hot Search : 
XR0174P 4008L 74ACT11 GF1004 37P1S500 1SV271 NT72C CM268
Product Description
Full Text Search
 

To Download DB105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB101 - DB107
1.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * UL Recognized Component Ideal for Printed Circuit Board Glass Passivated Chip Junctions, Surge Overload Rating of 50A Peak Simple, Compact Structure for Trouble-free Performance Plastic Package - UL Flammability Classification 94V-0
DB-1 Dim A
A B C
Min 6.10 7.11 8.13 0.20 2.80 1.02
Max 6.60 8.13 9.40 0.38 9.40 3.30 5.51 3.68 1.40
B C D E G H J K L M
Mechanical Data
* * * * *
G
E H K L M
D
Terminals: Tin Plated Leads Solderable per MIL-STD-202, Method 208 Case: Transfer Molded Epoxy Mounting Position: Any Polarity: Polarity Symbols Marked on Body Approx. Weight: 1.0 grams
J
0.51 Typical 5.15 Typical
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Characteristic Maximum Recurrent Peak Reverse Voltage Maximum RMS Input Voltage Maximum DC Blocking Voltage Maximum Average Rectified Output Current @ TA = 40C Peak Forward Surge Current Single Half Sine-wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage drop per Element at IF = 1.0A Maximum Reverse DC Current at Rated DC Blocking Voltage per Element Typical Thermal Resistance (Note 1) Storage and Operating Temperature Range @ TA = 25C @ TA = 100C Symbol VRRM VRMS VDC I(AV) IFSM VF IR RqJA TJ, TSTG DB 101 50 35 50
@ TA = 25C unless otherwise specified DB 102 100 70 100 DB 103 200 140 200 DB 104 400 280 400 1.0 50 1.1 10 1.0 40 -55 to +150 DB 105 600 420 600 DB 106 800 560 800 DB 107 1000 700 1000 Unit V V V A A V mA mA K/W C
Notes:
1. Thermal resistance from junction to ambient mounted on PC board with 13mm x 13mm copper pads. 2. 60 Hz resistive or inductive load. 3. For capacitive load, derate current by 20%.
DS21211 Rev. C-3
1 of 2
DB101-DB107
IAV, AVERAGE OUTPUT CURRENT (A)
Mounted on PC board with 12.7 X 12.7mm Copper pads
0.8
Note 1
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
1.0
0.6
0.4
0.1
TJ = 25C Pulse Width = 300s 2% Duty Cycle
0.2
60 Hz Resistive or Inductive Load
0
0.01
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Maximum Output Rectified Current
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS) Fig. 2 Typical Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (mA)
IFSM, PEAK FORWARD SURGE CURRENT (A)
100
60 50 40 30 20 10 0
TJ = 125C
10
1.0
0.1
TJ = 25C
0.01
0
20
40
60
80
100
120
140
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 3 Typical Reverse Characteristics
NUMBER OF CYCLES AT 60 Hz Fig. 4 Max Non-Repetitive Peak Forward Surge Current
DS21211 Rev. C-3
2 of 2
DB101-DB107


▲Up To Search▲   

 
Price & Availability of DB105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X