Part Number Hot Search : 
D1013 SM230A 500103MB TW0238A TW0238A 470LT SM230A SF603
Product Description
Full Text Search
 

To Download D2SBA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D2SBA60
600V 1.5A
FEATURES *oe Single In-Line Package Thin *oe High IFSM *oe Applicable to Automatic Insertion APPLICATION
OUTLINE DIMENSIONS
Case : 2S
Unit : mm
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage V 600 V RM IO Average Rectified Forward Current50Hz sine wave, R-load, On glass-epoxy substrate, Ta=25*Z 1.5 A Peak Surge Forward Current I 60 A FSM50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z 2 I2 1ms*...t*10ms*@Tj=25*Z t As Current Squared Time 16 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions V I =0.75A, Pulse measurement, Rating of per diode Forward Voltage FF IR V=V , Pulse measurement, Rating of per diode Reverse Current R RM Thermal Resistance AEjl junction to lead AEja junction to ambient Ratings Unit Max.1.05 V Max.10 EA Max.10 *Z/W Max.47
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D2SBAx
Forward Voltage
10
Forward Current IF [A]
Tl=150C [TYP]
Tl=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D2SBAx
4 3.5
Forward Power Dissipation
Forward Power Dissipation PF [W]
3 2.5 2 1.5 1 0.5 0
SIN
0
0.5
1
1.5
2
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D2SBAx
3
Derating Curve
Average Rectified Forward Current IO [A]
2.5
PCB Glass-epoxy substrate Soldering land 3mm
2 SIN 1.5
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D2SBAx
100
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
80
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D2SBA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X