Part Number Hot Search : 
133AX 10D20 2SC2371 MPC603 M18SP6RQ LX550 C4064G 1008F
Product Description
Full Text Search
 

To Download CLM4420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Speed MOSFET Drivers
CORPORATION
CLM4420 / CLM4429
FEATURES DESCRIPTION The CLM4420 and CLM4429 family operate over 4.5V to 18V, can withstand high current peaking of 6A and have matched rise and fall times under 25ns. The product has been designed utilizing Calogic's rugged CMOS process with protection for latch up and ESD. The product is available in inverting (CLM4429) and noninverting (CLM4420) configurations. ORDERING INFORMATION Part# CLM4420CP CLM4420EP CLM4420CY CLM4420EY CLM4429CP CLM4429EP CLM4429CY CLM4429EY Logic Noninverting Noninverting Noninverting Noninverting Inverting Inverting Inverting Inverting Package 8-Pin PDIP 8-Pin PDIP 8-Pin SOIC 8-Pin SOIC 8-Pin PDIP 8-Pin PDIP 8-Pin SOIC 8-Pin SOIC Temperature Range 0oC to +70oC -40oC to +85oC 0oC to +70oC -40oC to +85oC 0oC to +70oC -40oC to +85oC 0oC to +70oC -40oC to +85oC
* Latch Up Protected . . . . . . . . . . . . . . . . . . . . . . . . . >1.5A * Logic Input Swing . . . . . . . . . . . . . . . . . . . . . Negative 5V ... ... ... .... 4kV * ESD . . . . Rise. and. Fall .Times. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .20ns * Matched * Motor Controls * Switch-Mode Power Supplies Transformer Driver * Pulse D Switching Amplifiers * Class
APPLICATIONS
FUNCTIONAL DIAGRAM AND PIN CONFIGURATIONS
DIP VD D INPUT NC GND 1 2 3 4 8 7 6 5 VD D OUTPUT OUTPUT GND
1A-07
SOIC VD D INPUT NC GND 1 2 3 4 8 7 6 5 VD D OUTPUT OUTPUT GND
1A-08
VDD
500
300mV OUTPUT
CLM4420 / CLM4429
INPUT 4.7V
GND
EFFECTIVE INPUT C = 38pF
1L-13
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM4420 / CLM429
CORPORATION
ABSOLUTE MAXIMUM RATINGS Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to >VDD Input Current (VIN > VDD). . . . . . . . . . . . . . . . . . . . . . . . 50mA Power Dissipation, TA 25oC PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Derating Factors (To Ambient) PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mW/oC SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4mW/oC Storage Temperature Range . . . . . . . . . . . . -55oC to +150oC Operating Temperature (Chip). . . . . . . . . . . . . . . . . . . +150oC Operating Temperature Range (Ambient) C Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC E Version . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300oC Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended-periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = +25oC with 4.5V VDD 18V, unless otherwise specified.
SYMBOL INPUT VIH VIL VIN (Max) IIN OUTPUT VOH VOL RO RO IPK IREV High Output Voltage Low Output Voltage Output Resistance, High Output Resistance, Low Peak Output Current Latch-Up Protection Withstand Reverse Current >1.5 2.1 1.5 6 VDD-0.025 0.025 2.8 2.5 V V A A See Figure 1 See Figure 1 IOUT = 10mA, VDD = 18V IOUT = 10mA, VDD = 18V VDD = 18V (See Figure 5) Duty Cycle 2% t 300A Logic 1 High Input Voltage Logic 0 Low Input Voltage Input Voltage Range Input Current -5 -10 2.4 1.8 1.3 0.8 VDD+0.3 10 V V V A 0V VIN VDD PARAMETER MIN TYP MAX UNIT TEST CONDITIONS
SWITCHING TIME (Note 1) tR tF tD1 tD2 Rise Time Fall Time Delay Time Delay Time 25 25 20 20 35 35 40 40 ns ns ns ns Figure 1, CL = 2500pF Figure 1, CL = 2500pF Figure 1 Figure 1
POWER SUPPLY IS VDD Power Supply Current Operating Input Voltage 4.5 1 55 1.5 150 18 mA A V VIN = 3V VIN = 0V
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM4420 / CLM4429
CORPORATION
ELECTRICAL CHARACTERISTICS: Measured over operating temperature range with 4.5V VDD 18V, unless otherwise specified.
SYMBOL INPUT VIH VIL VIN (Max) IIN OUTPUT VOH VOL RO RO High Output Voltage Low Output Voltage Output Resistance, High Output Resistance, Low 3 2.3 VDD-0.025 0.025 5 5 V V See Figure 1 See Figure 1 IOUT = 10mA, VDD = 18V IOUT = 10mA, VDD = 18V Logic 1 High Input Voltage Logic 0 Low Input Voltage Input Voltage Range Input Current -5 -10 2.4 0.8 VDD+0.3 10 V V V A 0V VIN VS PARAMETER MIN TYP MAX UNIT TEST CONDITIONS
SWITCHING TIME (Note 1) tR tF tD1 tD2 Rise Time Fall Time Delay Time Delay Time 32 34 20 20 60 60 50 50 ns ns ns ns Figure 1, CL = 2500pF Figure 1, CL = 2500pF Figure 1 Figure 1
POWER SUPPLY IS VDD Power Supply Current Operating Input Voltage 4.5 1 60 3 400 18 mA A V VIN = 3V VIN = 0V
Note: 1. Switching times guaranteed by design.
FIGURE 1. SWITCHING TIME TEST CIRCUIT
V DD = 18V
+5V
0.1F
INPUT
90%
1 0.1F 2
8
0.4V 10% t D1 90% tF t D2 tR 90%
0.1F
+18V
INPUT
6 7
OUTPUT
OUTPUT 0V 10% 10%
C L = 2500pF 4 5
INPUT: 100kHz, SQUARE WAVE, t RISE = t FALL 10nS
1A-09
1A-10
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM4420 / CLM4429
CORPORATION
TYPICAL CHARACTERISTICS CURVES
RISE TIME vs SUPPLY VOLTAGE
120 100 CL = 10,000 pF
80
FALL TIME vs SUPPLY VOLTAGE
100
80 CL = 10,000 pF
TIME (ns)
TIME (ns)
60 CL = 4700 pF CL = 2200 pF 20
60 C L = 4700 pF 40 C L = 2200 pF 20 0 5 7 9 11 13 15
1L-14
40
0 5 7 9 11 13 15
1L-15
VDD (V)
VDD (V)
RISE AND FALL TIMES vs TEMPERATURE
50 CL = 2200pF VDD = 18V 100 80 60
RISE TIME vs CAPACITIVE LOAD
40
VDD = 5V
TIME (ns)
30
t FALL t RISE
TIME (ns)
40
20
VDD = 12V 20 VDD = 18V
10
0 -60
-20
20
60
100
140
1L-16
10 1000 CAPACITVE LOAD (pF)
10,000
1L-17
TA (C)
FALL TIME vs CAPACITIVE LOAD
100 80
PROPAGATION DELAY TIME vs SUPPLY VOLTAGE
65 60
60
DELAY TIME (ns)
TIME (ns)
VDD = 5V
40
55 50 45 40 t D2
VDD = 12V 20 VDD = 18V
t D1
10 1000 CAPACITVE LOAD (pF)
35
10,000
1L-18
4
6
8
10
12
14
16
18
1A-16
SUPPLY VOLTAGE (V)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM4420 / CLM4429
CORPORATION
TYPICAL CHARACTERISTICS CURVES (Cont.)
PROPAGATION DELAY TIME vs TEMPERATURE
50 C L = 2200pF VDD = 18V t D2 30 t D1 20
SUPPLY CURRENT (mA)
SUPPLY CURRENT vs CAPACITY LOAD
84 70 56 42 500kHz 28 14 0 200kHz 20kHz VDD = 15V
40
DELAY TIME (ns)
10
0 -60
-20
20
60
100
140
1A-17
0
100
1000
10,000
1A-18
TA (C)
CAPACITIVE LOAD (pF)
SUPPLY CURRENT vs FREQUENCY
1000
SUPPLY CURRENT (mA)
THERMAL DERATING CURVE
1600
C L = 2200pF 18V
1400
MAX. POWER (mW)
100
10V 5V
1200 1000 800 600 400 200
8 DIP 8 SOIC 8 CerDIP
10
0 0 100 1000 10,000
1A-19
0 0 20 40 60 80 100 120
1L-19
FREQUENCY (kHz)
AMBIENT TEMPERATURE (C)
LOW-STATE OUTPUT RESISTANCE
2.5 5
HIGH-STATE OUTPUT RESISTANCE
50mA 100mA 4
100mA 2
R OUT ()
50mA
1.5
R OUT ()
10mA
10mA
3
1 5 7 9 11 13 15
1A-23
2 5 7 9 11 13 15
1A-22
VDD (V)
VDD (V)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CLM4420 / CLM4429
CORPORATION
TYPICAL CHARACTERISTICS CURVES (Cont.)
EFFECT OF INPUT AMPLITUDE ON PROPAGATION DELAY
200 LOAD = 2200pF
TOTAL nA*S CROSSOVER*
4
CROSSOVER AREA (A*S) x 10 -9
160
DELAY TIME (ns)
3
120 INPUT 2.4V 80 INPUT 3V INPUT 5V 40 INPUT 8V AND 10V
2
1
0 5 6 7 8 9 10 11 12 13 14 15 VDD (V)
1A-24
0 5 6 7 8 9 10 11 12 13 14 15 SUPPLY VOLTAGE (V)
* The values on this graph represent the loss seen by the driver during one complete cycle. For a single transition, divide the value by 2.
1A-25
IN
V DD
V DD
OUT OUT
GND
GND
GND
DIE SIZE X X (INCHES) DIE SIZE 76 7677 77 (mm)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CLM4420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X