Part Number Hot Search : 
Z30D5 1N5239 ADP1231 HD74LS1 106K0 100L2K CONDUCT B2016RUI
Product Description
Full Text Search
 

To Download BUZ72A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ72A
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
TYPE BUZ72A
s s s s s s s
V DSS 100 V
R DS( on) < 0.25
ID 11 A
TYPICAL RDS(on) = 0.23 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE TO-220
3 1 2
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s REGULATORS s DC-DC & DC-AC CONVERTERS s MOTOR CONTROL, AUDIO AMPLIFIERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VD S V DG R V GS ID I DM P tot T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (pulsed) Total Dissipation at Tc = 25 C Storage Temperature Max. Operating Junction Temperature DIN Humidity Category (DIN 40040) IEC Climatic Category (DIN IEC 68-1)
o o
Value 100 100 20 11 44 70 -65 to 175 175 E 55/150/56
Unit V V V A A W
o o
C C
June 1993
1/7
BUZ72A
THERMAL DATA
R thj-cas e Rthj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 2.14 62.5
o o
C/W C/W
AVALANCHE CHARACTERISTICS
Symbol IA R E AS E AR IA R Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR, VD D = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Value 11 36 9 7 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V( BR)DSS I DS S IG SS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VG S = 0 Min. 100 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V D S = 0) V GS = 20 V
Tj = 125 oC
ON ()
Symbol V G S(th) R DS( on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance V GS = 10 V Test Conditions ID = 250 A ID = 5 A Min. 2 Typ. 2.9 0.23 Max. 4 0.25 Unit V
DYNAMIC
Symbol gfs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS = 25 V V DS = 25 V ID = 5 A f = 1 MHz VG S = 0 Min. 2.7 Typ. 4.5 330 90 25 450 120 40 Max. Unit S pF pF pF
SWITCHING
Symbol t d(on) tr t d(off ) tf Parameter Turn-on Time Rise Time Turn-off Delay Time Fall Time Test Conditions V DD = 50 V R GS = 4.7 I D = 5.5 A V GS = 10 V Min. Typ. 10 50 25 20 Max. 15 75 40 30 Unit ns ns ns ns
2/7
BUZ72A
ELECTRICAL CHARACTERISTICS (continued) SOURCE DRAIN DIODE
Symbol IS D I SD M V S D () t rr Q rr Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge I SD = 22 A I SD = 11 A V DD = 20 V VG S = 0 di/dt = 100 A/s T j = 150 o C 80 0.22 Test Conditions Min. Typ. Max. 11 44 1.6 Unit A A V ns C
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
Derating Curve
Output Characteristics
3/7
BUZ72A
Transfer Characteristics
Transconductance
Static Drain-Source On Resistance
Maximum Drain Current vs Temperature
Gate Charge vs Gate-Source Voltage
Capacitance Variation
4/7
BUZ72A
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
Source-Drain Diode Forward Characteristics
5/7
BUZ72A
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2 F1
D
G1
E
Dia. F2 F
L5 L7 L6
L9
L4
G
6/7
H2
P011C
BUZ72A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
7/7


▲Up To Search▲   

 
Price & Availability of BUZ72A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X