Part Number Hot Search : 
PA1801 C18F67 DSF1B CX96420 45MTC DSF1B C18F67 ISP1563
Product Description
Full Text Search
 

To Download BT136X-500E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Triacs sensitive gate
GENERAL DESCRIPTION
Glass passivated, sensitive gate triacs in a full pack plastic envelope, intended for use in general purpose bidirectional switching and phase control applications, where high sensitivity is required in all four quadrants.
BT136X series E
QUICK REFERENCE DATA
SYMBOL VDRM IT(RMS) ITSM PARAMETER BT136XRepetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current MAX. MAX. MAX. UNIT 500E 500 4 25 600E 600 4 25 800E 800 4 25 V A A
PINNING - SOT186A
PIN 1 2 3 DESCRIPTION main terminal 1
PIN CONFIGURATION
case
SYMBOL
T2
main terminal 2 gate
123
T1
case isolated
G
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VDRM IT(RMS) ITSM PARAMETER Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current I2t for fusing Repetitive rate of rise of on-state current after triggering full sine wave; Ths 92 C full sine wave; Tj = 25 C prior to surge t = 20 ms t = 16.7 ms t = 10 ms ITM = 6 A; IG = 0.2 A; dIG/dt = 0.2 A/s T2+ G+ T2+ GT2- GT2- G+ CONDITIONS MIN. -40 -500 5001 MAX. -600 6001 4 25 27 3.1 50 50 50 10 2 5 5 0.5 150 125 -800 800 UNIT V A A A A2s A/s A/s A/s A/s A V W W C C
I2t dIT/dt
IGM VGM PGM PG(AV) Tstg Tj
Peak gate current Peak gate voltage Peak gate power Average gate power Storage temperature Operating junction temperature
over any 20 ms period
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 3 A/s. August 1997 1 Rev 1.200
Philips Semiconductors
Product specification
Triacs sensitive gate
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER R.M.S. isolation voltage from all three terminals to external heatsink CONDITIONS f = 50-60 Hz; sinusoidal waveform; R.H. 65% ; clean and dustfree MIN. -
BT136X series E
TYP.
MAX. 2500
UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
10
-
pF
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS full or half cycle with heatsink compound without heatsink compound in free air MIN. TYP. 55 MAX. 5.5 7.2 UNIT K/W K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL IGT PARAMETER Gate trigger current CONDITIONS VD = 12 V; IT = 0.1 A T2+ G+ T2+ GT2- GT2- G+ T2+ G+ T2+ GT2- GT2- G+ MIN. 0.25 TYP. 2.5 4.0 5.0 11 3.0 10 2.5 4.0 2.2 1.4 0.7 0.4 0.1 MAX. 10 10 10 25 15 20 15 20 15 1.70 1.5 0.5 UNIT mA mA mA mA mA mA mA mA mA V V V mA
IL
Latching current
VD = 12 V; IGT = 0.1 A
IH VT VGT ID
Holding current On-state voltage Gate trigger voltage Off-state leakage current
VD = 12 V; IGT = 0.1 A IT = 5 A VD = 12 V; IT = 0.1 A VD = 400 V; IT = 0.1 A; Tj = 125 C VD = VDRM(max); Tj = 125 C
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL dVD/dt tgt PARAMETER Critical rate of rise of off-state voltage Gate controlled turn-on time CONDITIONS VDM = 67% VDRM(max); Tj = 125 C; exponential waveform; gate open circuit ITM = 6 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s MIN. TYP. 50 2 MAX. UNIT V/s s
August 1997
2
Rev 1.200
Philips Semiconductors
Product specification
Triacs sensitive gate
BT136X series E
8 7 6 5 4 3 2 1 0
Ptot / W
BT136
Ths(max) / C
81 86.5
5
IT(RMS) / A
BT136X
92 C 4
1
= 180 120 90 60 30
92 97.5 103 108.5 114
3
2
1
119.5 0 1 2 3 IT(RMS) / A 4 125 5
0 -50
0
50 Ths / C
100
150
Fig.1. Maximum on-state dissipation, Ptot, versus rms on-state current, IT(RMS), where = conduction angle.
Fig.4. Maximum permissible rms current IT(RMS) , versus heatsink temperature Ths.
BT136
1000
ITSM / A
BT136 IT T ITSM
12 10
time
IT(RMS) / A
Tj initial = 25 C max 100 dIT /dt limit
8 6 4
T2- G+ quadrant
2
10 10us
100us
1ms T/s
10ms
100ms
0 0.01
0.1 1 surge duration / s
10
Fig.2. Maximum permissible non-repetitive peak on-state current ITSM, versus pulse width tp, for sinusoidal currents, tp 20ms.
Fig.5. Maximum permissible repetitive rms on-state current IT(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; Ths 92C.
VGT(Tj) VGT(25 C)
30 25 20 15 10 5 0
ITSM / A
BT136
1.6
IT T I TSM time
BT136
1.4 1.2 1 0.8 0.6 0.4 -50
Tj initial = 25 C max
1
10 100 Number of cycles at 50Hz
1000
0
50 Tj / C
100
150
Fig.3. Maximum permissible non-repetitive peak on-state current ITSM, versus number of cycles, for sinusoidal currents, f = 50 Hz.
Fig.6. Normalised gate trigger voltage VGT(Tj)/ VGT(25C), versus junction temperature Tj.
August 1997
3
Rev 1.200
Philips Semiconductors
Product specification
Triacs sensitive gate
BT136X series E
3 2.5 2 1.5 1 0.5
IGT(Tj) IGT(25 C)
BT136E T2+ G+ T2+ GT2- GT2- G+
12 10
IT / A Tj = 125 C Tj = 25 C
Vo = 1.27 V Rs = 0.091 ohms
BT136 typ max
8 6 4 2 0
0 -50
0
50 Tj / C
100
150
0
0.5
1
1.5 VT / V
2
2.5
3
Fig.7. Normalised gate trigger current IGT(Tj)/ IGT(25C), versus junction temperature Tj.
IL(Tj) IL(25 C)
Fig.10. Typical and maximum on-state characteristic.
3 2.5
TRIAC
10
Zth j-hs (K/W)
BT136
with heatsink compound without heatsink compound unidirectional 1 bidirectional
2 1.5 1 0.5 0 -50
0.01 10us 0.1ms 1ms 0.1
P D
tp
t
0
50 Tj / C
100
150
10ms tp / s
0.1s
1s
10s
Fig.8. Normalised latching current IL(Tj)/ IL(25C), versus junction temperature Tj.
IH(Tj) IH(25C)
Fig.11. Transient thermal impedance Zth j-hs, versus pulse width tp.
dVD/dt (V/us)
3 2.5 2 1.5 1 0.5
TRIAC
1000
100
10
0 -50
0
50 Tj / C
100
150
1
0
50 Tj / C
100
150
Fig.9. Normalised holding current IH(Tj)/ IH(25C), versus junction temperature Tj.
Fig.12. Typical, critical rate of rise of off-state voltage, dVD/dt versus junction temperature Tj.
August 1997
4
Rev 1.200
Philips Semiconductors
Product specification
Triacs sensitive gate
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.3 max 3.2 3.0
BT136X series E
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2
3 1.0 (2x) 0.6 2.54 0.5 2.5 1.3 0.9 0.7
5.08
Fig.13. SOT186A; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
August 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Triacs sensitive gate
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BT136X series E
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1997
6
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BT136X-500E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X