Part Number Hot Search : 
AL212386 74VHC1G IP00BW STM7096N LT1054 34151 2060C XFATM
Product Description
Full Text Search
 

To Download BSS84PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BSS84PW
SIPMOS (R) Small-Signal-Transistor
Features
* P-Channel
Product Summary Drain source voltage Drain-source on-state resistance Continuous drain current
* Enhancement mode
VDS RDS(on) ID
3
-60 8 -0.15
V
* Avalanche rated * Logic Level * dv/dt rated
W
A
2 1
VSO05561
Type BSS84PW
Package SOT-323
Ordering Code Q67042-S4028
Marking YBs
Pin 1 G
PIN 2 S
PIN 3 D
Maximum Ratings,at T j = 25 C, unless otherwise specified Parameter Symbol Continuous drain current
Value -0.15 -0.6 2.61 0.03 6
Unit A
ID ID puls EAS EAR
dv/dt
T A = 25 C
Pulsed drain current
T A = 25 C
Avalanche energy, single pulse
I D = -0.15 A , V DD = -25 V, RGS = 25 W
Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt
mJ
kV/s
I S = -0.15 A, V DS = -48 V, di/dt = 200 A/s, T jmax = 150 C
Gate source voltage Power dissipation
VGS Ptot Tj , Tstg
20 0.3 -55...+150 55/150/56
V W C
T A = 25 C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2000-04-14
Preliminary data
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point (Pin 3) SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 1) Symbol min. Values typ. -
BSS84PW
Unit max. 110 K/W
RthJS RthJA
-
-
-
420 350
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage Symbol min. Values typ. -1.5 max. -2 A -0.1 -10 -10 10.5 6.9 4.6 -1 -100 -100 25 12 8 nA V Unit
V(BR)DSS VGS(th) IDSS
-60 -1
VGS = 0 V, I D = -250 A
Gate threshold voltage, VGS = VDS I D = -20 A Zero gate voltage drain current
VDS = -60 V, V GS = 0 V, T j = 25 C VDS = -60 V, V GS = 0 V, T j = 125 C
Gate-source leakage current
IGSS RDS(on) RDS(on) RDS(on)
VGS = -20 V, VDS = 0 V
Drain-source on-state resistance
W
VGS = -2.7 V, I D = -0.01 A
Drain-source on-state resistance
VGS = -4.5 V, I D = -0.12 A
Drain-source on-state resistance
VGS = -10 V, ID = -0.15 A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2000-04-14
Preliminary data
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol Conditions min. Values typ. 0.16 15.3 5.8 3 6.7 16.2 8.6 20.5
BSS84PW
Unit max. 19.1 7.3 3.8 10 24.3 12.9 30.8 ns S pF
g fs Ciss Coss Crss t d(on) tr t d(off) tf
V DS2*ID*R DS(on)max , ID=0.15A V GS=0V, VDS=-25V, f=1MHz
0.08 -
V DD=-30V, V GS=-4.5V, ID=-0.12A, RG=25W
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge
Q gs Q gd Qg
V DD=-48V, I D=-0.15A
-
0.25 0.3 1 -3.4
0.38 0.45 1.5 -
nC
V DD=-48V, I D=-0.15A, V GS=0 to -10V
V(plateau) V DD=-48V, ID=-0.15A
V
IS I SM VSD t rr Q rr
T A=25C
-
-0.84 23.6 11.6
-0.15 A -0.6 -1.12 V 35.4 17.4 ns nC
V GS=0V, IF=-0.15A V R=-30V, I F=l S,
diF/dt=100A/s
-
Page 3
2000-04-14
Preliminary data
Power Dissipation Drain current
BSS84PW
Ptot = f (TA)
BSS84PW
ID = f (TA )
parameter: VGS
BSS84PW
10 V
0.32
-0.16
W
A
0.24
-0.12
Ptot
0.16
ID
20 40 60 80 100 120
0.20
-0.10
-0.08
0.12
-0.06
0.08
-0.04
0.04
-0.02
0.00 0
C
160
0.00 0
20
40
60
80
100
120
C
160
TA
TA
Safe operating area
Transient thermal impedance
I D = f ( V DS )
parameter : D = 0 , T A = 25 C
-10
1 BSS84PW
ZthJA = f (tp )
parameter : D = tp /T
10 3
BSS84PW
A K/W
-10 0
tp = 40.0s
Z thJC
100 s
10 2
ID
/I D
-10
-1
=
V
DS
1 ms
RD
S(
on
)
10 ms
D = 0.50 0.20 10
1
0.10 0.05 0.02 single pulse
-10 -2 DC
0.01
-10 -3 -1 -10
-10
0
-10
1
V
-10
2
10 0 -5 -4 -3 -2 -1 0 10 10 10 10 10 10
10
1
s
10
3
VDS
Page 4
tp
2000-04-14
Preliminary data
Typ. output characteristic
BSS84PW
Typ. drain-source-on-resistance
I D = f (VDS); T j=25C parameter: tp = 80 s
BSS84PW
RDS(on) = f (ID )
parameter: VGS
BSS84PW
-0.36
Ptot = 0W
gf
VGS [V] a -2.5
b -3.0 -3.5 -4.0 -4.5 -5.0 -6.0
A
-0.28
W
e
26
a b c d
22 20
d
c d e f
RDS(on)
18 16 14 12 10
-0.24
ID
-0.20 -0.16 -0.12 -0.08 -0.04
a b c
g
8 6 4 2 -5.0
VGS [V] =
a b c d e f -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 g -6.0
e g f
0.00 0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 V
0 0.00 -0.04 -0.08 -0.12 -0.16 -0.20 -0.24 A
-0.30
VDS
ID
Typ. transfer characteristics I D= f ( V GS )
VDS 2 x I D x RDS(on)max
parameter: tp = 80 s
-0.30
Typ. forward transconductance
gfs = f(ID ); Tj=25C
parameter: gfs
0.22
S A
0.18 0.16
gfs
V -5.0 VGS
ID
-0.20
0.14 0.12
-0.15 0.10 0.08 0.06 -0.05 0.04 0.02 0.00 0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 0.00 0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30
-0.10
A -0.40 ID
Page 5
2000-04-14
Preliminary data
Drain-source on-resistance Gate threshold voltage
BSS84PW
RDS(on) = f(Tj)
parameter: ID = -0.17A, V GS = -10 V
16
VGS(th) = f (Tj)
parameter: VGS = VDS , ID = -20 A
-2.5
W
V
max.
10
max.
V GS(th)
RDS(on)
12
-1.5
typ.
8 -1.0
typ. min.
6
4 -0.5 2
0 -60
-20
20
60
100
160 C Tj
0.0 -60
-20
20
60
100
C
180
Tj
Typ. capacitances C = f(VDS) Parameter: VGS=0 V, f=1 MHz
10
2
Forward characteristics of reverse diode
IF = f (VSD )
parameter: Tj , tp = 80 s
-10 0
BSS84PW
A
pF
Ciss
-10 -1
C
10 1
Coss
Crss
IF
-10 -2
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 0 0 -10 -3 0.0
-5
-10
-15
-20
V
-30
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VDS
VSD
Page 6
2000-04-14
Preliminary data
Avalanche energy Typ. gate charge
BSS84PW
EAS = f (Tj)
3.0
par.: ID = -0.15 A , VDD = -25 V, R GS = 25 W
VGS = f (QGate )
parameter: ID = -0.15 A pulsed
BSS84PW
-16
V
mJ
-12
E AS
2.0
VGS
-10
0,2 VDS max
0,8 VDS max
1.5
-8
-6 1.0 -4 0.5 -2
0.0 25
45
65
85
105
125
C
165
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2 nC
1.5
Tj
Q Gate
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
BSS84PW
-72
V
V(BR)DSS
-68 -66 -64 -62 -60 -58 -56 -54 -60
-20
20
60
100
C
180
Tj
Page 7
2000-04-14
Preliminary data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer.
BSS84PW
Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2000-04-14


▲Up To Search▲   

 
Price & Availability of BSS84PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X