Part Number Hot Search : 
TU601 VPA30 ST62T LMR56W A123J JA3508B AK5534VN LT555
Product Description
Full Text Search
 

To Download BA6797FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA6797FP / BA6797FM
The BA6797FP and BA6797FM are 4-channel BTL power drivers for CD players and each have an internal 5V regulator (requires attached PNP transistor). Because the input stage of each driver channel connects to an operational amplifier, and there are both positive and negative input pins, making these ICs adaptable for a wide range of inputs and greatly simplify filter configuration. In addition, the internal level shifting circuit reduces the number of external components.
FApplications CD players, CD-ROM drives and other optical disc devices
FFeatures 1) 4-channel BTL driver in a HSOP 28-pin power package, ideal for application miniaturization. 2) Wide dynamic range. 3) Internal thermal shutdown circuit.
4) Internal level shifting circuit reduces the number of external components. 5) Dual positive and negative input pins, for adaptability for a wide range of inputs (including negative phase input). Also simplifies filter configuration.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
364
Optical disc ICs
FBlock diagram
BA6797FP / BA6797FM
365
Optical disc ICs
FPin descriptions
BA6797FP / BA6797FM
366
Optical disc ICs
FInput / output circuits
BA6797FP / BA6797FM
367
Optical disc ICs
BA6797FP / BA6797FM
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8)
368
Optical disc ICs
FMeasurement circuit
BA6797FP / BA6797FM
369
Optical disc ICs
FMeasurement circuit switch table
BA6797FP / BA6797FM
370
Optical disc ICs
FApplication example
BA6797FP / BA6797FM
FOperation notes (1) The BA6797FP and BA6797FM have an internal thermal shutdown circuit. Output current is muted when the chip temperature exceeds 175_C (typically). (2) If the mute pin (pin 9) voltage is opened or lowered below 0.5V, the output current will be muted. Pin 15 should be pulled up above 2.0V during normal use. During muting, the output pins remain at the internal bias voltage, roughly (VCC / 2).
(3) The bias pin (pin 8) is muted when lowered below 1.4V (typically). Make sure it stays above 1.6V during normal use. (4) Be sure to connect the IC to a 0.1F bypass capacitor to the power supply, at the base of the IC. (5) Connect the radiating fin to an external ground. (6) The capacitor between regulator output (pin 7) and GND also serves to prevent oscillation of the IC, so select one with good temperature characteristics.
371
Optical disc ICs
FElectrical characteristic curves
BA6797FP / BA6797FM
372
Optical disc ICs
FExternal dimensions (Units: mm)
BA6797FP / BA6797FM
373


▲Up To Search▲   

 
Price & Availability of BA6797FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X