Part Number Hot Search : 
C3082 C3082 UPD70F IR21592 SPLSI1 D7808 TB62726F NCP1601B
Product Description
Full Text Search
 

To Download AK6480B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AK6420B/40B/80B]
AK6420B / 40B / 80B
2K / 4K / 8Kbit Serial CMOS EEPROM
Features
ADVANCED CMOS EEPROM TECHNOLOGY Wide Vcc (1.8V 5.5V) operation AK6420B * * 2048 bits: 128 O 16 organization AK6440B * * 4096 bits: 256 O 16 organization AK6480B * * 8192 bits: 512 O 16 organization ONE CHIP MICROCOMPUTER INTERFACE - Interface with one chip microcomputer's serial communication port directly LOW POWER CONSUMPTION - 0.8A Max (Standby mode) HIGH RELIABILITY -Endurance -Data Retention : 100K cycles : 10 years
SPECIAL FEATURES - High speed operation ( fMAX=1MHz: Vcc=2.5V ) - Automatic write cycle time-out with auto-ERASE - Automatic address increment (READ) - Software and Hardware controlled write protection IDEAL FOR LOW DENSITY DATA STORAGE - Low cost, space saving, 8-pin package (MSOP)
DAS03E-00
-1-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
General Description The AK6420B/40B/80B is a 2048/4096/8192bit, serial, read/write, non-volatile memory device fabricated using an advanced CMOS E2PROM technology. The AK6420B has 2048bits of memory organized into 128 registers of 16 bits each. The AK6440B has 4096bits of memory organized into 256 registers of 16 bits each. The AK6480B has 8192bits of memory organized into 512 registers of 16 bits each. The AK6420B/40B/80B can operate full function under wide operating voltage range from 1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write operation. The AK6420B/40B/80B can connect to the serial communication port of popular one chip microcomputer directly (3 line negative clock synchronous interface). At write operation, AK6420B/40B/80B takes in the write data from data input pin (DI) to a register synchronously with rising edge of input pulse of serial clock pin (SK). And at read operation, AK6420B/40B/80B takes out the read data from a register to data output pin (DO) synchronously with falling edge of SK. The AK6420B/40B/80B has 4 instructions such as READ, WRITE, WREN (write enable) and WRDS (write disable). Each instruction is organized by op-code block (8bits), address block (8bits) and data (8bits O 2). When input level of SK pin is high level and input level of chip select (CS) pin is changed from high level to low level, AK6420B/40B/80B can receive the instructions. Special features of the AK6420B/40B/80B include : automatic write time-out with auto-ERASE, Ready/Busy status signal output and ultra-low standby power mode when deselected (CS=high).
* Software and Hardware controlled write protection
The AK6420B/40B/80B has 2 (hardware and software) write protection functions. After power on or after execution of WRDS (write disable) instruction, execution of WRITE instruction will be disabled. This write protection condition continues until WREN instruction is executed or Vcc is removed from the part. Execution of READ instruction is independent of both WREN and WRDS instructions. Reset pin should be low level when WRITE instruction is executed. When the Reset pin is high level, the WRITE instruction is not executed.
* Ready/Busy status signal
The DO pin indicates the Busy status. When input level of SK pin is low level and input level of CS pin is changed from high level to low level, the AK6420B/40B/80B is in the status output mode and the DO pin indicates the Ready/Busy status. The Ready/ Busy status outputs on DO pin until CS pin is changed from low level to high level, or first bit ("1") of op-code of next instruction is given to the part. Except when the device is in the status output mode or outputs data, the DO pin is in the high impedance state. Type of Products Model AK6420BH AK6440BH AK6480BH Memory size 2Kbits 4Kbits 8Kbits Temp.Range -40C85C -40C85C -40C85C Vcc 1.8V5.5V 1.8V5.5V 1.8V5.5V Package 8pin Plastic MSOP 8pin Plastic MSOP 8pin Plastic MSOP
DAS03E-00
-2-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Pin arrangement
Pin Name CS SK DI DO RESET Vcc GND NC
Function Chip Select Serial Data Clock Serial Data Input Serial Data Output RESET Input Power Supply Ground Not Connected
DAS03E-00
-3-
1999/05
ASAHI KASEI Pin Description
[AK6420B/40B/80B]
CS (Chip Select) When SK is high level and CS is changed from high level to low level, AK6420B/40B/80B can receive the instructions. CS should be kept low level while receiving op-code, address and data and while outputting data. If CS is changed to high level during the above period, AK6420B/40B/80B stops the instruction execution. When SK is low and CS is changed from high level to low level, AK6420B/40B/80B will be in status output mode. The CS need not be low level during the automatic write time-out period (BUSY status). SK (Serial Clock) The SK clock pin is the synchronous clock input for input/output data. At write operation, AK6420B/40B/80B takes in the write data from data input pin (DI) synchronously with rising edge of input pulse of serial clock pin (SK). And at read operation, AK6420B/40B/80B takes out the read data to data output pin (DO) synchronously with falling edge of SK. The SK clock is not needed during the automatic write time-out period (BUSY status), the status output period and when the device isn't selected (CS = high level). DI (Data Input) The op-code, address and write data is input to the DI pin. DO (Data Output) The DO pin outputs the read data and status signal and will be high impedance except for this timing. RESET (Reset) The AK6420B/40B/80B stops executing the write instruction when the RESET pin is high level. The RESET pin should be low level while the write instruction input period and the automatic write time-out period. If the RESET pin is high level while the automatic write time-out period, the AK6420B/40B/80B stops execution of internal programming and the device returns to ready status. In this case the word data of the specified address will be incomplete. When inputting the new instruction after RESET, the CS pin should be set to high level. The read, write enable and write disable instructions are not affected by RESET pin status. Vcc (Power Supply) GND (Ground)
DAS03E-00
-4-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Functional Description The AK6420B/40B/80B has 4 instructions such as READ, WRITE, WREN (write enable) and WRDS (write disable). Each instruction is organized by op-code block (8bits), address block (8bits) and data (8bitsO2). When input level of SK pin is high level and input level of chip select (CS) pin is changed from high level to low level, AK6420B/40B/80B can receive the instructions. When the instructions are executed consecutively, the CS pin should be brought to high level for a minimum of 250ns(Tcs) between consecutive instruction cycle.
Instruction Set For 6420B
Instruction READ WRITE WREN WRDS ( WRAL )
Instruction Set For 6440B
Op-Code 10101000 10100100 10100011 10100000 10101111
Address A6 A5 A4 A3 A2 A1 A0 0 A6 A5 A4 A3 A2 A1 A0 0 O y y Oy y Oy y Oy y Oy y Oy y Oy y O O y y Oy y Oy y Oy y Oy y Oy y Oy y O O y y Oy y Oy y Oy y Oy y Oy y Oy y O
Data D15 -D0 D15 -D0
D15 -D0
Instruction READ WRITE WREN WRDS ( WRAL )
Instruction Set For 6480B
Op-Code 10101000 10100100 10100011 10100000 10101111
Address A7 A6 A5 A4 A3 A2 A1 A0 A7 A6 A5 A4 A3 A2 A1 A0 OyyOyyOyyOyyOyyOyyOyyO OyyOyyOyyOyyOyyOyyOyyO OyyOyyOyyOyyOyyOyyOyyO
Data D15 -D0 D15 -D0
D15 -D0
Instruction READ WRITE WREN WRDS ( WRAL )
Op-Code 1 0 1 0 1 0 0 A8 1 0 1 0 0 1 0 A8 10100011 10100000 10101111
Address A7 A6 A5 A4 A3 A2 A1 A0 A7 A6 A5 A4 A3 A2 A1 A0 OyyOyyOyyOyyOyyOyyOyyO OyyOyyOyyOyyOyyOyyOyyO OyyOyyOyyOyyOyyOyyOyyO
Data D15 -D0 D15 -D0
D15 -D0
O:don't care (Note) The WRAL instruction is used for factory function test only. User can't use this instruction .
DAS03E-00
-5-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Write The write instruction is followed by 16 bits of data to be written into the specified address. After the 32nd rising edge of SK to read D0 in, the AK6420B/40B/80B will be put into the automatic write time-out period. During the automatic write time-out period (Busy status)and while entering write instruction, the RESET pin should be low level. If the RESET pin is set to high level during the automatic write time-out period, the AK6420B/40B/80B stops execution of internal programming and the device returns to ready status. In this case the word data of the specified address will be incomplete. When inputting the new instruction after RESET, the CS pin should be set to high level. When the RESET pin is kept at high level, the write is not executed. This becomes write protection function. The CS pin need not be high level during automatic write time-out period (BUSY status).
DAS03E-00
-6-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Read The read instruction is the only instruction which outputs serial data on the DO pin. When the 17th falling edge of SK is received , the DO pin will come out of high impedance state and shift out the data from D15 first in descending order which is located at the address specified in the instruction. The data in the next address can be read sequentially by continuing to provide clock. The address automatically cycles to the next higher address after the 16bit data shifted out. AK6420B * * When the highest address is reached ($7F), the address counter rolls over to address $00 allowing the read cycle to be continued indefinitely. * * When the highest address is reached ($FF), the address counter rolls over to AK6440B address $00 allowing the read cycle to be continued indefinitely. AK6480B * * When the highest address is reached ($1FF), the address counter rolls over to address $000 allowing the read cycle to be continued indefinitely.
READ (AK6480B)
DAS03E-00
-7-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
WREN / WRDS ( Write Enable and Write Disable )
When Vcc is applied to the part, it powers up in the programming disable (WRDS) state. Programming must be preceded by a programming enable (WREN) instruction. Programming remains enabled until a programming disable (WRDS) instruction is executed or Vcc is removed from the part. The programming disable instruction is provided to protect against accidental data disturb. Execution of a read instruction is not affected by both WREN and WRDS instructions.
DAS03E-00
-8-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Absolute Maximum Ratings
Parameter Power Supply All Input Voltages with Respect to Ground Ambient storage temperature
Symbol VCC VIO Tst
Min -0.6 -0.6 -65
Max +7.0 VCC+0.6 +150
Unit V V C
Stress above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum conditions for extended periods may affect device reliability.
Recommended Operating Condition
Parameter Power Supply Ambient Operating Temperature
Symbol VCC Ta
Min 1.8 -40
Max 5.5 +85
Unit V C
DAS03E-00
-9-
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
( 1.8VVcc5.5V, -40CTa85C, unless otherwise specified )
Parameter Symbol Condition Current Dissipation ICC1 VCC=5.5V, tSKP=500ns, *1 (WRITE) ICC2 VCC=2.5V, *1 6420B tSKP=500ns 6440B/80B ICC3 VCC=1.8V, *1 6420B tSKP=1.5us 6440B/80B Current Dissipation ICC4 VCC=5.5V, tSKP=500ns, *1 (READ,WREN, ICC5 VCC=2.5V, tSKP=500ns, *1 WRDS) ICC6 VCC=1.8V, tSKP=1.5us, *1 Current Dissipation ICCSB VCC=5.5V *2 (Standby) Input High Voltage1 VIH1 1.8VVCC5.5V CS, SK, RESET pin Input High Voltage2 VIH2 2.5VVCC5.5V DI pin VIH3 1.8VVCC<2.5V 1.8VVCC5.5V Input Low Voltage1 VIL1 CS, SK, RESET pin 2.5VVCC5.5V Input Low Voltage2 VIL2 DI pin 1.8VVCC<2.5V VIL3 Output High Voltage VOH1 2.5VVCC5.5V IOH=-50A VOH2 1.8VVCC<2.5V IOH=-50A 2.5VVCC5.5V Output Low Voltage VOL1 IOL=1.0mA VOL2 1.8VVCC<2.5V IOL=0.1mA Input Leakage ILI VCC=5.5V,VIN=5.5V Output Leakage ILO VCC=5.5V VOUT=5.5V,CS=VCC *1: VIN=VIH/VIL,DO=Open *2: CS=Vcc, SK/DI/RESET=Vcc/GND,DO=Open
Min.
Max. 4.0 2.0 2.5 1.5 2.0 0.75 0.3 0.15 0.8 VCC+0.5 VCC+0.5 VCC+0.5 0.2OVCC 0.3OVCC 0.2OVCC
Unit mA mA mA mA mA mA mA mA uA V V V V V V V V
0.8OVCC 0.7OVCC 0.8OVCC 0 0 0 VCC-0.3 VCC-0.3
0.4 0.4 1.0 1.0
V V uA uA
DAS03E-00
- 10 -
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
(2) A.C. ELECTRICAL CHARACTERISTICS
( 1.8VVcc5.5V, -40CTa85C, unless otherwise specified )
Parameter SK Cycle Time
Symbol Condition Min. Max. Unit 500 ns tSKP1 2.5VVCC5.5V tSKP2 1.8VVCC<2.5V 1.5 us SK Pulse Width tSKW1 2.5VVCC5.5V 250 ns tSKW2 1.8VVCC<2.5V 750 ns SK High Pulse Width tSKH1 4.5VVCC5.5V 250 ns 2.5VVCC<4.5V 500 ns tSKH2 *3 tSKH3 1.8VVCC<2.5V 750 ns CS Setup Time tCSS 100 ns CS Hold Time tCSH 100 ns SK Setup Time tSKSH 100 ns /tSKSL RESET Setup Time tRESS 0 ns 4.5VVCC5.5V 100 ns Data Setup Time tDIS1 1.8VVCC<4.5V tDIS2 200 ns 4.5VVCC5.5V Data Hold Time tDIH1 100 ns 1.8VVCC<4.5V tDIH2 200 ns 4.5VVCC5.5V, *4 DO pin tPD1 150 ns Output delay 2.5VVCC<4.5V, *4 300 ns tPD2 1.8VVCC<2.5V. *4 tPD3 500 ns Selftimed Programming tE/W 10 ms Time Min CS High Time tCS 250 ns DO High-Z Time tOZ 500 ns *3: tSKH is the high pulse width of 16th SK pulse in READ operation. When the data in the next address are read sequentially by continuing to provide clock, tSKH are applied to the high pulse width of 32nd and 48th (multiple of 16) SK pulse in READ operation. *4: CL=100pF
DAS03E-00
- 11 -
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Synchronous Data Timing
(note) * = "A0" for AK6420B, "A1" for AK6440B/80B + = "0" for AK6420B, "A0" for AK6440B/80B
Data Output (READ)
DAS03E-00
- 12 -
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
DAS03E-00
- 13 -
1999/05
ASAHI KASEI
[AK6420B/40B/80B]
Ready / BUSY Signal Output (DO pin)
DAS03E-00
- 14 -
1999/05
IMPORTANT NOTICE
zThese products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. zAKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. zAny export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. zAKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. zIt is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AK6480B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X