![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AIC1680 Ultra Low Power Voltage Detector FEATURES Ultra-Low Quiescent Current. 1.5V to 10.0V Input Voltage Operation. Flexible Detection Voltage Setting 0.1V Step in the Range of 1.6V to 6.0V High Detection Voltage Accuracy at 2.5%. Built-In Detection Voltage Hysteresis. Three Output Types: N-ch, P-ch and CMOS. Space Saving Packages: TO-92, SOT-89, SOT-23 and SOT23-5. DESCRIPTION The AIC1680 is an accurate, ultra-low power consumption voltage detector IC, fabricated with advanced CMOS process. The AIC1680 consists of a comparator, a voltage reference unit, a resistor divider, two output drivers, and a hysteresis circuit. The consumption current is so low that it can often be ignored when compared to the battery self-discharge current. The values of detection and hysteresis voltage are set internally and are accurately controlled by trimming techniques. There are three types of output: N-ch opendrain, P-ch open-drain, and CMOS. Four types of package, TO-92, SOT-89, SOT-23 and SOT23-5, are available to save board space. APPLICATIONS Battery Checker for Battery-Operated Systems. CPU & Logic Circuit Reset. Memory Back-up Circuit. Level Discriminator. Power Failure Detector. TYPICAL APPLICATION CIRCUIT VIN VDD VOUT 100K VOUT AIC1680N GND Voltage Level Indicator (N-ch Open-Drain Output) Analog Integrations Corporation DS-1680-00 Dec 29, 00 4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC TEL: 886-3-5772500 FAX: 886-3-5772510 www.analog.com.tw 1 AIC1680 ORDERING INFORMATION AIC1680XXXCX PACKAGING TYPE U: SOT-23 X: SOT-89 Z: TO-92 V:SOT23-5 ORDER NUMBER AIC1680CU (SOT-23) PIN CONFIGURATION FRONT VIEW 1: VOUT 2: VDD 3: GND 1 2 3 DETECTION VOLTAGE OPTIONAL 16: 1.6V 17: 1.7V : : 60: 6.0V OUTPUT TYPE N: N-ch Open Drain P: P-ch Open Drain C: CMOS AIC1680CX (SOT-89) FRONT VIEW 1: VOUT 2: VDD 3: GND 1 2 3 AIC1680CZ (TO-92) FRONT VIEW 1: VOUT 2: VDD 3: GND 1 2 3 AIC1680CV (SOT-23-5) FRONT VIEW 1: VOUT 2: VDD 3: GND 4: NC 5: NC 5 4 (MARK SIDE) 1 2 3 ABSOLUTE MAXIMUM RATINS Supply Voltage ........................................................................................................ 10V Output Voltage ................................................................................Vss-0.3 to 10V Operating Temperature Range .................................................................. -30C ~ 80C Storage Temperature Range ................................................................... - 65C ~ 150C Lead Temperature (Soldering) 10 sec. ...................................................................260C Output Current .................................................................................................20mA 2 AIC1680 ELECTRICAL CHARACTERISTICS SYMBOL VDET VHYS IDD PARAMETER Detector Voltage Detector Threshold Hysteresis Supply Current VDD=2.0V VDD=3.0V VDD=4.5V VDD=6.0V VDD=10.0V VDD Operation Voltage VDS=0.5V VDD=2.4V VDS=0.5V VDD=3.6V VDS=0.5V VDD=4.6V VDS=0.5V VDD=6.0V IOUT (Pch) Output Current Temperature Coeficience TDELAY Output Delay Time VDS=-2.1V VDD=4.5V 1.5 3.24 5.85 7.74 10.44 3.5 150 200 mA ppm/C S IOUT (Nch) Output Current (Test Conditions : Ta=25C ) MIN 0.975 0.03 TYP 1.0 0.05 0.7 0.9 1.3 1.8 3.2 MAX 1.025 0.07 1.1 1.5 2.0 2.7 4.8 10 V mA UNIT VDET VDET A TEST CONDITIONS BLOCK DIAGRAM VDD VDD + VOUT + VOUT 1.25V GND 1.25V GND N-ch open drain output VDD P-ch open drain output + VOUT 1.25V GND CMOS output 3 AIC1680 PIN DESCRIPTIONS VDD: Power Supply and Detected Voltage Input. GND: Ground. Vout: Detector Output TYPICAL PERFORMANCE CHARACTERISTICS 3.5 Supply Current vs. Supply Voltage 3.0 Supply Current (A) Ta=25C 2.5 2.0 1.5 1.0 0.5 2 3 4 5 6 7 8 9 10 Supply Voltage(V) N-ch Driver Sinking Current vs. VDS VDET=1.8V 5 VDET=1.8V 1.4 Sinking Current (mA) 4 VDD=1.7V Sinking Current (mA) 1.2 VDD=1.1V 1.0 3 VDD=1.5V VDD=1.3V 0.8 2 0.6 1 0.4 VDD=0.9V 0 0 1 2 3 4 5 0.2 0 1 2 3 4 5 VDS (V) VDS (V) 4 AIC1680 TYPICAL PERFORMANCE CHARACTERISTICS VDET=2.5V 10 7 (Continued) VDET=2.5V VDD =2.4V VDD =2.2V 8 Sinking Current (mA) 6 5 VDD =2.0V Sinking Current (mA) VDD =1.8V 4 3 2 1 6 4 2 0 1 2 3 4 5 0 1 2 3 4 5 VDS (V) VDET=4.5V 30 25 20 15 10 5 0 0 1 2 VDS (V) VDET=4.5V 20 VDD =4.4V VDD =4.0V Sinking Current (mA) VDD =3.5V Sinking Current (mA) 15 VDD =3V 10 5 VDS (V) 3 4 5 0 0 1 2 3 4 5 VDS (V) P-ch Driver Output Current vs. VDS VDET=1.8V 6 5 6 VDET=2.5V VDS=-1.5V 5 Output Current (mA) VDS=1.5V 4 Output Current (mA) 4 3 VDS=1.0V 3 VDS=-1.0V 2 2 1 VDS=0.5V 1 VDS=-0.5V 0 2 4 VDD (V) 6 8 10 0 2 3 4 5 6 7 8 9 10 VDD (V) 5 AIC1680 TYPICAL PERFORMANCE CHARACTERISTICS VDET=4.5V 6 (Continued) 5 Output Current (mA) VDS =-1.5V 4 3 VDS =-1.0V 2 VDS =-0.5V 1 5 6 7 8 9 10 VDD (V) APPLICATION INFORMATIONS The timing diagram of VDD and VOUT is shown in below: CMOS Type VDET VDD 0.8V VHYS VOUT The guaranteed minimun operation voltage is 1.5V. As the supply voltage(VDD) is reduced below 1.5V, the performance degrades, N-ch or P-ch driving capacity degrades, and the supply current decreases. AIC1680 isn't functioning when VDD down to 0.8V. NMOS Type VDET VDD 0.8V VHYS VOUT 6 AIC1680 PHYSICAL DIMENSIONS SOT-23 (unit: mm) D C L E H SYMBOL A A1 A2 b 1 MIN 1.00 -- 0.70 0.35 0.10 2.70 1.40 2.60 0.37 1 MAX 1.30 0.10 0.90 0.50 0.25 3.10 1.80 3.00 -- 9 e C D E A2 b A A1 e H L 1 1.90 (TYP) SOT-23 Marking Part No. AIC1680-N16CU AIC1680-P16CU AIC1680-C16CU AIC1680-N17CU AIC1680-P17CU AIC1680-C17CU ........... (0.1V INCREMENT) Marking U16N U16P U16C U17N U17P U17C Part No. AIC1680-N59CU AIC1680-P59CU AIC1680-C59CU AIC1680-N60CU AIC1680-P60CU AIC1680-C60CU Marking U59N U59P U59C U60N U60P U60C 7 AIC1680 SOT-89 (unit: mm) D D1 C A SYMBOL A B C D MIN 1.40 0.36 0.35 4.40 1.62 2.29 MAX 1.60 0.48 0.44 4.60 1.83 2.60 1.50 (TYP.) 3.00 (TYP.) H E D1 E e L e e1 B e1 H L 3.94 0.89 4.25 1.20 SOT-89 Marking Part No. AIC1680-N16CX AIC1680-P16CX AIC1680-C16CX AIC1680-N17CX AIC1680-P17CX AIC1680-C17CX ........... (0.1V INCREMENT) Marking X16N X16P X16C X17N X17P X17C Part No. AIC1680-N59CX AIC1680-P59CX AIC1680-C59CX AIC1680-N60CX AIC1680-P60CX AIC1680-C60CX Marking X59N X59P X59C X60N X60P X60C TO-92 (unit: mm) A L C E SYMBOL A C MIN 4.32 MAX 5.33 0.38 (TYP.) e1 D D E e1 L 4.40 3.17 1.27 (TYP.) 12.7 5.20 4.20 - 8 AIC1680 SOT-23-5 (unit: mm) D C L HE SYMBOL A A1 A2 b C MIN 1.00 -- 0.70 0.35 0.10 2.70 1.40 2.60 0.37 1 MAX 1.30 0.10 0.90 0.50 0.25 3.10 1.80 3.00 -- 9 e 1 A A1 D E e H L 1 A2 1.90 (TYP) b SOT-23-5 Marking Part No. AIC1680-N16CV AIC1680-P16CV AIC1680-C16CV AIC1680-N17CV AIC1680-P17CV AIC1680-C17CV ........... (0.1V INCREMENT) Marking V16N V16P V16C V17N V17P V17C Part No. AIC1680-N59CV AIC1680-P59CV AIC1680-C59CV AIC1680-N60CV AIC1680-P60CV AIC1680-C60CV Marking V59N V59P V59C V60N V60P V60C 9 |
Price & Availability of AIC1680
![]() |