Part Number Hot Search : 
6047606 KIA7731P 35507 102J0 KIA7721S CA3100T U8797JFT UGRP20D
Product Description
Full Text Search
 

To Download ADM1052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Two Independent Controllers on One Chip Two 2.525 V Outputs Shutdown Inputs to Control Each Channel 2.5% Accuracy Over Line, Load, and Temperature Low Quiescent Current Low Shutdown Current Works with External N-Channel MOSFETs for Low Cost "Hiccup Mode" Fault Protection No External Voltage or Current Setting Resistors Small, 8-Lead SO Package APPLICATIONS Desktop Computers Servers Workstations
Precision Dual Voltage Regulator Controller ADM1052
GENERAL DESCRIPTION
The ADM1052 is a dual, precision, voltage regulator controller intended for power rail generation and active bus termination on personal computer motherboards. It contains a precision 1.2 V bandgap reference and two channels consisting of control amplifiers driving external power devices. Each channel has a shutdown input to turn off amplifier output and "Hiccup Mode" protection circuitry for the external power device. The ADM1052 operates from a 12 V supply. This gives sufficient headroom for the amplifiers to drive external N-channel MOSFETs, operating as source-followers, as the external series pass devices. This has the advantage that N-channel devices are cheaper than P-channel devices of similar performance, and the circuit is easier to stabilize than one using P-channel devices in a common-source configuration.
FUNCTIONAL BLOCK DIAGRAM
3.3V VCC CONTROL AMPLIFIER BANDGAP REFERENCE FORCE 1 100 F
ADM1052
VCC
SENSE 1 50 A 2
VOUT1 100 F
SHDN1
SHUTDOWN CONTROL HICCUP COMPARATOR 3.3V
CONTROL AMPLIFIER FORCE 2 VCC SENSE 2 50 A
100 F
VOUT2 2 100 F
SHDN2 VCC
SHUTDOWN CONTROL HICCUP COMPARATOR
POWER-ON RESET
CLK/DELAY GENERATOR
CLOCK OSCILLATOR
GND
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
ADM1052-SPECIFICATIONS noted. See Test Circuit.)
Parameter OUTPUT VOLTAGE Channel 1, Channel 2 OUTPUT VOLTAGE ACCURACY Load Regulation Line Regulation CONTROL AMPLIFIER Control Amplifier Open-Loop Gain Control Amplifier Slew Rate Closed-Loop Settling Time Turn-On Time Sense Input Impedance 1 Force Output Voltage Swing, V F (High) Force Output Voltage Swing, V F (Low) HICCUP MODE Hiccup Mode Hold-Off Time Hiccup Mode Threshold Hiccup Comparator Glitch Immunity Hiccup Mode On-Time Hiccup Mode Off-Time Power-On Reset Threshold SHUTDOWN, SHDN1, SHDN2 Shutdown Input Low Voltage, V IL Shutdown Input High Voltage, V IH Supply Current, Normal Operation Supply Current, Shutdown Mode
NOTES 1 Guaranteed by design. Specifications subject to change without notice.
(VCC = 12 V
Max
6%, VIN = 3.3 V, TA = 0 C to 70 C, both channels, unless otherwise
Unit V Test Conditions/Comments SHDN1, SHDN2 Floating VIN = 3.0 V to 3.6 V, IOUT = 10 mA to 1 A VIN = 3.3 V, IOUT = 10 mA to 1 A1 VIN = 3.0 V to 3.6 V, IOUT = 1 A1
Min
Typ 2.525
-2.5 -5 -5 100 3 5
+2.5 +5 +5
% mV mV dB V/s s s k V V ms V s ms ms V V V mA A
5 50 10 2 30 60 100 1.0 40 90 0.8 x VOUT 1.5 60 9 0.8 2.0 2.4 600 4.0 1000
IO = 10 mA to 2 A To 90% of Force High Output Level (CL = 470 pF) RL = 10 k to GND RL = 10 k to VCC Figure 2
0.5 20 6
Shutdown Inputs Floating Both Channels Shut Down
-2-
REV. A
ADM1052
ABSOLUTE MAXIMUM RATINGS*
(TA = 25C unless otherwise noted)
PIN FUNCTION DESCRIPTIONS
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 V SHDN1, SHDN2 to GND . . . . . . . . -0.3 V to (VCC + 0.3 V) SENSE1, SENSE2 to GND . . . . . . . . . . . . -0.3 V to +5.5 V FORCE1, FORCE2 . . . . . . . . Short-Circuit to GND or VCC Continuous Power Dissipation (TA = 70C) . . . . . . . 650 mW 8-Lead SOIC . . . . . . . . . . . . (Derate 8.3 mW/C above 70C) Operating Temperature Range Commercial (J Version) . . . . . . . . . . . . . . . . . . 0C to 70C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300C
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Pin No. 1 2
Mnemonic FORCE 2 SENSE 2
Function Output of Channel 2 control amplifier to gate of external N-channel MOSFET. Input from source of external MOSFET to inverting input of Channel 2 control amplifier, via output voltage-setting feedback resistor network. Digital Input. Active-low shutdown control with 50 A internal pull-up. The output of Channel 2 control amplifier goes to ground when SHDN2 is taken low. Device Ground Pin. Digital Input. Active-low shutdown control with 50 A internal pull-up. The output of Channel 1 control amplifier goes to ground when SHDN1 is taken low. Input from source of external MOSFET to inverting input of Channel 1 control amplifier, via output voltage-setting feedback resistor network. Output of Channel 2 control amplifier to gate of external N-channel MOSFET. 12 V Supply.
PIN CONFIGURATION
3
SHDN2
4 5
GND SHDN1
THERMAL CHARACTERISTICS
8-Lead Small Outline Package:
JA
= 150C/W 6 Package Option SO-8 7 8 FORCE 1 VCC SENSE 1
ORDERING GUIDE
Model ADM1052JR
Temperature Range 0C to 70C
Package Description 8-Lead SOIC
12V 3.3V 1F VCC PHD55N03LT FORCE 1 100 F
FORCE 2 1 SENSE 2 2
8
VCC FORCE 1
ADM1052
7
TOP VIEW SHDN2 3 (Not to Scale) 6 SENSE 1 GND 4
5
SHDN1
SENSE 1 2 SHDN1 LEAVE OPEN OR CONNECT TO LOGIC SIGNALS IF SHUTDOWN REQUIRED 3.3V
VOUT1 100 F
ADM1052
SHDN2 MTD3055VL FORCE 2 100 F
SENSE 2 GND 2
VOUT2 100 F
Figure 1. Test Circuit
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADM1052 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
ADM1052-Typical Performance Characteristics
Tek Stop: 25.0MS/s [T T
2.54
56Acqs ]
2.55
OUTPUT - V
2.53
T 2v 3v T
2.52
2.51
1t Ch1 500mV B W Ch2 20.0mV B W M 2.00 s Ch1 Ch3 20.0mV B W 3.53V
2.50 0 0.2 0.4 0.6 0.8 1.0 CURRENT - A 1.2 1.4 1.6 1.8
TPC 1. Line Transient Response, Channel 1 and Channel 2
TPC 4. Load Regulation, Channel 1
2.536 2.535
2.55
2.54
2.534
OUTPUT - V
VOUT - V
2.533 2.532 2.531
2.53
2.52
2.51
2.530 2.529 2.9
2.50
3.0
3.1
3.2
3.3 VIN - V
3.4
3.5
3.6
3.7
0
0.2
0.4
0.6
0.8 1.0 CURRENT - A
1.2
1.4
1.6
1.8
TPC 2. Line Regulation, Channel 1
TPC 5. Load Regulation, Channel 2
2.542 2.541 RIPPLE REJECTION - dB 2.540
VOUT - V
0 -10 -20
2.539 2.538 2.537 2.536 2.535 2.9
-30 -40 -50 -60 -70
3.0
3.1
3.2
3.3 VIN - V
3.4
3.5
3.6
3.7
10
100
1k 10k 100k FREQUENCY - Hz
1M
10M
TPC 3. Line Regulation, Channel 2
TPC 6. VCC Supply Ripple Rejection
-4-
REV. A
ADM1052
2.544 2.542 2.540
OUTPUT - V Tek Stop: Single Seq 50.0MS/s [T ]
2.538 2.536 2.534 2.532 2.530 2.528 0 10 20 30 40 50 60 TEMPERATURE - C 70 80 90
Ch1 20.0mV B W M 1.00 s Ch1 -40mV 1 T
t
t
TPC 7. Regulator Output Voltage vs. Temperature
TPC 10. Transient Response Channel 2, 10 mA to 2 A Output Load Step
Tek Stop: Single Seq 50.0MS/s [T
]
Tek Stop: Single Seq 50.0MS/s [T
]
t
1
1 T
t
t
T
t
Ch1 20.0mV B W M 1.00 s Ch1 37.6mV
Ch1 20.0mV B W
M 1.00 s Ch1
-45.0mV
TPC 8. Transient Response Channel 1, 10 mA to 2 A Output Load Step
TPC 11. Transient Response Channel 2, 2 A to 10 mA Output Load Step
Tek Stop: Single Seq 50.0MS/s [T
]
Tek Stop: 10.0kS/s [T
0Acqs ]
T T
t
t
1
1
t
Ch1 20.0mV B W
M 1.00 s Ch1
5.2mV
t
Ch1 10.0mV B W
M 5.00 s Ch1
800mV
TPC 9. Transient Response Channel 1, 2 A to 10 mA Output Load Step
TPC 12. Force Output In Hiccup Mode, Channel 1
REV. A
-5-
ADM1052
GENERAL DESCRIPTION
The ADM1052 is a dual, precision, voltage regulator controller intended for power rail generation and active bus termination on personal computer motherboards. It contains a precision 1.2 V bandgap reference and two channels consisting of control amplifiers driving external power devices. Both channels have an output of nominally 2.525 V. Each channel has a shutdown input to turn off amplifier output and protection circuitry for the external power device. The ADM1052 operates from a 12 V VCC supply. The output is disabled until VCC climbs above the reset threshold (6 V-9 V). The output from the ADM1052 is used to drive external N-channel MOSFETs, operating as source-followers. This has the advantage that N-channel devices are cheaper than P-channel devices of similar performance, and the circuit is easier to stabilize than one using P-channel devices in a common-source configuration. The external power devices are protected by a "Hiccup Mode" circuit that operates if the circuit goes out of regulation due to an output short-circuit. In this case the power device is pulsed on/off with a 1:40 duty cycle to limit the power dissipation until the fault condition is removed.
"HICCUP MODE" FAULT PROTECTION
Hiccup mode fault protection is a simple method of protecting the external power device without the added cost of external sense resistors or a current sense pin on the ADM1052. In the event of a short-circuit condition at the output, the output voltage will fall. When the output voltage of a channel falls 20% below the nominal voltage, this is sensed by the hiccup comparator and the channel will go into hiccup mode, where the enable signal to the control amplifier is pulsed on and off with a 1:40 duty cycle. To prevent the device inadvertently going into hiccup mode during power-up or during channel enabling, the hiccup mode is held off for approximately 60 ms on both channels. By this time the output voltage should have reached its correct value. In the case of power-up, the hold-off period starts when VCC reaches the power-on reset threshold of 6 V-9 V. In the case of channel enabling, the hold-off period starts when SHDN is taken high. Note that the hold-off timeout applies to both channels even if only one channel is disabled/enabled. As the 3.3 V input to the drain of the MOSFET is not monitored, it should ideally rise at the same or a faster rate than VCC. At the very least it must be available in time for VOUT to reach its final value before the end of the power-on delay. If the output voltage is still less than 80% of the correct value after the poweron delay, the device will go into hiccup mode until the output voltage exceeds 80% of the correct value during a hiccup mode on-period. Of course, if there is a fault condition at the output during power-up, the device will go into hiccup mode after the power-up delay and remain there until the fault condition is removed. The effect of power-on delay is illustrated in Figure 2, which shows an ADM1052 being powered up with a fault condition. The output current rises to a very high value during the poweron delay, the device goes into hiccup mode, and the output is pulsed on and off at 1:40 duty cycle. When the fault condition is removed, the output voltage recovers to its normal value at the end of the hiccup mode off period. The load current at which the ADM1052 will go into hiccup mode is determined by three factors: * The input voltage to the drain of the MOSFET, VIN * The output voltage VOUT (-20%) * The on-resistance of the MOSFET, RON IHICCUP = (VIN - (0.8 x VOUT))/RON It should be emphasized that the hiccup mode is not intended as a precise current limit but as a simple method of protecting the external MOSFET against catastrophic fault conditions such as output short circuits.
CIRCUIT DESCRIPTION
CONTROL AMPLIFIERS
The reference voltage is amplified and buffered by the control amplifiers and external MOSFETs, the output voltage of each channel being determined by the feedback resistor network between the sense input and the inverting input of the control amplifier. A power-on reset circuit disables the amplifier output until VCC has risen above the reset threshold (6 V-9 V). Each amplifier output drives the gate of an N-channel power MOSFET, whose drain is connected to the unregulated supply input and whose source is the regulated output voltage, which is also fed back to the appropriate sense input of the ADM1052. The control amplifiers have high current-drive capability so that they can quickly charge and discharge the gate capacitance of the external MOSFET, thus giving good transient response to changes in load or input voltage.
SHUTDOWN INPUTS
Each channel has a separate shutdown input, which may be controlled by a logic signal and allows the output of the regulator to be turned on or off. If the shutdown input is held high or not connected, the regulator operates normally. If the shutdown input is held low, the enable input of the control amplifier is turned off and the amplifier output goes low, turning off the regulator.
-6-
REV. A
ADM1052
POR THRESHOLD 6V - 9V VREF TURN-ON THRESHOLD
12V SUPPLY
3.3V SUPPLY TO EXTERNAL MOSFET DRAIN
GATE DRIVE TO EXTERNAL MOSFET
MOSFET GATE THRESHOLD
OUTPUT < 0.8 CHANNEL 1 OR CHANNEL 2 OUTPUT VOLTAGE NORMAL OUTPUT VOLTAGE
VREG
FAULT REMOVED
HICCUP MODE HOLD-OFF TIME CHANNEL 1 OR CHANNEL 2 OUTPUT CURRENT
DEVICE ENTERS HICCUP MODE
FAULT CURRENT
2 AMPS OFF ON 1:40 DUTY CYCLE
Figure 2. Power-On Reset and Hiccup Mode
APPLICATIONS INFORMATION
PCB LAYOUT
For optimum voltage regulation, the loads should be placed as close as possible to the source of the output MOSFETs and feedback to the sense inputs should be taken from a point as close to the loads as possible. The PCB tracks from the loads back to the sense inputs should be separate from the output tracks and not carry any load current.
Similarly, the ground connection to the ADM1052 should be made as close as possible to the ground of the loads, and the ground track from the loads to the ADM1052 should not carry load current. Correct and incorrect layout practice is illustrated in Figure 3.
12V VCC FORCE 1
12V
VCC FORCE 1
SENSE 1 VIN 3.3V FORCE 2 I1 SENSE 2 VOUT1 GND LOAD 1 I2 VOUT2 LOAD 2 VIN 3.3V
SENSE 1 FORCE 2
VOUT1
SENSE 2 I1 GND I1 + I2 VOLTAGE DROP IN GROUND LEAD LOAD 1 I2
VOUT2 VOLTAGE DROP BETWEEN OUTPUT AND LOAD
LOAD 2
CORRECT
INCORRECT
Figure 3. Correct and Incorrect Layout Practice
REV. A
-7-
ADM1052
12V 3.3V 1F VCC FORCE 1 100 F
In practice, the amount of decoupling required will depend on the application. PC motherboards are notoriously noisy environments, and it may be necessary to employ distributed decoupling to achieve acceptable noise levels on the supply rails.
CHOICE OF MOSFET
VOUT1 2 100 F
SENSE 1
SHDN1 LEAVE OPEN OR CONNECT TO LOGIC SIGNALS IF SHUTDOWN REQUIRED
3.3V
ADM1052
SHDN2 FORCE 2 100 F
As previously discussed, the load current at which an output goes into hiccup mode depends on the on-resistance of the external MOSFET. If the on-resistance is too low this current may be very high. While the Test Circuit (Figure 1) shows the use of the lower resistance PHD55N03LT from Philips on Channel 1 and the use of the higher resistance MTD3055VL from Motorola on Channel 2, the MTD3055VL is, in fact, suitable for both channels. Similarly, the PHB11N06LT from Philips is also suitable for both channels.
THERMAL CONSIDERATIONS
SENSE 2 GND 2
VOUT2 100 F
Figure 4. Typical Application Circuit
SUPPLY DECOUPLING
Heat generated in the external MOSFET must be dissipated and the junction temperature of the device kept within acceptable limits. The power dissipated in the device is, of course, the drain-source voltage multiplied by the load current. The required thermal resistance to ambient is given by
JA
= TJ(MAX) - TAMB(MAX)/(VDS(MAX) x IOUT(MAX))
The supply to the drain of an external MOSFET should be decoupled as close as possible to the drain pin of the device, with a 100 F capacitor to ground. The output from the source of the MOSFET should be decoupled as close as possible to the source pin of the device. Decoupling capacitors should be chosen to have a low Equivalent Series Resistance (ESR). With the MOSFETs specified and two 100 F capacitors in parallel, the circuit will be stable for load currents up to 2 A. The VCC pin of the ADM1052 should be decoupled with a 1 F capacitor to ground, connected as close as possible to the VCC and GND pins.
Surface-mount MOSFETs such as those specified must rely on heat conduction through the device leads and the PCB. One square inch of copper (645 sq. mm) gives a thermal resistance of around 60C/W for a SOT-223 surface-mount package and 80C/W for a SO-8 surface-mount package. For higher power dissipation than can be accommodated by a surface-mount package D2PAK or TO-220 devices are recommended. These should be mounted on a heatsink with a thermal resistance low enough to maintain the required maximum junction temperature.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline Package (Narrow Body, SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 5 4
0.1574 (4.00) 0.1497 (3.80) PIN 1
1
0.2440 (6.20) 0.2284 (5.80)
0.0500 (1.27) BSC 0.0098 (0.25) 0.0040 (0.10) SEATING PLANE 0.0688 (1.75) 0.0532 (1.35) 0.0192 (0.49) 0.0138 (0.35) 8 0.0098 (0.25) 0 0.0075 (0.19)
0.0196 (0.50) 0.0099 (0.25)
45
0.0500 (1.27) 0.0160 (0.41)
-8-
REV. A
PRINTED IN U.S.A.
C02127-0-1/01 (rev. A)


▲Up To Search▲   

 
Price & Availability of ADM1052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X