|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES +3 V, +5 V, 5 V Power Supplies VSS to VDD Analog Signal Range Low On Resistance (30 max) Fast Switching Times t ON 75 ns max t OFF 45 ns max Low Power Dissipation (1.5 W max) Break-Before-Make Construction ESD > 5000 V as per Military Standard 3015.7 TTL and CMOS Compatible Inputs APPLICATIONS Automatic Test Equipment Data Acquisition Systems Communication Systems Avionics and Military Systems Microprocessor Controlled Analog Systems Medical Instrumentation Battery Powered Instruments Remote Powered Equipment Compatible with 5 V DACs and ADCs such as AD7840/8, AD7870/1/2/4/5/6/8 GENERAL DESCRIPTION 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers ADG608/ADG609 FUNCTIONAL BLOCK DIAGRAMS ADG608 S1 S1A DA S4A D S1B DB S8 1 OF 8 DECODER ADG609 S4B 1 OF 4 DECODER A0 A1 A2 EN A0 A1 EN The ability to operate from single +3 V, +5 V or 5 V bipolar supplies makes the ADG608 and ADG609 perfect for use in battery operated instruments and with the new generation of DACs and ADCs from Analog Devices. The use of 5 V supplies and reduced operating currents gives much lower power dissipation than devices operating from 15 V supplies. PRODUCT HIGHLIGHTS The ADG608 and ADG609 are monolithic CMOS analog multiplexers comprising eight single channels and four differential channels respectively, fully specified for 5 V, +5 V and +3 V power supplies. The ADG608 switches one of eight inputs to a common output as determined by the 3-bit binary address lines A0, A1 and A2. The ADG609 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched OFF. All the address and enable inputs are TTL compatible over the full specified operating temperature range, making the parts suitable for bus-controlled systems such as data acquisition systems, process controls, avionics and ATEs since the TTL compatible address inputs simplify the digital interface design and reduce the board space requirements. The ADG608/ADG609 are designed on an enhanced LC2MOS process that provides low power dissipation yet gives high switching speed and low on resistance. Each channel conducts equally well in both directions when ON and has an input signal range which extends to the supplies. In the OFF condition, signal levels up to the supplies are blocked. All channels exhibit break-before-make switching action preventing momentary shorting when switching channels. Inherent in the design is low charge injection for minimum transients when switching the digital inputs. REV. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. 1. Extended Signal Range The ADG608/ADG609 are fabricated on an enhanced LC2MOS process giving an increased signal range which extends to the supplies. 2. Low Power Dissipation 3. Low RON 4. Fast Switching Times 5. Break-Before-Make Switching Switches are guaranteed break-before-make so that input signals are protected against momentary shorting. 6. Single/Dual Supply Operation ORDERING GUIDE Model ADG608BN ADG608BR ADG608BRU ADG608TRU ADG609BN ADG609BR ADG609BRU Temperature Range -40C to +85C -40C to +85C -40C to +85C -55C to +125C -40C to +85C -40C to +85C -40C to +85C Package Option* N-16 R-16A RU-16 RU-16 N-16 R-16A RU-16 *N = Plastic DIP; RU = Thin Shrink Small Outline Package (TSSOP); R = 0.15" Small Outline IC (SOIC). (c) Analog Devices, Inc., 1995 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703 ADG608/ADG609-SPECIFICATIONS DUAL SUPPLY1 (V Parameter DD = +5 V 10%, VSS = -5 V 10%, GND = 0 V, unless otherwise noted) T Version +25 C -55 C to +125 C VSS to VDD 22 30 5 2 40 6 3 Test Conditions/ Comments B Version +25 C -40C to +85 C VSS to VDD 22 30 5 2 35 6 3 Units V typ max max max ANALOG SWITCH Analog Signal Range RON RON RON Match LEAKAGE CURRENTS Source OFF Leakage IS (OFF) Drain OFF Leakage ID (OFF) ADG608 ADG609 Channel ON Leakage ID, IS (ON) ADG608 ADG609 DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IINL or IINH CIN, Digital Input Capacitance DYNAMIC CHARACTERISTICS2 tTRANSITION -3.5 V < VS < +3.5 V, IS = -1 mA; VDD = +4.5 V, VSS = -4.5 V; Test Circuit 1 -3 V < VS < +3 V, IDS = -1 mA; VDD = +5 V, VSS = -5 V VS = 0 V, IDS = -1 mA; VDD = +5 V, VSS = -5 V VDD = +5.5 V, VSS = -5.5 V VD = 4.5 V, VS = 4.5 V; Test Circuit 2 VD = 4.5 V, VS = 4.5 V; Test Circuit 3 VS = VD = 4.5 V; Test Circuit 4 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 2 2 1 3 1.5 2.4 0.8 1 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 10 10 5 20 10 2.4 0.8 1 nA typ nA max nA typ nA max nA max nA typ nA max nA max V min V max A max pF typ ns typ ns max ns min ns typ ns max ns typ ns max pC typ dB typ dB typ pF typ pF typ pF typ pF typ pF typ VIN = 0 or VDD 5 50 75 10 50 75 30 45 6 85 85 9 40 20 54 34 0.05 0.2 0.01 0.1 0.2 2 0.1 1 5 50 75 10 50 75 30 45 6 85 85 9 40 20 54 34 0.05 0.2 0.01 0.1 0.2 2 0.1 1 90 100 tOPEN tON (EN) tOFF (EN) Charge Injection OFF Isolation Channel-to-Channel Crosstalk CS (OFF) CD (OFF) ADG608 ADG609 CD (ON) ADG608 ADG609 POWER REQUIREMENTS IDD ISS 90 60 100 75 RL = 300 , CL = 35 pF; VS1 = 3.5 V, VS8 = 3.5 V; Test Circuit 5 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 6 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 7 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 7 VS = 0 V, RS = 0 , CL = 1 nF; Test Circuit 8 RL = 1 k, CL = 15 pF, f = 100 kHz; VS = 3 V rms; Test Circuit 9 RL = 1 k, CL = 15 pF, f = 100 kHz; Test Circuit 10 A typ A max A typ A max VIN = 0 V or VDD NOTES 1 Temperature ranges are as follows: B Version: -40C to +85C; T Version: -55C to +125C. 2 Guaranteed by design, not subject to production test. Specifications subject to change without notice. -2- REV. A ADG608/ADG609 SINGLE SUPPLY1 Parameter (VDD = +5 V 10%, VSS = 0 V, GND = 0 V, unless otherwise noted) T Version +25 C -55 C to +125 C 0 to VDD 40 50 5 2 70 6 3 Test Conditions/ Comments B Version +25 C -40 C to +85 C 0 to VDD 40 50 5 2 60 6 3 Units V typ max max max ANALOG SWITCH Analog Signal Range RON RON RON Match LEAKAGE CURRENTS Source OFF Leakage IS (OFF) Drain OFF Leakage ID (OFF) ADG608 ADG609 Channel ON Leakage ID, IS (ON) ADG608 ADG609 DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IINL or IINH CIN, Digital Input Capacitance DYNAMIC CHARACTERISTICS2 tTRANSITION VS = +3.5 V, IS = -1 mA; VDD = +4.5 V; Test Circuit 1 +1 V < VS < +3 V, IDS = -1 mA; VDD = +5 V VS = 0 V, IDS = -1 mA; VDD = +5 V VDD = +5.5 V VD = 4.5 V/0.1 V, VS = 0.1 V/4.5 V; Test Circuit 2 VD = 4.5 V/0.1 V, VS = 0.1 V/4.5 V; Test Circuit 3 VS = VD = 4.5 V/0.1 V; Test Circuit 4 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 2 2 1 3 1.5 2.4 0.8 1 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 10 10 5 20 10 2.4 0.8 1 nA typ nA max nA typ nA max nA max nA typ nA max nA max V min V max A max pF typ ns typ ns max ns min ns typ ns max ns typ ns max pC typ pC max dB typ dB typ pF typ pF typ pF typ pF typ pF typ VIN = 0 or VDD 5 80 100 10 80 100 40 50 0.5 3 85 85 9 40 20 54 34 0.05 0.2 0.2 2 5 80 100 10 80 100 40 50 0.5 3 85 85 9 40 20 54 34 0.05 0.2 0.2 2 130 150 tOPEN tON (EN) tOFF (EN) Charge Injection OFF Isolation Channel-to-Channel Crosstalk CS (OFF) CD (OFF) ADG608 ADG609 CD (ON) ADG608 ADG609 POWER REQUIREMENTS IDD 130 60 150 75 RL = 300 , CL = 35 pF; VS1 = 3.5 V/0 V, VS8 = 0 V/3.5 V; Test Circuit 5 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 6 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 7 RL = 300 , CL = 35 pF; VS = +3.5 V; Test Circuit 7 VS = 0 V, RS = 0 , CL = 1 nF; Test Circuit 8 RL = 1 k, CL = 15 pF, f = 100 kHz; VS = 1.5 V rms; Test Circuit 9 RL = 1 k, CL = 15 pF, f = 100 kHz; Test Circuit 10 A typ A max VIN = 0 V or VDD NOTES 1 Temperature ranges are as follows: B Version: -40C to +85C; T Version: -55C to +125C. 2 Guaranteed by design, not subject to production test. Specifications subject to change without notice. REV. A -3- ADG608/ADG609-SPECIFICATIONS SINGLE SUPPLY1 Parameter (VDD = +3.3 V 10%, VSS = 0 V, GND = 0 V, unless otherwise noted) T Version +25 C -55 C to +125 C 0 to VDD 60 90 3 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 120 3 Test Conditions/ Comments B Version +25 C -40 C to +85 C 0 to VDD 60 90 3 0.05 0.5 0.05 0.5 0.5 0.05 0.5 0.5 100 3 Units V typ max max nA typ nA max nA typ nA max nA max nA typ nA max nA max V min V max A max pF typ ns typ ns max ns min ns typ ns max ns typ ns max pC typ pC max dB typ dB typ pF typ pF typ pF typ pF typ pF typ ANALOG SWITCH Analog Signal Range RON RON Match LEAKAGE CURRENTS Source OFF Leakage IS (OFF) Drain OFF Leakage ID (OFF) ADG608 ADG609 Channel ON Leakage ID, IS (ON) ADG608 ADG609 DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IINL or IINH CIN, Digital Input Capacitance DYNAMIC CHARACTERISTICS2 tTRANSITION VS = +1.5 V, IS = -1 mA; VDD = +3 V; Test Circuit 1 VS = 0 V, IDS = -1 mA, VDD = +3.3 V VDD = +3.6 V VD = 2.6 V/0.1 V, VS = 0.1 V/2.6 V; Test Circuit 2 VD = 2.6 V/0.1 V, VS = 0.1 V/2.6 V; Test Circuit 3 VS = VD = 2.6 V/0.1 V; Test Circuit 4 2 2 1 3 1.5 2.4 0.8 1 10 10 5 20 10 2.4 0.8 1 VIN = 0 or VDD 5 120 170 10 120 170 40 60 0.5 3 85 85 9 40 20 54 34 0.05 0.2 0.2 2 5 120 170 10 120 170 40 60 0.5 3 85 85 9 40 20 54 34 0.05 0.2 0.2 2 225 250 tOPEN tON (EN) tOFF (EN) Charge Injection OFF Isolation Channel-to-Channel Crosstalk CS (OFF) CD (OFF) ADG608 ADG609 CD (ON) ADG608 ADG609 POWER REQUIREMENTS IDD 225 75 250 90 RL = 300 , CL = 35 pF; VS1 = 1.5 V/0 V, VS8 = 0 V/1.5 V; Test Circuit 5 RL = 300 , CL = 35 pF; VS = +1.5 V; Test Circuit 6 RL = 300 , CL = 35 pF; VS = +1.5 V; Test Circuit 7 RL = 300 , CL = 35 pF; VS = +1.5 V; Test Circuit 7 VS = 0 V, RS = 0 , CL = 1 nF; Test Circuit 8 RL = 1 k, CL = 15 pF, f = 100 kHz; VS = 1 V rms; Test Circuit 9 RL = 1 k, CL = 15 pF, f = 100 kHz; Test Circuit 10 A typ A max VIN = 0 V or VDD NOTES 1 Temperature ranges are as follows: B Version: -40C to +85C; T Version: -55C to +125C. 2 Guaranteed by design, not subject to production test. Specifications subject to change without notice. -4- REV. A ADG608/ADG609 ABSOLUTE MAXIMUM RATINGS 1 (TA = +25C unless otherwise noted) VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13 V VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +6.5 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to -6.5 V Analog, Digital Inputs2 . . . . . . . . . . . . . . -0.3 V to VDD + 2 V or 20 mA, Whichever Occurs First Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 20 mA Peak Current, S or D (Pulsed at 1 ms, 10% Duty Cycle Max) . . . . . . . . . . 40 mA Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . . -40C to +85C Extended (T Version) . . . . . . . . . . . . . . . - 55C to +125C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150C Plastic DIP Package JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 117C/W Lead Temperature, Soldering (10 sec) . . . . . . . . . . +260C SOIC Package JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 77C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220C TSSOP Package JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5000 V NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. 2 Overvoltages at A, S, D or EN will be clamped by internal diodes. Current should be limited to the maximum ratings given. Table I. ADG608 Truth Table A2 A1 A0 EN ON SWITCH Table II. ADG609 Truth Table A1 X 0 0 1 1 A0 X 0 1 0 1 EN 0 1 1 1 1 ON SWITCH PAIR NONE 1 2 3 4 X 0 0 0 0 1 1 1 1 X 0 0 1 1 0 0 1 1 X 0 1 0 1 0 1 0 1 0 1 1 1 1 1 1 1 1 NONE 1 2 3 4 5 6 7 8 X = Don't Care X = Don't Care PIN CONFIGURATIONS DIP/SOIC/TSSOP A0 EN VSS S1 S2 S3 S4 D 1 2 3 4 5 6 7 8 16 A1 15 A2 14 GND 13 VDD TOP VIEW (Not to Scale) 12 S5 11 S6 10 S7 9 S8 DIP/SOIC/TSSOP A0 EN VSS S1A S2A S3A S4A DA 1 2 3 4 5 6 7 8 16 A1 15 GND 14 VDD ADG608 ADG609 13 S1B TOP VIEW (Not to Scale) 12 S2B 11 S3B 10 S4B 9 DB REV. A -5- ADG608/ADG609-Typical Performance Characteristics 50 45 40 TA = +25oC 100 90 80 ON RESISTANCE - TA = +25oC ON RESISTANCE - 35 30 25 20 15 10 5 0 -5.0 VDD = +5V VSS = -5V VDD = +3V VSS = -3V 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VD (VS) - Volts VDD = +3V VSS = 0V VDD = +5V VSS = 0V -4.0 -3.0 -2.0 -1.0 0.0 1.0 VD (VS) - Volts 2.0 3.0 4.0 5.0 3.5 4.0 4.5 5.0 Figure 1. RON as a Function of VD (VS): Dual Supply Voltage Figure 4. RON as a Function of VD (VS): Single Supply Voltage 50 45 40 ON RESISTANCE - 100 VDD = +5V VSS = -5V ON RESISTANCE - 90 80 70 60 50 40 30 20 10 0 0.0 VDD = +5V VSS = 0V 35 30 25 20 15 10 5 0 -5.0 -4.0 -3.0 -2.0 -1.0 0.0 1.0 VD (VS) - Volts 2.0 3.0 4.0 5.0 +125oC +125oC +85oC +25oC +85oC +25oC 0.5 1.0 1.5 2.5 2.0 3.0 VD (VS) - Volts 3.5 4.0 4.5 5.0 Figure 2. RON as a Function of VD (VS) for Different Temperatures Figure 5. RON as a Function of VD (VS) for Different Temperatures 100 90 80 VDD = +3V VSS = 0V +125oC +85oC LEAKAGE CURRENTS - nA +25oC 0.03 VDD = +5V 0.02 VSS = -5V TA = +25oC ID(OFF) ON RESISTANCE - 70 60 50 40 30 20 0.01 IS(OFF) 0.00 ID(ON) -0.01 -0.02 10 0 0.0 0.5 1.0 1.5 2.0 VD (VS) - Volts 2.5 3.0 -0.03 -5 -4 -3 -2 -1 0 1 VS, VD - Volts 2 3 4 5 Figure 3. RON as a Function of VD (VS) for Different Temperatures Figure 6. Leakage Currents as a Function of VD (VS) -6- REV. A ADG608/ADG609 0.02 VDD = +5V VSS = 0V TA = LEAKAGE CURRENTS - nA 0.01 ID(ON) IS(OFF) 0.00 +25oC ID(OFF) LEAKAGE CURRENTS - nA 0.01 ID(ON) 0.02 VDD = +3V VSS = 0V TA = +25oC ID(OFF) IS(OFF) 0.00 -0.01 0 1 2 3 VS,VD - Volts 4 5 -0.01 0 0.5 1.0 1.5 2.0 VS, VD - Volts 2.5 3.0 Figure 7. Leakage Currents as a Function of VD (VS) Figure 10. Leakage Currents as a Function of VD (VS) 104 104 VDD = +5V VSS = -5V 103 VDD = +5V VSS = -5V 103 102 IDD - A ISS - A 102 EN = 2.4V 101 EN = 2.4V 101 EN = 0V 100 EN = 0V 100 10-1 10-1 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M 10-2 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M Figure 8. Positive Supply Current vs. Switching Frequency Figure 11. Negative Supply Current vs. Switching Frequency 30 CL = 1nF 20 120 110 100 VDD = +5V VSS = -5V CHARGE INJECTION - pC 90 10 VDD = +5V VSS = -5V 0 VDD = +3V VSS = 0V -10 -5 60 VDD = +5V VSS = 0V dB 80 70 50 100 -4 -3 -2 -1 0 1 2 SOURCE VOLTAGE - V 3 4 5 1k 10k FREQUENCY - Hz 100k 1M Figure 9. Charge Injection vs. Analog Voltage VS Figure 12. Crosstalk and Off Isolation vs. Frequency REV. A -7- ADG608/ADG609 Test Circuits IDS VDD V1 VSS VDD S1 S VS D VSS ID (OFF) D +0.8V GND EN A VD S2 S8 VS RON = V1/IDS Test Circuit 1. On Resistance Test Circuit 3. ID (OFF) VDD VSS VDD VSS IS (OFF) A VS S1 S2 S8 VD VDD VSS VDD S1 D +0.8V VSS ID (ON) D A +2.4V VD S8 EN GND EN VS GND Test Circuit 2. IS (OFF) Test Circuit 4. ID (ON) VDD VSS 3V VDD A2 VIN 50 A1 A0 VSS S1 S2 THRU S7 VS1 ADDRESS DRIVE (VIN) 0V 50% 50% ADG608* S8 +2.4V EN GND D VS8 VOUT RL 300 CL 35pF 90% VOUT 90% * SIMILAR CONNECTION FOR ADG609 tTRANSITION tTRANSITION Test Circuit 5. Switching Time of Multiplexer, tTRANSITION -8- REV. A ADG608/ADG609 VDD VSS 3V VDD A2 VIN 50 A1 A0 VSS S1 S2 THRU S7 VS ADDRESS DRIVE (VIN) 0V ADG608* S8 D GND RL 300 CL 35pF VOUT +2.4V EN VOUT 80% 80% tOPEN * SIMILAR CONNECTION FOR ADG609 Test Circuit 6. Break-Before-Make Delay, tOPEN VDD VSS 3V VDD A2 A1 A0 VSS S1 S2 THRU S8 VS ENABLE DRIVE (VIN) 0V 50% 50% ADG608* V0 EN VIN 50 GND D RL 300 CL 35pF VOUT 0.9V0 tOFF (EN) 0.9V0 OUTPUT 0V tON (EN) * SIMILAR CONNECTION FOR ADG609 Test Circuit 7. Enable Delay, tON (EN), tOFF (EN) VDD VSS 3V VDD A2 A1 A0 RS VS VIN S EN GND VSS LOGIC INPUT (VIN) 0V D CL 1nF VOUT ADG608* VOUT QINJ = CL x VOUT VOUT * SIMILAR CONNECTION FOR ADG609 Test Circuit 8. Charge Injection REV. A -9- ADG608/ADG609 VDD VDD VDD A2 A1 A0 S1 S8 VS A2 A1 A0 1k S1 S2 S8 VS VDD EN 2.4V ADG608 D RL VOUT 1k GND VSS ADG608 EN GND VSS D RL 1k VOUT VSS VSS Test Circuit 9. OFF Isolation Test Circuit 10. Channel-to-Channel Crosstalk TERMINOLOGY tOFF (EN) Most positive power supply potential. Most negative power supply potential in dual supplies. In single supply applications, it may be connected to ground. Ground (0 V) reference. Ohmic resistance between D and S. RON variation due to a change in the analog input voltage with a constant load current. Difference between the RON of any two channels. Source leakage current when the switch is off. Drain leakage current when the switch is off. Channel leakage current when the switch is on. Analog voltage on terminals D, S. Channel input capacitance for "OFF" condition. Channel output capacitance for "OFF" condition. "ON" switch capacitance. Digital input capacitance. Delay time between the 50% and 90% points of the digital input and switch "ON" condition. tOPEN tTRANSITION VDD VSS Delay time between the 50% and 90% points of the digital input and switch "OFF" condition. Delay time between the 50% and 90% points of the digital inputs and the switch "ON" condition when switching from one address state to another. "OFF" time measured between the 80% points of both switches when switching from one address state to another. Maximum input voltage for logic "0." Minimum input voltage for logic "1." Input current of the digital input. A measure of unwanted signal which is coupled through from one channel to another as a result of parasitic capacitance. A measure of unwanted signal coupling through an "OFF" channel. GND RON RON RON Match IS (OFF) ID (OFF) ID, IS (ON) VD, VS CS (OFF) CD (OFF) CD, CS (ON) CIN tON (EN) VINL VINH IINL (IINH) Crosstalk Off Isolation Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. IDD ISS Positive supply current. Negative supply current. -10- REV. A ADG608/ADG609 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Pin Plastic (N-16) 16 PIN 1 1 0.840 (21.33) 0.745 (18.93) 0.210 (5.33) 0.200 (5.05) 0.125 (3.18) 0.060 (1.52) 0.015 (0.38) 8 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93) 9 0.280 (7.11) 0.240 (6.10) 0.150 (3.81) 0.015 (0.381) 0.008 (0.204) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC 0.070 (1.77) 0.045 (1.15) SEATING PLANE 16-Pin SOIC (R-16A) 0.3937 (10.00) 0.3859 (9.80) 16 1 9 8 0.1574 (4.00) 0.1497 (3.80) 0.2440 (6.20) 0.2284 (5.80) PIN 1 0.0098 (0.25) 0.0040 (0.10) 0.0688 (1.75) 0.0532 (1.35) 0.0196 (0.50) 0.0099 (0.25) x 45 SEATING PLANE 0.0500 (1.27) BSC 0.0192 (0.49) 0.0138 (0.35) 8 0.0099 (0.25) 0 0.0500 (1.27) 0.0075 (0.19) 0.0160 (0.41) 16-Pin TSSOP (RU-16) 0.201 (5.10) 0.193 (4.90) 16 9 0.177 (4.50) 0.169 (4.30) 1 8 PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090) 0.256 (6.50) 0.246 (6.25) SEATING PLANE 8 0 0.028 (0.70) 0.020 (0.50) REV. A -11- -12- C2021a-18-4/96 PRINTED IN U.S.A. |
Price & Availability of ADG608 |