Part Number Hot Search : 
1041J L4805CX 2SK22 06C10 L4805CX TMA16XB S5799M1 S5799M1
Product Description
Full Text Search
 

To Download ACU50752 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A
FEATURES
CATV/TV/Cable Modem Upconverter MMIC Advanced Product Information Rev. 0
ACU50752S3C

Integrated Monolithic Upconverter Compatible with all digital and analog modulation types 5 Volt Operation Low Power Consumption Low Noise Figure High Conversion Gain Low Distortion Excellent Oscillator Purity and Phase Noise Remote Shutdown Feature Small Size Low Cost High Reliability
S3C 16 Pin SOIC Package DESCRIPTION The ACU50752 is a Monolithic GaAs IC designed to perform the upconverter functions in a double conversion tuner: gain block, local oscillator and balanced mixer. The specifications meet the requirements of CATV, TV and Cable Modem applications. Supplied in a 16-lead SOIC package and requiring only a single polarity 5 V supply (or 3.5 V, with slightly reduced performance), the IC is well suited in situations where small size, low cost, low auxiliary parts count and a no-compromise performance is important. It provides tuner manufacturers the opportunity to reduce cost by lowering the component count and decreasing the amount of labor-intensive production alignment steps, while significantly improving performance and reliability. ABSOLUTE MAXIMUM RATINGS
FUNCTIONAL BLOCK DIAGRAM
IF 1, +V DD 1 MXR GND 2
16 IF2, +V DD
15 GND
Shut Down/ Current Adjust
3
+90 - 90
14 OSC OUT PHASE SPLITTER
4 GND 5
13 GND 12
RF IN
6
LOW NOISE AMP
OSC
11 TCKT
RIN Inductor 7 10 V DDLO
GND
8
9
GND*
* Varactor return. Do not connect to common ground
PARAMETER VDD/VIF/VOSC (Pins 1,10,14,& 16) VRF/VTUNE (Pins 6 & 11)* RF Input Voltage Storage Temperature Soldering Temperature Soldering Time Operating Case Temperature
ABSOLUTE MAXIMUM 9 VDC 0 VDC +60 dBmV - 55 to +200 C 260 C 5 Sec. - 40 to + 85 C
ACU50752S3C
OPERATING RANGES
PARAMETER Frequency RF IF LO VTUNE VDDIF VDDLO IDDIF IDDLO 50 900 950 1.5 4.75 4.75 5 5 58 60 860 1200 2060 27 5.25 5.25 80 80 MHz Volts Volts Volts mA mA MIN. TYPICAL MAX. UNITS
5 VDC (V DD Mixer) 0.01 uF 3.3 uH 3.3 uH 100 pF IF OUT
100 pF BALUN 1:1
1 2 shut down/ * current adjust 0.01 uF 3 4
16 15 14 100 pF 13 12 9.1 pF 11 10 9 L 0.01 uF 330 uF TAN ISV245 .01 uF 5 VDC (VDD Osc.) 68 nH 47 Tuning Voltage OSC OUT (To prescaler)
ACU 50752
RG
5 RF IN 0.01 uF 7 3.3uH 8 6
RI
NOTES: L RG RI * = = = = Printed inductor Gain control/impedance match resistor (240W for 8 dB gain) Current adjust resistor (2.7W for 60 mA mixer current) Apply -2V DC for shutdown, 0< VDC < 0.3 for 60 mA mixer current
A
2
ELECTRICAL SPECIFICATIONS (Packaged Unit, TA = 25oC, VDDIF/V, VDDLO =+ 5V, RF = 50 to 860 MHz, IF = 1170 MHz)
ACU50752S3C
PARAMETER Conversion Gain Gain Flatness
1 1 1
MIN. 5.0 -
TYP. 8.0 1.0 6.5 -60 -60 -62 40 18 -84 -5 -22 -24 50 -2 5.0 5.0 58 60 600
MAX. 8.0 -57 -57 -60 -81 22 5.25 5.25 80 80 800
UNIT dB dB dB dBc dBc dBc dBm dBm dBc/Hz dBm dBm dBm dB V V V V mA mA mW
SSB Noise Figure CSO CTB
2
2 3 4
Cross Modulation
-10 40 1.0 4.75 4.75
2-Tone 2nd Order Input IP 2-Tone 3rd Order Input IP LO Phase Noise
5
4
LO Power to Prescaler LO to RF Leakage LO to IF Leakage RF to IF Isolation Tuning Voltage
1
Shutdown Voltage(Pin 3) VDDIF VDDLO IDDIF IDDLO Power Consumption
Notes: 1. As measured in ANADIGICS test fixture 2. 128 Channels @ + 7 dBmV 3. 128 Channels, 99 % Modulation @ 15 KHz 4. Two tones @ -15 dBm each 5. At 10 KHz offset
A
3
PACKAGE OUTLINE
0.394 0.386
16
15
14
13
12
11
10
9
0.158 0.152
0.244 0.229
1
2
3
4
5
6
7
8
0.065 0.054
BASE PLANE SEATING PLANE
0.050 BSC
0.068 0.064
0.020 0.013
0.010 0.004
0.006 0.010
0.040 0.016
Tel: (908) 668-5000 / Fax: (908) 668-5132 Email: Mkg@anadigics.com www.anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no repsponsibility for inaccuracies. ANADIGICS strongly urges customers to verift that the informationn they are using is current before placing orders. WARNING ANADIGICS products are not intened for use in life support appliances, device, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
ANADIGICS, Inc. 35 Technology Drive Warren, New Jersey 07059
A
4


▲Up To Search▲   

 
Price & Availability of ACU50752

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X