Part Number Hot Search : 
AS1720 4C686 M66011FP AD8531 TC74H TDA21201 AN1464 TC74H
Product Description
Full Text Search
 

To Download 3B32-CUSTOM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Isolated, Process Current Input 3B32
FEATURES
Interfaces, amplifies, & filters a process-current input. Process-current input signals are measured by reading the voltage across an external precision 100 resistor (supplied with module). Module provides simultaneous precision voltage and current outputs. Module circuitry can withstand 220v rms at the input screwterminals. All 3B32 series modules are mix-and-match and Hot Swappable.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 3B32 Functional Block Diagram
APPLICATIONS
Industrial signal conditioning Industrial signal isolation Industrial signal filtering
Output modules accept 0 to +10V (or +10V) single-ended signals and provide an isolated 4-20 mA (or 0-20 mA) process signal. All modules feature a universal pin-out and may be readily hot-swapped under full power and interchanged without disrupting field wiring. The Analog Devices 3B Series Signal Conditioning Subsystem is designed to easily handle signal conditioning problems in measurement and control applications. Some typical uses are in microcomputer-based data acquisition systems, programmable controllers, analog recorders, dedicated control systems, and any other applications where monitoring of temperature, pressure, flow and analog signals are required. Since each input module features two simultaneous outputs, the voltage output can be used to provide an input to a microprocessor-based data acquisition or control system while the current output can be used for analog transmission, operator interface, or an analog backup system. Each input module is a single-channel signal conditioner which plugs into a socket on the backplane and accepts its signal from the input screw terminals. All input modules provide input protection, amplification and filtering of the input signal, accuracy of +0.1%, low drift of +1 uV/oC (low-level input modules), and feature two high-level analog outputs that are compatible with most process instrumentation. The isolated input modules also provide +1500 V peak isolation. The choice of a specific 3B module depends upon the type of input signal. Input modules are available to accept millivolt, volt, process current, thermocouple, RTD, AC and DC strain gage, frequency and LVDT inputs. The voltage output of each module is available from the system I/O connector while the current output is available on the output screw terminals.
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a low-cost, versatile method of transferring analog transducer signals to a data acquisition, monitoring or control system without the inherent noise, non-linearity, drift and extraneous voltages. The modules are designed to directly accept analog signals from Thermocouples, RTD's, AC and DC Strain Gages, Torque Transducers, Frequency Transducers, LVDTs, millivolt or process current signals. The modules amplify, isolate, linearize and convert the transducer output signals to standardized analog inputs for high-level analog I/O subsystems. The 3B Series Subsystem consists of a 10" relay rack with universal mounting backplane and a family of plug-in (up to 16 per rack) input and output signal conditioning modules. Eight and four channel backplanes are also available. Each backplane incorporates screw terminals for sensor inputs and current outputs and a 26-pin connector for high-level singleended voltage outputs to the user's equipment. The input modules feature complete signal conditioning circuitry optimized for specific sensors or analog signals and provide two simultaneous high-level analog outputs: 0 to +10V (or +10V) and 4-20 mA (or 0-20 mA).
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
3B32 GENERAL DESCRIPTION
The 3B32 is a single-channel signal conditioning module that interfaces, amplifies and filters a process-current input and provides simultaneous precision output voltage and current. Process-current input signals are measured by reading the voltage across an external precision 100 resistor (supplied). Model 3B32 performs complete signal conditioning, including isolating (+1500V peak input-to-output and power) and protecting their computer side outputs from damage and loss of signal integrity, and shielding their inputs from damage from field-side over-voltage faults up to 220V rms. The current output withstands 130V rms without damage and interfaces user equipment through screw terminals located on the 3B Series backplane. Each plug-in, mix-and-match, hot-swappable module is easily field calibrated via front-panel zero and span adjustments for both voltage and current outputs. 3B Series Custom-Ranging Program - Externallyprogrammable Model 3B32-00, enables the user to configure a special input range by using the optional plug-on AC1310 ranging card, which houses user-supplied resistors to determine zero and span. To facilitate selecting resistors, a Windows program, 3B-CUSTOM, calculates resistor values based on the user-desired input/output ranges. A chopper-stabilized low-drift (+1uV/oC) input amplifier . assures long-term stability. At the amplifier input, a stable, zero-scale input voltage is subtracted from the input signal to set the zero-scale value. Zero suppression can exceed 100% of the input range. This is ideal for expanded-scale applications requiring high-resolution measurement of a selected portion of an input signal. For user convenience, the zero and span can be factory configured to meet custom range needs (Model 3B32CUSTOM) or can be externally programmed (Model 3B32-00) via user supplied resistors inserted in the optional AC1310 plugon ranging card. Internal low-pass filtering with a 3Hz cutoff (3dB) two-pole Butterworth filter enhances both 60 dB normalmode and 160 dB common-mode rejection at 50/60 Hz, enabling accurate measurement of small signals in high electrical noise. Signal isolation is accomplished by transformer coupling with a proprietary modulation technique for linear, stable and reliable performance. The differential input circuit on the field side is fully floating, eliminating the need for any input grounding. A demodulator on the computer side of the signal transformer recovers the original signal, which is then filtered and buffered and drives a voltage-to-current converter to provide the current output.
.
Figure 2
Rev. 0 | Page 2 of 8
3B32
3B32 Models Available
Model 3B32-00 3B32-01 3B32-02 3B32-CUSTOM
1
Input Range Externally Programmable2 4 mA to 20 mA 0 mA to20 mA *
Output Ranges1 -10 V to 10 V & 0 mA to 20 mA 0 V to 10 V & 4 mA to 20 mA 0 V to 10 V & 4 mA to 20 mA *
Output current range may be user programmed to 4 mA to 20 mA using jumper supplied. 2 Requires AC1310 ranging card. * Custom Input/Output ranges are available. Refer to configuration guide.
3B32 Specifications (typical @ +25C and 15 V dc, and +24 V dc Power)
Description Input Ranges Standard Ranges Custom Ranges 0 mA to 20 mA; 4 mA to 20 mA 0 mA to 20 mA (refer to ordering section) Output Ranges Voltage (RL > 2 K) Current (RL = 0 to 850)
1
Model 3B32
0 V to +10 V; -10 V to +10 V 4 mA to 20 mA or 0 mA to 20 mA 0 mA to 31 mA Accuracy2
Maximum Current Output Span
Initial @ +25C Nonlinearity
0.1% Span 0.01% Span Stability vs. Temperature
Voltage Output Zero Span Current Output Zero Span Zero and Span Adjustment Range
4 3
25 ppm of Span/C 25 ppm of Reading/C
25 ppm of Span/C 25 ppm of Reading/C 5% of Span
Input Resistor Value Accuracy Stability vs. Temperature Input Bias Current 100 0.1% 0.002%/C +3 nA
Rev. 0 | Page 3 of 8
3B32
Input Resistance (Module) 15 M Noise Input, 0.1 Hz to 10 Hz Bandwidth Output, 100 kHz Bandwidth Bandwidth, -3 dB Output Rise Time, 10% to 90% Span 0.2 V rms 50 V rms 3 Hz 200 ms Common-Mode Voltage (CMV) Input-to-Output, Continuous Transient 1500 V peak, maximum ANSI/IEEE C37.90.1-1989 Common Mode Rejection (CMR) 1 k Source Imbalance, 50/60 Hz Normal Mode Rejection, 50/60 Hz 160 dB 60 dB Input Protection Continuous Transient Voltage Output Protection Current Output Protection 220 V rms maximum ANSI/IEEE C37.90.1-1989 Continuous Short to Ground 130 V rms, continuous Power Supply Voltages 5 15 V dc Supplies Rated Operation Current Sensitivity +24 V dc Loop Supply Rated Operation Current Sensitivity Mechanical Dimensions +12 V dc to +30 V dc +27 mA @ lout = 20 mA 0.0002% span/V 3.15" x 3.395" x 0.775" (80.0 mm x 86.2 mm x 19.7 mm) Environmental Temperature Range Rated Performance Storage Relative Humidity, 24 hours RFI Susceptibility -25C to +85C -55C to +85C 0 to 95% @ +60C non-condensing 0.5% Span error @ 400 MHz, 5 Watt, 3 ft (11.5 V dc to 16.5 V dc) 10 mA 0.01% span/V
For a 0 to 20 mA range, a typical minimum output current is 10 A. Includes the combined effects of repeatability, hysteresis, and nonlinearity. With respect to the voltage output. 4 A wide range of custom zero suppression and span is available with the 3B32-00 model, using the AC1310 ranging card. 5 +24 V dc loop power is required for driving the current output at loads up to 850. If a current output load of 400 or less is applied, +15 V dc is sufficient for loop power. If only voltage output is used, loop power is not required. Specifications subject to change without notice.
2 3
1
Rev. 0 | Page 4 of 8
3B32 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 3B32 Input Field Connections
Table 1. Pin Function Descriptions--
Pin No. 1 2 3 4 Description n/c HI LO n/c
Figure 4 . Model 3B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 5 of 8
3B32 OUTLINE DIMENSIONS
Figure 5. Outline Dimensions
Rev. 0 | Page 6 of 8
3B32 NOTES
Rev. 0 | Page 7 of 8
3B32 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. D05094-0-9/04(0)
Rev. 0 | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of 3B32-CUSTOM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X