Part Number Hot Search : 
IRFZ40 MB105 NASC1 00145 2SB772 KDR377 SMF28CA RW10S
Product Description
Full Text Search
 

To Download 2SK2645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2645-01MR
FAP-IIS Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Repetitive Avalanche Rated
N-channel MOS-FET
600V
1,2
9A
50W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings ( T
C=25C) unless otherwise specified ,
> Equivalent Circuit
Rating 600 9 32 30 9 71,9 50 150 -55 ~ +150 Unit V A A V A mJ W C C
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Repetitive or Non-Repetitive (Tch 150C) Avalanche Energy Max. Power Dissipation Operating and Storage Temperature Range
Symbol V DS ID I D(puls) V GS I AR E AS PD T ch T stg
- Electrical Characteristics (TC=25C),
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge
unless otherwise specified
Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I V t Q
GSS DS(on) fs iss oss rss d(on) r d(off) f AV SD rr rr
Test conditions ID=1mA VGS =0V ID=1mA VDS= VGS VDS=600V Tch =25C VGS=0V Tch=125C VGS =30V VDS=0V ID=4A VGS =10V ID=4A VDS=25V VDS=25V VGS =0V f=1MHz VCC=300V ID=9A VGS=10V RGS=10 Tch =25C L = 100H IF=2xI DR VGS =0V T ch =25C IF=IDR V GS =0V -dI F/dt=100A/s T ch =25C
Min. 600 3,5
Typ. 4,0 10 0,2 10 1,0 5 900 150 70 25 70 60 35 1,0 550 7,0
Max. 4,5 500 1,0 100 1,2 1400 230 110 40 110 90 60 1,5
2,5
9
Unit V V A mA nA S pF pF pF ns ns ns ns A V ns C
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 62,5 2,5
Unit C/W C/W
Collmer Semiconductor - P.O. Box 702708 - Dallas TX - 75370 - 972.233.1589 - 972.233.0481 Fax - www.collmer.com - 11/98
N-channel MOS-FET
600V
1,2
2SK2645-01MR
FAP-IIS Series
Drain-Source On-State Resistance vs. Tch
RDS(on) = f(Tch); ID=4A; VGS=10V
9A
50W
> Characteristics
Typical Output Characteristics
ID=f(VDS); 80s pulse test; TC=25C
Typical Transfer Characteristics
ID=f(VGS); 80s pulse test; VDS=25V; Tch=25C
ID [A]
RDS(ON) []
2
ID [A]
1
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
RDS(on)=f(ID); 80s pulse test; TC=25C
Typical Forward Transconductance vs. ID
gfs=f(ID); 80s pulse test; VDS=25V; Tch=25C
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch); ID=1mA; VDS=VGS
RDS(ON) []
gfs [S]
5
VGS(th) [V]
4
6
ID [A]
ID [A]
Tch [C]
Typical Capacitances vs. VDS
C=f(VDS); VGS=0V; f=1MHz
Typical Gate Charge Characteristic
VGS=f(Qg); ID=9A; Tc=25C
Forward Characteristics of Reverse Diode
IF=f(VSD); 80s pulse test; VGS=0V
C [F]
VDS [V]
VGS [V]
IF [A]
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Avalanche Energy Derating
Eas=f(starting Tch); VCC=60V; IAV=9A
Safe Operation Area
ID=f(VDS): D=0,01, Tc=25C
Zth(ch-c) [K/W]
Transient Thermal impedance
Zthch=f(t) parameter:D=t/T
Eas [mJ]
10
ID [A]
12
Starting Tch [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK2645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X