Part Number Hot Search : 
20200C P0461 A128A R1660 30010 7C1413 4AC15 25005
Product Description
Full Text Search
 

To Download 2N3904CSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
2N3904CSM
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FEATURES
0.51 0.10 (0.02 0.004)
0.31 rad. (0.012)
* SILICON PLANAR EPITAXIAL NPN TRANSISTOR * HERMETIC CERAMIC SURFACE MOUNT PACKAGE (SOT23 COMPATIBLE) * CECC SCREENING OPTIONS
A 1.40 (0.055) max.
2.54 0.13 (0.10 0.005)
3
2
1
1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) A=
0.76 0.15 (0.03 0.006)
0.31 rad. (0.012)
* SPACE QUALITY LEVELS OPTIONS * HIGH SPEED SATURATED SWITCHING
1.02 0.10 (0.04 0.004)
SOT23 CERAMIC (LCC1 PACKAGE)
Underside View PAD 1 - Base PAD 2 - Emitter PAD 3 - Collector
APPLICATIONS:
Hermetically sealed surface mount version of the popular 2N3904 for high reliability / space applications requiring small size and low weight devices.
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD RJA TSTG , TJ Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation @ TA =25C Derate above 25C Thermal Resistance Junction - Ambient Operating and Storage Temperature Range 60V 40V 6V 200mA 500mW 2.86mW / C 350C/W -55 to +200C
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
LAB
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions
V(BR)CEO* V(BR)CBO V(BR)EBO ICEX VCE(sat) VBE(sat)* Collector - Emitter Breakdown Voltage IC = 1mA Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector - Emitter Cut-off Current Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage IC = 10A IE = 10A VCE = 30V IC = 10mA IC = 50mA IC = 10mA IC = 50mA IB = 0 IE = 0 IC = 0 VEB = 3V IB = 1mA IB = 5mA IB = 1mA IB = 5mA IC = 0.1mA IC = 1mA hFE* DC Current Gain VCE = 1V IC = 10mA IC = 50mA IC = 100mA * Pulse Test: tp 300s, 2%. 40 70 100 60 30 300 -- 0.65
SEME
2N3904CSM
Min.
40 60 6
Typ.
Max. Unit
V 50 0.2 0.3 0.85 0.95 nA V V
SMALL SIGNAL CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions Min.
ft Cob Cib hie hoe hre hfe NF Current Gain Bandwidth Product Output Capacitance Input Capacitance Input Impedance Output Admittance Voltage Feedback Ratio Small Signal Current Gain Noise Figure VCE = 20V f = 100MHz VCB = 5V f = 1MHz VBE = 0.5V f = 1MHz VCE = 10V IC = 1mA f = 1kHz VCE = 5V f = 1kHz IC = 100A RS = 1k 1 1 0.5 100 IC = 0 IE = 0 IC = 10mA 300
Typ.
Max. Unit
MHz 4 8 10 40 8 400 5 pF pF k hmos x 10-4 -- dB
SWITCHING CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions
td tr ts tf Delay Time Rise Time Storage Time Fall Time VCC = 3V IC = 10mA VCC = 3V VBE = 0.5V IB1 = 1mA VBE = 0.5V
Min.
Typ.
Max. Unit
35 35 200 50 ns
IB1 = IB2 = 1mA
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95


▲Up To Search▲   

 
Price & Availability of 2N3904CSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X