Part Number Hot Search : 
AOB418L 100EL3 0603L PC1237HA FR204 5ETTTS 7C1345 PZM10NB2
Product Description
Full Text Search
 

To Download 1N4948G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4942G THRU 1N4948G
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER Reverse Voltage - 200 to 1000 Volts Forward Current - 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction For use in high frequency rectifier circuits Fast switching for high efficiency Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.0 ampere operation at TA=55 with no thermal runaway High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-41 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.335 gram
DIM A B C D inches Min. 0.165 0.079 0.028 1.000
DIMENSIONS mm Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N 4942G
1N 4944G
1N 4946G
1N 4947G
1N 4948G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage TA=25 TA=150
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
200 140 200
400 280 400
600 420 600 1.0 25.0 1.30 1.0 200.0
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps Volts A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
150 15.0 55.0
250
500
nS F /W
TJ, TSTG
-65 to +175
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of 1N4948G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X