Part Number Hot Search : 
MBR1545 TIP122 CH168 W83977 78H12A 78H12A KBL410 3DD10
Product Description
Full Text Search
 

To Download 1N4007GL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G/L - 1N4007G/L
1.0A GLASS PASSIVATED RECTIFIER Features
* * * * * Glass Passivated Die Construction Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Plastic Material - UL Flammability Classification 94V-0
A
B
A
D
DO-41 Plastic Dim A B C D Min 25.40 4.06 0.71 2.00 Max -- 5.21 0.864 2.72 A-405 Min 25.40 4.10 0.53 2.00 Max -- 5.20 0.64 2.70
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: DO-41 0.30 grams (approx) A-405 0.20 grams (approx) Mounting Position: Any Marking: Type Number
All Dimensions in mm "L" Suffix Designates A-405 Package No Suffix Designates DO-41 Package @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 1.0A @TA = 25C @ TA = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG 1N4001 G/GL 50 35
1N4002 G/GL 100 70
1N4003 G/GL 200 140
1N4004 G/GL 400 280 1.0
1N4005 G/GL 600 420
1N4006 G/GL 800 560
1N4007 G/GL 1000 700
Unit V V A
30 1.0 5.0 50 2.0 8.0 100 -65 to +175
A V A s pF K/W C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. Measured with IF = 0.5A, IR = -1A, Irr = 0.25A.
DS29002 Rev. D-2
1 of 2
1N4001G/L-1N4007G/L
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
10
0.8
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
1.0
0.6
0.4
0.1
0.2
Tj = 25C PULSE WIDTH = 300s 2% DUTY CYCLE
0
0.01 0.6 0.8 1.0 1.2 1.4 1.6
40
60
80
100
120
140
160
180
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
30
IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3ms Single half sine-wave JEDEC Method
100
Tj = 25C f - 1MHz
20
Cj, CAPACITANCE (pF)
10
10
0
1.0
1
10
100
1.0
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
Tj = 100C
10
1.0
Tj = 25C
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29002 Rev. D-2
2 of 2
1N4001G/L-1N4007G/L


▲Up To Search▲   

 
Price & Availability of 1N4007GL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X