Part Number Hot Search : 
C651GGVU AP1121BS MAX161 MUR880E ZPY47 HT66F002 80001 2902N
Product Description
Full Text Search
 

To Download UPA1910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1910
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
DESCRIPTION
The PA1910 is a switching device which can be driven directly by a 2.5-V power source. The PA1910 features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.
2.8 0.2
PACKAGE DRAWING (Unit : mm)
0.32 +0.1 -0.05
0.65-0.15
+0.1
0.16+0.1 -0.06
6
5
4
1.5
0 to 0.1
1 2 3
FEATURES
* Can be driven by a 2.5-V power source * Low on-state resistance RDS(on)1 = 80 m MAX. (VGS = -4.5 V, ID = -1.5 A) RDS(on)2 = 90 m MAX. (VGS = -4.0 V, ID = -1.5 A) RDS(on)3 = 100 m MAX. (VGS = -3.0 V, ID = -1.0 A) RDS(on)4 = 130 m MAX. (VGS = -2.5 V, ID = -1.0 A)
0.95
0.95
0.65 0.9 to 1.1
1.9 2.9 0.2
* ORDERING INFORMATION
PART NUMBER PACKAGE 6-pin Mini Mold (Thin Type)
1, 2, 5, 6 : Drain 3 : Gate 4 : Source
PA1910TE
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse)
Note1
EQUIVALENT CIRCUIT
-12 -10/+5 2.5 10 0.2 2 150 -55 to +150 V V A A W W C C
Gate Protection Diode Marking: TB Source Gate Drain
VDSS VGSS ID(DC) ID(pulse) PT1
Note2
Body Diode
*
Total Power Dissipation Total Power Dissipation Channel Temperature Storage Temperature Notes 1. PW 10 s, Duty Cycle 1 % 2. Mounted on FR-4 board, t 5 sec. Remark
PT2 Tch Tstg
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D13105EJ2V0DS00 (2nd edition) Date Published November 1999 NS CP(K) Printed in Japan
The mark 5 shows major revised points.
(c)
1998, 1999
PA1910
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 RDS(on)3 RDS(on)4 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr TEST CONDITIONS VDS = -12 V, VGS = 0 V VGS = 10 V, VDS = 0 V VDS = -10 V, ID = -1 mA VDS = -10 V, ID = -1.5 A VGS = -4.5 V, ID = -1.5 A VGS = -4.0 V, ID = -1.5 A VGS = -3.0 V, ID = -1.0 A VGS = -2.5 V, ID = -1.0 A VDS = -10 V VGS = 0 V f = 1 MHz VDD = -10 V ID = -1.5 A VGS(on) = -4.0 V RG = 10 VDD = -10 V ID = -3.0 A VGS = -4.0 V IF = 2.5 A, VGS = 0 V IF = 2.5 A, VGS = 0 V di/dt = 10 A / s -0.4 1 -0.72 5.1 60 63 75 86 386 283 154 131 603 427 1470 6.7 1.6 2.9 0.74 30.0 2.2 80 90 100 130 MIN. TYP. MAX. -10 10 -1.5 UNIT
A A
V S m m m m pF pF pF ns ns ns ns nC nC nC V ns nC
* * *
Reverse Recovery Time Reverse Recovery Charge
TEST CIRCUIT 1 SWITCHING TIME
*
TEST CIRCUIT 2 GATE CHARGE
D.U.T. RL PG. RG RG = 10 VDD
ID 90 % 90 % ID 0 10 % td(on) ton tr td(off) toff 10 % tf VGS
D.U.T. IG = 2 mA
VGS(on) 90 %
VGS
Wave Form
RL VDD
0
10 %
PG.
50
VGS 0 = 1 s Duty Cycle 1 %
ID
Wave Form
2
Data Sheet D13105EJ2V0DS00
PA1910
* TYPICAL CHARCTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 -100
d ite im )
ID(DC)
FORWARD BIAS SAFE OPERATING AREA
Single Pulse Mounted on 250 mm2 x 35 m copper pad connected to drain electrode in 50 mm x 50 mm x 1.6 mm FR-4 board.
dT - Derating Factor - %
80
ID - Drain Current - A
-10
) L .5 V on S( -4 RD GS =
ID(pulse)
PW
10 ms
=1
ms
60
(V
10
-1
0m
5s
s
40
20
-0.1
0
30
60
90
120
150
-00.1 -0.1
TA - Ambient Temperature - C
-1 -10 VDS - Drain to Source Voltage - V
-100
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE -10 -8 -6 -4 -2 VGS = -4.5 V -4.0 V -3.0 V -2.5 V -10 -1
FORWARD TRANSFER CHARACTERISTICS VDS = -10 V
ID - Drain Current - A
ID - Drain Current - A
-0.1 -0.01 -0.001 -0.0001
TA = 125C 75C 25C -25C
0
-0.2
-0.4
-0.6
-0.8
-1
-0.00001
0
-1.0
-2.0
-3.0
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
VGS(off) - Gate to Source Cut-off Voltage - V
| yfs | - Forward Transfer Admittance - S
-1
VDS = -10 V ID = -1 mA
100
VDS = -10 V TA = -25C 25C 75C 125C
10
-0.5
1
0.1
0 -50
0
50
100
150
0.01 -0.01
-0.1
-1
-10
-100
Tch - Channel Temperature - C
ID - Drain Current - A
Data Sheet D13105EJ2V0DS00
3
PA1910
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 90 VGS = -4.5 V
TA =125 C
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 90 VGS = -4.0 V
TA =125 C
70
75 C 25 C -25C
70
75 C 25 C -25C
50
50
30 -0.01
-0.1
-1
-10
-100
30 -0.01
-0.1
-1
-10
100
ID - Drain Current - A
ID - Drain Current - A
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 120 VGS = -3.0 V
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 180 160 140 120
TA =125 C
VGS = -2.5 V
100
TA =125 C 75 C
80
25 C -25C
100 80 60 -0.01 -0.1
75 C 25 C -25C
60 -0.01
-0.1
-1
-10
-100
-1
-10
-100
ID - Drain Current - A
ID - Drain Current - A
RDS(on) - Drain to Source On-state Resistance - m
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 100 ID = -1.5 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 120 ID = -1.0 A
80
VGS =-4.0 V
100
VGS =-2.5 V
-4.5 V
-3.0 V
60
80
40 -50
0
50
100
150
60 -50
0
50
100
150
Tch - Channel Temperature - C
Tch - Channel Temperature - C
4
Data Sheet D13105EJ2V0DS00
PA1910
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 150 ID = -1.5 A
Ciss, Coss, Crss - Capacitance - pF
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 1000 f = 1 MHz VGS = 0 V
100
Ciss Coss
50
Crss 100 -0.1 -1.0 -10 -100
0
-5
-10
-15
-20
VGS - Gate to Source Voltage - V
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS 10000 100
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
td(on), tr, td(off), tf - Switching Time - ns
IF(S-D) - Diode Forward Current - A
VGS = 0 V 10 1 0.1 0.01 0.001
1000
tf tr td(off) td(on)
100
VDD = -10 V VGS(on) = -4.0 V RG = 10
10 -0.1
-1
-10
0.0001 0.2
0.4
0.6
0.8
1.0
1.2
ID - Drain Current - A
VF(S-D) - Source to Drain Voltage - V
DYNAMIC INPUT CHARACTERISTICS -6 ID = -3.0 A
VGS - Gate to Source Voltage - V
-5 -4 -3 -2 -1 0 VDD = -10 V -6 V
1
2
3
4
5
6
7
QG - Gate Charge - nC
Data Sheet D13105EJ2V0DS00
5
PA1910
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000 Single Pulse
rth(t) - Transient Thermal Resistance - C/W
Without Board
100
Mounted on 250mm2x35m copper pad connected to drain electrode in 50mmx50mmx1.6mm FR-4 board
10
1 0.001
0.01
0.1
1 PW - Pulse Width - s
10
100
1000
6
Data Sheet D13105EJ2V0DS00
PA1910
[MEMO]
Data Sheet D13105EJ2V0DS00
7
PA1910
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPA1910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X