Part Number Hot Search : 
Z550LA20 PR1000R 25616 KBU3504 NJU7630 CJP03N60 1339A1 25616
Product Description
Full Text Search
 

To Download TPSMC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMC6.8 THRU TPSMC43A
AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 43 Volts Peak Pulse Power - 1500 Watts
FEATURES
N
DO-214AB Modified J-Bend
0.126 (3.20) 0.114 (2.90)
0.245 (6.22) 0.220 (5.59)
0.280 (7.11) 0.260 (6.60) 0.012 (0.305) 0.006 (0.152)
0.103 (2.62) 0.079 (2.06)
0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.008 (0.203) MAX.
Designed for under the hood surface mount applications Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Easy pick and place Low profile package Built-in strain relief Ideal for automated placement Exclusive patented PARTM oxide passivated chip construction 1500W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) For devices with V(BR)10V ID are typically less than 1.0A at TA=150C High temperature soldering: 250C/10 seconds at terminals
PA TE
TE
D
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.007 ounces, 0.2 gram
Dimensions in inches and (millimeters)
Available in uni-directional only
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTES 1, 2, FIG. 3) Peak power pulse current with a 10/1000s waveform (NOTE 1, FIG. 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTES 2, 3) Maximum instantaneous forward voltage at 100A (NOTE 3) Operating junction and storage temperature range
PPPM IPPM
Minimum 1500
SEE TABLE 1
Watts Amps
IFSM VF TJ, TSTG
200.0 3.5 -65 to +185
Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25C per Fig. 2 (2) Mounted on 0.31 X 0.31" (8.0 X 8.0mm) copper pads to each terminal (3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minute maximum
1/27/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Maximum Reverse Leakage at VWM IR (A) Maximum Reverse Leakage at VWM, TJ =150C ID (A) Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) Maximum Clamping Voltage at IPP Vc (Volts)
Device
Device Marking Code
Breakdown Voltage V(BR) (Volts) (NOTE 1) Min. Max.
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
TPSMC6.8 TPSMC6.8A TPSMC7.5 TPSMC7.5A TPSMC8.2 TPSMC8.2A TPSMC9.1 TPSMC9.1A TPSMC10 TPSMC10A TPSMC11 TPSMC11A TPSMC12 TPSMC12A TPSMC13 TPSMC13A TPSMC15 TPSMC15A TPSMC16 TPSMC16A TPSMC18 TPSMC18A TPSMC20 TPSMC20A TPSMC22 TPSMC22A TPSMC24 TPSMC24A TPSMC27 TPSMC27A TPSMC30 TPSMC30A TPSMC33 TPSMC33A TPSMC36 TPSMC36A TPSMC39 TPMSC39A TPSMC43 TPSMC43A
DDP DEP DFP DGP DHP DKP DLP DMP DNP DPP DQP DRP DSP DTP DUP DVP DWP DXP DYP DZP EDP EEP EFP EGP EHP EKP ELP EMP ENP EPP EQP ERP ESP ETP EUP EVP EWP EXP EYP EZP
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
10000 10000 5000 5000 2000 2000 500 500 200 200 50 50 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
139.0 143.0 128.0 133.0 120.0 124.0 109.0 112.0 100.0 103.0 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6 59.5 51.5 54.2 47.0 49.0 43.2 45.2 38.4 40.0 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
NOTES: (1) V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
MAXIMUM RATINGS AND CHARACTERISTIC CURVES TPSMC6.8 THRU TPSMC43A
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
PPPM, PEAK PULSE POWER, kW
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA = 25C
10
1.0
0.31 x 0.31" (8.0 x 8.0mm) COPPER PAD AREAS
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec.
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
150
IPPM, PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100
HALF VALUE - IPP 2 10/1000sec. WAVEFORM as DEFINED by R.E.A.
50
0
td
0
1
2
t, TIME, ms
3
4
MAXIMUM RATINGS AND CHARACTERISTIC CURVES TPSMC6.8 THRU TPSMC43A
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
TJ=25C f=1 MHz Vsig=50mVp-p
CJ, CAPACITANCE , pF
1,000
MEASURED at ZERO BIAS
100
MEASURED AT STAND-OFF VOLTAGE, VWM
10 1 10 100 200
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG. 5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
200
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TJ=TJ max.
100
10
1
10
NUMBER OF CYCLES AT 60 HZ
100


▲Up To Search▲   

 
Price & Availability of TPSMC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X