|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLP624X, TLP624-2X, TLP624-4X TLP624, TLP624-2, TLP624-4 LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS l VDE 0884 in 3 available lead form : -STD - G form - SMD approved to CECC 00802 DESCRIPTION The TLP624, TLP624-2, TLP624-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages. TLP624X TLP624 2.54 7.0 6.0 1 2 Dimensions in mm 4 3 1.2 5.08 4.08 7.62 4.0 3.0 0.5 3.0 13 Max 0.26 TLP624-2X 0.5 TLP624-2 2.54 3.35 FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. 1.2 l High Current Transfer Ratio ( 50% min) l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) 10.16 9.16 l High BVCEO ( 55Vmin ) l All electrical parameters 100% tested l Low Input Current 0.5mA IF APPLICATIONS 3.0 l Computer terminals l Industrial systems controllers 0.5 l Measuring instruments l Signal transmission between systems of TLP624-4X different potentials and impedances TLP624-4 2.54 1 7.0 6.0 2 3 4 7.62 4.0 3.0 0.5 3.35 0.26 1 2 3 4 5 7.0 6.0 6 7 8 7.62 8 7 6 5 13 Max 16 15 14 13 12 11 10 9 OPTION SM SURFACE MOUNT OPTION G 7.62 1.2 20.32 19.32 4.0 3.0 0.5 3.0 0.5 3.35 0.6 0.1 10.46 9.86 1.25 0.75 0.26 10.16 13 Max 0.26 ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581 7/12/00 ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com DB92188m-AAS/A1 ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 125C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation 50mA 5V 70mW OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION Total Power Dissipation (derate linearly 2.67mW/C above 25C) 55V 6V 150mW 200mW ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) MIN TYP MAX UNITS 1.0 5 1.15 1.3 10 V V A V V nA TEST CONDITION IF = 10mA IR = 10A VR = 5V IC = 0.5mA IE = 100A VCE = 24V 1mA IF , 0.5V VCE 0.5mA IF , 1.5V VCE 1mA IF , 0.5mA IC 1mA IF , 1mA IC See note 1 See note 1 VIO = 500V (note 1) VCC = 10V , IC = 2mA, RL = 100 Output Collector-emitter Breakdown (BVCEO) 55 ( Note 2 ) Emitter-collector Breakdown (BVECO) 6 Collector-emitter Dark Current (ICEO) Current Transfer Ratio (CTR) (Note 2) TLP624,TLP624-2,TLP624-4 100 50 100 Coupled 1200 % % Collector-emitter Saturation VoltageVCE (SAT) 0.2 Input to Output Isolation Voltage VISO 5300 7500 Input-output Isolation Resistance RISO 5x1010 Rise Time tr Fall Time tf Turn-on Time ton Turn-off Time toff 0.4 V V VRMS VPK s s s s 8 8 10 8 Note 1 Note 2 Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory. 7/12/00 DB92188m-AAS/A1 Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW) 2.0 150 Collector current I C (mA) 1.6 Collector Current vs. Low Collector-emitter Voltage TA = 25C IF = 1mA 1.2 0.8 IF = 0.5mA 0.4 0 100 50 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60 Relative current transfer ratio 50 Forward current I F (mA) 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 IF = 1mA IC = 0.5mA Current transfer ratio CTR (%) 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 Ambient temperature TA ( C ) 100 0 0.2 0.4 0.6 0.8 1.0 Collector-emitter voltage VCE ( V ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5 IF = 1mA VCE = 0.4V 1.0 0.5 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Current Transfer Ratio vs. Forward Current 120 100 80 60 40 20 0 0.1 0.2 0.5 1 2 Forward current IF (mA) 5 VCE = 0.4V TA = 25C Collector-emitter saturation voltage V CE(SAT) (V) 7/12/00 DB92188m-AAS/A1 |
Price & Availability of TLP624 |