Part Number Hot Search : 
MRF284 LBT09031 0S223K 0R12K NTE5554 SEL5755C BZ5239 ATF16
Product Description
Full Text Search
 

To Download STD40NF03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STD40NF03L
N-CHANNEL 30V - 0.012 - 40A DPAK LOW GATE CHARGE STripFETTM POWER MOSFET
PRELIMINARY DATA T YPE STD40NF03L
s s s s s
V DSS 30 V
R DS(on) < 0.014
ID 40 A
TYPICAL RDS(on) = 0.012 TYPICAL Qg = 35 nC @ 10V OPTIMAL RDS(on) x Qg TRADE-OFF CONDUCTION LOSSES REDUCED SWITCHING LOSSES REDUCED
3 1
DESCRIPTION This application specific Power Mosfet is the third generation of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows the best trade-off between on-resistance and gate charge. When used as high and low side in buck regulators, it gives the best performance in terms of both conduction and switching losses. This is extremely important for motherboards where fast switching and high efficiency are of paramount importance. APPLICATIONS s SPECIFICALLY DESIGNED AND OPTIMISED FOR HIGH EFFICIENCY CPU CORE DC/DC CONVERTERS
DPAK TO-252 (Suffix "T4")
ADD SUFFIX "T4" FOR ORDERING IN TAPE & REEL
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS I D (*) ID I DM (**) P tot Ts tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o o o
Value 30 30 20 20 20 80 55 0.37 -65 to 175 175
Un it V V V A A A W W /o C
o o
C C
(*) Current Limited By The Package (**) Pulse width limited by safe operating area
14/01/2000
1/6
STD40NF03L
THERMAL DATA
R thj -case R thj -amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature F or Soldering Purpose 2.73 62.5 300
o o
C/W C/W o C
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 30 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c =125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10V V GS = 5V Test Con ditions ID = 250 A ID = 20 A I D = 20 A 40 Min. 1 0.012 0.019 Typ. Max. 2.5 0.014 0.022 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =20 A V GS = 0 Min. Typ. 40 1470 490 110 Max. Unit S pF pF pF
2/6
STD40NF03L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 15 V I D = 20 A R G = 4.7 V GS = 4.5 V (Resistive Load, see fig. 3) V DD = 24 V ID = 40 A V GS = 10 V Min. Typ. 20 170 35 5 10 45 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf Parameter Turn-off Delay T ime Fall T ime Test Con ditions V DD = 15 V I D = 20 A V GS = 4.5 V R G = 4.7 (Resistive Load, see fig. 3) Min. Typ. 40 60 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD =20 A V GS = 0 70 105 2.4 I SD = 20 A di/dt = 100 A/s T j = 150 o C V DD = 15 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 20 80 1.5 Unit A A V ns nC A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STD40NF03L
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
4/6
STD40NF03L
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A" B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
5/6
STD40NF03L
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
6/6
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STD40NF03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X