Part Number Hot Search : 
B250C150 RT9618 6566F U30D60 BCM56 PFRA135 TIP117 6220G
Product Description
Full Text Search
 

To Download SPD13N05L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPD13N05L SPU13N05L
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Logic Level * Avalanche-rated * dv/dt rated * 175C operating temperature
Pin 1 Pin 2 Pin 3
G
D
S
Type
VDS 55 V 55 V
ID 12.5 A 12.5 A
RDS(on) 0.12 0.12
Package
Ordering Code
SPD13N05L SPU13N05L
P-TO252 P-TO251
Q67040 - S4124 - A2 Q67040 - S4116 - A2
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TC = 25 C TC = 100 C
ID
A 12.5 8.8
Pulsed drain current
TC = 25 C
IDpuls
50
EAS
Avalanche energy, single pulse
ID = 12.5 A, VDD = 25 V, RGS = 25 L = 666 H, Tj = 25 C
mJ
52
IAR EAR
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Reverse diode dv/dt
IS = 12.5 A, V DS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
12.5 3.5
A mJ kV/s
dv/dt
6
VGS Ptot
Gate source voltage Power dissipation
TC = 25 C
14
35
V W
Semiconductor Group
1
29/Jan/1998
SPD13N05L SPU13N05L
Maximum Ratings Parameter Symbol Values Unit
Operating temperature Storage temperature Thermal resistance, junction - case Thermal resistance, junction - ambient (PCB mount)** Thermal resistance, junction - ambient IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA RthJA
-55 ... + 175 -55 ... + 175
C
4.3 50 100
55 / 175 / 56
K/W
** when mounted on 1 " square PCB ( FR4 );for recommended footprint
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Values typ. max. Unit
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 55 -
Gate threshold voltage
V GS=V DS, ID = 20 A
V GS(th)
1.2
IDSS
1.6
2 A
Zero gate voltage drain current
V DS = 50 V, V GS = 0 V, Tj = -40 C V DS = 50 V, V GS = 0 V, Tj = 25 C V DS = 50 V, V GS = 0 V, Tj = 150 C
IGSS
0.1 -
0.1 1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-resistance
V GS = 4.5 V, ID = 8.8 A V GS = 10 V, ID = 8.8 A
0.105 0.062 0.12 0.07
Semiconductor Group
2
29/Jan/1998
SPD13N05L SPU13N05L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Values typ. max. Unit
Transconductance
V DS 2 * ID * RDS(on)max, ID = 8.8 A
gfs
S 5 8 pF 317 400
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
97
120
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
54
70 ns
Turn-on delay time
V DD = 30 V, VGS = 4.5 V, ID = 12.5 A RG = 16
tr
15
22
Rise time
V DD = 30 V, VGS = 4.5 V, ID = 12.5 A RG = 16
td(off)
106
160
Turn-off delay time
V DD = 30 V, VGS = 4.5 V, ID = 12.5 A RG = 16
tf
11
17
Fall time
V DD = 30 V, VGS = 4.5 V, ID = 12.5 A RG = 16
Qg(th)
14
20 nC
Gate charge at threshold
V DD = 40 V, ID 0.1 A, V GS =0 to 1 V
Qg(5)
0.37
0.56
Gate charge at 5.0 V
V DD = 40 V, ID = 12.5 A, V GS =0 to 5 V
Qg(total)
7.85
12
Gate charge total
V DD = 40 V, ID = 12.5 A, V GS =0 to 10 V
V (plateau)
13.5
20 V
Gate plateau voltage
V DD = 40 V, ID = 12.5 A
-
4
-
Semiconductor Group
3
29/Jan/1998
SPD13N05L SPU13N05L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
TC = 25 C
IS
A 12.5
Inverse diode direct current,pulsed
TC = 25 C
ISM
V SD
-
50 V
Inverse diode forward voltage
V GS = 0 V, IF = 25 A
trr
1.15
1.8 ns
Reverse recovery time
V R = 30 V, IF=lS, diF/dt = 100 A/s
Qrr
50
75 C
Reverse recovery charge
V R = 30 V, IF=lS, diF/dt = 100 A/s
-
0.1
0.15
Semiconductor Group
4
29/Jan/1998
SPD13N05L SPU13N05L
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 4 V
13 A
36 W
11 Ptot 28 24 8 20 16 12 8 4 1 0 0 0 20 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 C 180 7 6 5 4 3 2 ID 10 9
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 3.6s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A ID 10 1
R V =
DS
/I
D
10 s
ZthJC
10 0
DS (o n)
100 s
10 -1 D = 0.50 0.20
10 0 DC
1 ms 10 ms
0.10 10 -2 single pulse 0.05 0.02 0.01
10 -1 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
29/Jan/1998
SPD13N05L SPU13N05L
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
28 A 24 ID 22 20 18 16 14 12 10 8 6 4 2 0 a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
b c e
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.38
Ptot = 35W
lkj i h
VGS [V] 2.5 ga b c 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
0.32 RDS (on) 0.28 0.24 0.20 0.16 0.12
a
b
c
d
e
f
fd
e f g h i
dj
k l
g
0.08 0.04 0.00 0
VGS [V] =
a 3.0 2.5 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i 6.5 7.0 j 8.0
h i kj
k 10.0
V
5.0
4
8
12
16
20
A
26
VDS
ID
Typ. transfer characteristics ID = f (V GS)
parameter: tp = 80 s
VDS2 x ID x RDS(on)max
45 A
I
D
35 30 25 20 15 10 5 0 0
1
2
3
4
5
6
7
8
V
VGS
10
Semiconductor Group
6
29/Jan/1998
SPD13N05L SPU13N05L
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 8.8 A, VGS = 4.5 V
0.38
Gate threshold voltage
V GS(th)= f (Tj)
parameter:VGS=VDS,ID = 20A
3.0 V 2.6
VGS(th)
0.32 RDS (on) 0.28 0.24 0.20 98% 0.16 0.12 0.08 0.04 0.00 -60 -20 20 60 100 C 180 typ
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -60 -20 20 60 100 140 V
Tj
max
typ
min
200
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS = 0V, f = 1MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
A
C
pF
Ciss
IF 10 1
10 2
Coss
Crss
10 0 Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V
VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
29/Jan/1998
SPD13N05L SPU13N05L
Avalanche energy EAS = f (Tj) parameter:ID=12.5 A,VDD =25 V RGS =25 , L = 666 H
60
Typ. gate charge VGS = (QGate) parameter: ID puls = 13 A
16
V mJ
EAS
VGS 40
12
10
30
8 0,2 VDS max 6 0,8 VDS max
20 4 10 2 0 20 40 60 80 100 120 140 C
Tj
0 180 0 2 4 6 8 10 12 14 16 nC 20
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
29/Jan/1998


▲Up To Search▲   

 
Price & Availability of SPD13N05L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X