Part Number Hot Search : 
SMBJ120A EN5810A AT54S 2012D12 TQ2SA 1230D6 TDA9181 BRY56
Product Description
Full Text Search
 

To Download SM5A27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
SM5A27 TRANSIENT SUPPRESSOR
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Zener Voltage - 27.0 Volts
* ED
DO-218
0.628(16.0) 0.592(15.0) 0.539(13.7) 0.524(13.3)
Peak Pulse Current - 70.0 Amps FEATURES
Ideally suited for load dump protection Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature stability due to unique oxide passivation Exclusive patented PAR oxide passivated chip construction Integrally molded heatsink provides a very low thermal resistance for maximum heat dissipation Low leakage current at TJ=175C Low forward voltage drop High temperature soldering guaranteed: 260C for 10 seconds at terminals
T PA
EN
T
0.116(3.0) 0.093(2.4)
0.413(10.5) 0.342(8.7) 0.374(9.5) 0.327(8.3)
0.366(9.3) 0.343(8.7) 0.406(10.3) 0.382(9.7)
LEAD 1 0.197(5.0) 0.185(4.7) 0.028(0.7) 0.020(0.5) 0.098(2.5) 0.059(1.5)
0.138(3.5) 0.098(2.5)
MECHANICAL DATA
Case: Molded plastic body, surface mount with heatsink integrally mounted in the encapsulation Terminals: Plated, solderable per MIL-STD-750, Method 2026 Polarity: Heatsink is anode Mounting Position: Any Weight: 0.091 ounce, 2.58 grams
0.028(0.7) 0.012(0.3) LEAD 2/METAL HEATSINK
*Patent #Os, 4,980,315,
5,166,769, 5,278,095
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS SM5A27 UNITS
Steady state power dissipation Non-repetitive peak reverse surge current for 10ms/10ms exponentially decaying waveform Maximum working peak stand-off voltage Minimum reverse zener voltage at 10mA Maximum reverse zener voltage at 10mA Maximum zener voltage temperature coefficient at IZ=10mA Peak forward surge current, 8.3ms single half sine-wave Maximum clamping voltage for 10ms/10ms exponentially decaying waveform at IPP=55A Maximum instantaneous forward voltage at 6.0A (NOTE 1) Maximum reverse leakage current at rated VWM Maximum thermal resistance junction to case Operating junction and storage temperature range
NOTE: (1) Measured on a 300ms square pulse width NOTICE: Advanced product information is subject to change without notice
PD IRSM VWM VZ VZ VZTC IFSM VC VF IR RQJC TJ, TSTG
5.0 70.0 22.0 24.0 30.0 36.0 500.0 40.0 1.0 0.2 10.0 1.0 -55 to +175
Watts Amps Volts Volts Volts mV/C Amps Volts Volts mA C/W C
TJ=25C TJ=175C
2/23/99
RATINGS AND CHARACTERISTIC CURVES SM5A27
FIG. 1 - POWER DERATING CURVE INSTANTANEOUS FORWARD CURRENT, AMPS FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
8.0
POWER DISSIPATION, WATTS
100
175C 25C
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 CASE TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
10
1
0.1
175
200
0.01 0.35
0.45
0.55
0.65
0.75
0.85
0.95
FORWARD VOLTAGE, VOLTS FIG. 4 - REVERSE POWER CAPABILITY
10,000
REVERSE SURGE POWER, WATTS
150
INPUT PEAK PULSE CURRENT %
TA=25C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
tr=10ms
100
PEAK VALUE IPP
50
HALF VALUE - IPP 2
0
td
0
5
10
15
20 25 t, TIME, ms
30
35
40 1,000 100 10 PULSE WIDTH (ms) - 1/2 IPP EXPONENTIAL WAVEFORM
FIG. 6 - TYPICAL REVERSE CHARACTERISTICS
FIG. 5 - LOAD DUMP POWER CHARACTERISTICS (10ms EXPONENTIAL WAVEFORM)
3,000 2,500 2,000 1,500 1,000 500 0 25 50 150 125 100 75 CASE TEMPERATURE, C 175
INSTANTANEOUS REVERS CURRENT, MICRO AMPERES LOAD DUMP POWER, WATTS
100 10 1 0.1 0.01
25C 175C
0.001
0.0001
5
20
65 50 35 PERCENTAGE OF V(BR), %
80
95
FIG. 7 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE, C/W
100
RQJA
10
RQJC
1
0.1
0.01 0.01
0.1
1 PULSE WIDTH, sec.
10
100


▲Up To Search▲   

 
Price & Availability of SM5A27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X