Part Number Hot Search : 
KGR80 MDU1513 ZL8800 LVC1G LM710I PSA1675A EW427 PDSP1882
Product Description
Full Text Search
 

To Download SED1353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GRAPHICS SED1353
October 1998
SED1353 GRAPHICS LCD CONTROLLER
s DESCRIPTION
The SED1353 is a dot matrix graphic LCD controller supporting resolutions up to 1024x1024. It is capable of displaying a maximum of 256 simultaneous colors out of a possible 4096 or 16 gray shades. Design flexibility allows the SED1353 to interface to either an MC68000 family microprocessor or an 8/16-bit MPU/bus with minimum external logic. The Static RAM (SRAM) interface used for the display buffer is optimized for speed and performance, supporting up to 128K bytes. Two power save modes, combined with operating voltages of 2.7 volts through 5.5 volts, allow for a wide range of applications while providing minimum power consumption.
s FEATURES * pin compatible with the SED1352 * 16-bit 16 MHz MC68xxx MPU interface * 8/16-bit MPU interface controlled by a READY
(or WAIT#) signal * option to use built-in index register or direct-mapping to access one of sixteen internal registers * 2-terminal crystal or external oscillator support * 8/16-bit SRAM interface configurations * split screen display support allowing two different images to be simultaneously displayed * virtual display support (displays images larger than the panel size through the use of panning) * display modes: black-and-white display 2/4 bits per pixel, 4/16-level gray-scale display 2/4/8 bits per pixel, 4/16/256-level color display * two software power-save modes
* low power consumption * display memory interface:
128K bytes using one 64Kx16 SRAMs 128K bytes using two 64Kx8 SRAMs 64K bytes using two 32Kx8 SRAMs 40K bytes using one 8Kx8 and one 32Kx8 SRAM 32K bytes using one 32Kx8 SRAM 16K bytes using two 8Kx8 SRAMs 8K bytes using one 8Kx8 SRAM * LCD panel configurations: single-panel, single-drive passive display dual-panel, dual-drive passive display * maximum number of vertical lines: 1,024 lines (single-panel, single-drive display) 2,048 lines (dual-panel, dual-drive display) * QFP5-100-S2 package (F0A) * QFP15-100-STD package (F1A)
s SYSTEM BLOCK DIAGRAM
CLOCK
DATA
MPU
80xx Z80 68xxx
CONTROL ADDRESS
SED1353
LCD PANEL
SRAM
X18A-C-001-08
1
GRAPHICS SED1353
s INTERFACE OPTIONS Interface with 16-Bit MC68xxx MPU and 16K bytes SRAM (2 of 8K x 8)
MC68xxx
A20 to A23 FC0 to FC1 Decoder A14 to A16 Decoder A10 to A19 A1 to A19 D0 to D15 DTACK# UDS# LDS# AS# R/W# IOCS#
SED1353
MEMCS# VD8-15 VD0-7 VWE# WE# WE#
AB1 to AB19 DB0 to DB15 READY AB0 BHE# IOR# IOW# VCS0# VCS1# VA0-12
64 Kbit
CS#
64 Kbit
CS#
Note: Example implementation, actual may vary.
Interface with 8-Bit Z80 MPU and 16K bytes SRAM (2 of 8K x 8)
Z80
MREQ# MI# IORQ# A0 to A15 D0 to D7 WAIT# WR# RD# Decoder
SED1353
MEMCS# IOCS# VD0-7 VWE# WE# WE#
A10 to A15 Decoder
AB0 to AB15 DB0 to DB7 READY MEMW# MEMR#
64 Kbit
CS#
64 Kbit
CS#
RESET#
VCS0# IOR# VCS1# IOW# VA0-12 RESET
Note: Example implementation, actual may vary.
2
X18A-C-001-08
GRAPHICS SED1353
Interface with 16-Bit 8086 MPU and 64K bytes SRAM (2 of 32K x 8)
8086 (Maximum mode)
CLK
CLK READY RESET# RDY CLK
8288
S2# S1# S0# DEN DT/R ALE MRDC# AMWC# IORC# AIOWC#
SED1353
MEMR# MEMW# IOR# IOW# VD0-7 VWE# WE#
READY RESET#
S2# S1# S0#
8284A A16 to A19
A16
256 Kbit
AB16 to AB19 CS# VCS0# VA0-14
Decoder
M/IO#
AB0 to AB15 BHE# MEMCS# IOCS# DB0 to DB15
BHE# AD0 to AD15
BHE# A0 to A16 STB D0 to D15 T OE
WE#
256 Kbit
CS# VCS1# VD8-15
Transceiver
RESET READY
Note: Example implementation, actual may vary.
Interface with 8-Bit ISA Bus and 40K bytes SRAM (1 of 8K x 8 and 1 of 32K x 8)
8-Bit ISA Bus
REFRESH SMEMW# SMEMR# IOCHRDY SD0 to SD7 SA0 to SA19 SA10 to SA15 AEN IOW# IOR# RESET# IOW# IOR# RESET WE# SA(1 or 4) to SA9 Decoder IOCS# SA13 to SA16 Decoder
SED1353
MEMCS# MEMW# MEMR# READY DB0 to DB7 AB0 to AB19 VCS0# VA0-14 WE# VD0-7 VWE#
64 Kbit
CS#
optional
Decoder VCS1#
256 Kbit
CS#
0WS#
Note: Example implementation, actual may vary.
X18A-C-001-08 3
GRAPHICS SED1353
Interface with 16-Bit ISA Bus and 128K bytes SRAM (1 of 128K x 8)
16-bit ISA Bus
REFRESH SA14 to SA16 SMEMW# SMEMR# IOCHRDY SD0 to SD15 SA0 to SA19 SA10 to SA15 AEN IOW# IOR# SBHE# RESET# IOCS16# LA17 to LA23 MEMCS16# Decoder Decoder Decoder SA(1 or 4) to SA9 IOCS# IOW# IOR# BHE# RESET VD0-7 VD8-15 I/O 1-8 I/O 9-16 Decoder MEMCS# MEMW# MEMR# READY DB0 to DB15 AB0 to AB19 VCS0# VCS1# LB# UB# VWE# WE#
SED1353
1 Mbit
VA0-15
A0-15
Note: Example implementation, actual may vary.
s SUPPORTED RESOLUTIONS
Example Display Size Display RAM 8K byte 16K byte 32K byte 40K byte 64K byte 128K byte Monochrome
X Y
4 Grays/ Colors
X Y
16 Grays/ Colors
X Y
256 Colorsa
X Y
SRAM Type 1 of 8Kx8 2 of 8Kx8 1 of 32Kx8 1 of 8Kx8 and 1 of 32Kx8 2 of 32Kx8 1 of 64Kx16 2 of 64Kx8
CPU Interface 8-bit 8-bit 16-bit 8-bit 8-bit 8-bit 16-bit 16-bit 16-bit
SRAM Interface 8-bit 8-bit/16-bit 16-bit 8-bit 8-bit 8-bit/16-bit 16-bit 16-bit 16-bit
320 x 200 512 x 256 512 x 512 1024 x 320 1024 x 512 1024 x 1024
256 x 128 320 x 200 512 x 256 512 x 320 512 x 512 1024 x 512
128 x 128 200 x 160 256 x 256 320 x 256 512 x 256 512 x 512
-- 160 x 100a 192 x 100
a
320 x 128a 256 x 256a 512 x 256a
a. 256 colors must use 16-bit SRAM interface
The above listed display sizes are examples based on bits/pixel and available memory.
4
X18A-C-001-08
GRAPHICS SED1353
s BLOCK DIAGRAM
Control Registers
IOR#, IOW#, IOCS#, MEMCS#, MEMR#, MEMW#, BHE#, AB[19:0]
Bus Signal Translation
Port Decoder Memory Decoder Data Bus Conversion
Sequence Controller Lookup Table Address Generator MPU/CRT Selector LCD Panel Interface
LCDENB UD[3:0] LD[3:0] LP, YD, XSCL, WF(XSCL2)
READY
DB[15:0]
Display Data Formatter
Timing Generator Power Save Oscillator
OSC1 OSC2
SRAM Interface
VWE# VOE# VSC0#, VSC1#
VA[15:0]
VD[15:0]
X18A-C-001-08
5
GRAPHICS SED1353
s FUNCTIONAL BLOCK DESCRIPTION
Bus Signal Translation According to configuration setting VD2, Bus Signal Translation translates either MC68000 type MPU signals or Ready type MPU signals to internal bus interface signals. Control Registers The Control Register contains 16 internal control and configuration registers. These registers can be accessed by either direct-mapping or using the built-in internal index register. Sequence Controller The Sequence Controller generates horizontal and vertical display timings according to the configuration registers settings. LCD Panel Interface The LCD Panel Interface performs frame rate modulation and output data pattern formatting for both passive monochrome and passive color LCD panels. Look-Up Table The Look-Up Table contains three 16x4-bit wide palettes. In gray shade modes, the "green" palette can be configured for the re-mapping of 16 possible shades of gray. In color modes, all three palettes can be configured for the re-mapping of 4096 possible colors. Port Decoder According to configuration settings VD1, VD12 VD4, IOCS# and address lines AB9-1, the Port Decoder validates a given I/O cycle. Memory Decoder According to configuration settings VD15 VD13, MEMCS# and address lines AB19-17, the Memory Decoder validates a given memory cycle. Data Bus Conversion According to configuration setting VD0, Data Bus Conversion maps the external data bus, either 8-bit or 16-bit, into the internal odd and even data bus. Address Generator The Address Generator generates display refresh addresses to be used to access display memory. MPU / CRT Selector The MPU / CRT Selector grants access to the display memory from either the MPU or the display refresh circuitry. Display Data Formatter The Display Data Formatter reads in the display data from the display memory and outputs the correct format for all supported gray shade and color selections. Clock Inputs / Timing Clock Inputs / Timing generates the internal master clock according to gray-level / color selected and display memory interface.The master clock (MCLK) can be: - MCLK = input clock - MCLK = 1/2 input clock - MCLK = 1/4 input clock. Pixel clock = input clock = fOSC. SRAM Interface The SRAM Interface generates the necessary signals to interface to the Display Memory (SRAM).
6
X18A-C-001-08
GRAPHICS SED1353
s DC SPECIFICATIONS
Absolute Maximum Ratings
Symbol VDD VIN VOUT TSTG TSOL Parameter Supply Voltage Input Voltage Output Voltage Storage Temperature Solder Temperature/Time Rating VSS - 0.3 to + 6.0 VSS - 0.3 to VDD + 0.5 VSS - 0.3 to VDD + 0.5 -65 to 150 260 for 10 sec. max at lead Units V V V C C
Recommended Operating Conditions
Symbol VDD VIN IOPR TOPR PTYP Parameter Supply Voltage Input Voltage Operating Current Operating Temperature Typical Active Power Consumption fOSC = 6 MHz 256 colors fOSC = 6 MHz 256 colors -40 Condition VSS = 0 V Min 2.7 VSS Typ 3.0/3.3/5.0 -4.5/5.0/11 25 13.5/16.5/55 85 Max 5.5 VDD Units V V mA C mW
X18A-C-001-08
7
GRAPHICS SED1353
Input Specifications
Symbol VIL Parameter Low Level Input Voltage Condition VDD = 4.5V VDD = 3.0V VDD = 2.7V VDD = 5.5V VDD = 3.6V VDD = 3.3V VDD = 5.0 VDD = 3.3 VDD = 3.0 VDD = 5.0 VDD = 3.3 VDD = 3.0 VDD = 5.0 VDD = 3.3 VDD = 3.0 -f =1 MHz, VDD= 0V VDD = 5.0V VI = VDD VDD = 3.3V VI = VDD VDD = 3.0V VI = VDD 50 100 0.6 0.5 0.4 0.1 0.1 0.1 -1 1 12 200 2.0 1.3 1.2 2.4 1.4 1.3 Min Typ Max 0.8 0.4 0.3 Units V
VIH
High Level Input Voltage
V
VT+
Positive-going Threshold
V
VT-
Negative-going Threshold
V
VH IIZ CIN RPD RPD RPD
Hysteresis Voltage Input Leakage Current Input Pin Capacitance Pull Down Resistance
V A pF k
Pull Down Resistance
90
180
360
k
Pull Down Resistance
100
200
400
k
8
X18A-C-001-08
GRAPHICS SED1353
Output Specifications
Symbol Parameter Low Level Output Voltage VOL (5.0V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S Low Level Output Voltage VOL (3.3V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S Low Level Output Voltage VOL (3.0V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S High Level Output Voltage VOH (5.0V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S Low Level Output Voltage VOH (3.3V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S High Level Output Voltage VOH (3.0V) Type 1 - TS1D2, CO1 Type 2 - TS2, CO2 Type 3 - TS3, CO3, CO3S IOZ COUT CBID Output Leakage Current Output Pin Capacitance Bidirectional Pin Capacitance Condition VDD = Min IOL = 4 mA IOL = 8 mA IOL = 12 mA VDD = Min IOL = 2 mA IOL = 4 mA IOL = 6 mA VDD = Min IOL = 1.8 mA IOL = 3.5 mA IOL = 5 mA VDD = Min IOH = -4 mA IOH = -8mA IOH = -12 mA VDD = Min IOL = -2 mA IOL = -4 mA IOL = -6 mA VDD = Min IOH = -1.8 mA IOH = -3.5 mA IOH = -5 mA -f =1 MHz, VDD= 0V f =1 MHz, VDD= 0V VDD-0.3 V VDD-0.3 V VDD-0.4 V 0.3 V 0.3 V 0.4 V Min Typ Max Units
-1
1 12 12
A pF pF
X18A-C-001-08
9
GRAPHICS SED1353
s SED1353F0A PIN OUT
80 WF/XSCL2* 79 78 77 76 75 74 73 72 51 VD7 52 VSS 53 VDD 54 VD8 55 VD9 56 VD10 57 VD11 58 VD12 59 VD13 60 VD14 61 VD15 62 VA11 63 VA12 64 VA13 65 VA14 66 VA15 67 VWE# 68 VCS0# 69 VCS1# 70 UD3 71 UD2
LP
YD
LD0
LD1
LD2
LD3
UD0
UD1
81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
XSCL LCDENB VOE# IOCS# IOW# IOR# MEMCS# MEMW# MEMR# READY BHE# OSC1 OSC2 DB0 DB1 DB2 DB3 DB4 DB5 DB6
SED1353F0A
VD6 VD5 VD4 VD3 VD2 VD1 VD0 VA10 VA9 VA8 VA7 VA6 VA5 VA4 VA3 VA2 VA1 VA0 RESET AB19
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31
DB11 7 DB10 6
DB13 9 DB12 8
DB15 11 DB14 10
AB10
AB11
AB12
AB13
AB14
AB15
AB16
AB17
AB18
* Pin 80 = WF in all display modes except format 1 for 8-bit single color panel. * Pin 80 = XSCL2 in format 1 for 8-bit single color panel.
VSS 2 DB7 1
DB9 5 DB8 4 VDD 3
AB1 13 AB0 12
AB3 15 AB2 14
AB5 17 AB4 16
AB6 18
AB7 19
AB8 20
AB9 21
22
23
24
25
26
27
28
29
30
10
X18A-C-001-08
GRAPHICS SED1353
s SED1353F1A PIN OUT
75 YD 74 73 72 71 70 69 51 VD8 52 VD9 53 VD10 54 VD11 55 VD12 56 VD13 57 VD14 58 VD15 59 VA11 60 VA12 61 VA13 62 VA14 63 VA15 64 VWE# 65 VCS0# 66 VCS1# 67 UD3 68 UD2 LD0 LD1 LD2 LD3 UD0 UD1
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
LP WF/XSCL2* XSCL LCDENB VOE# IOCS# IOW# IOR# MEMCS# MEMW# MEMR# READY BHE# OSC1 OSC2 DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 VSS VDD DB9 2 DB8 1
SED1353F1A
VDD VSS VD7 VD6 VD5 VD4 VD3 VD2 VD1 VD0 VA10 VA9 VA8 VA7 VA6 VA5 VA4 VA3 VA2 VA1 VA0 RESET AB19 AB18 AB17
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
25 AB16 24 AB15 23 AB14 22 AB13 21 AB12 20 AB11 19 AB10 18 AB9 17 AB8 16 AB7 15 AB6 14 AB5 13 AB4 12 AB3 11 AB2 10 AB1 9 AB0 8 DB15 DB14 7
* Pin 77 = WF in all display modes except format 1 for 8-bit single color panel. * Pin 77 = XSCL2 in format 1 for 8-bit single color panel.
DB11 4 DB10 3
DB13 6 DB12 5
X18A-C-001-08
11
GRAPHICS SED1353
s SED1353D0A PIN OUT
VA11 VA12 VA13 VA14 VA15 VWE# VCS0# VCS1# VD8 VD9 VD10 VD11 VD12 VD13 VD14 VD15 UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
VDD
VSS
YD
LP WF/XSCL2* XSCL LCDENB VOE# IOCS# IOW# IOR# MEMCS# MEMW# MEMR# READY BHE# OSC1 OSC2 DB0 DB1 120 DB2 DB3 DB4 DB5 DB6 100 110 DB7 Dummy Pad 1 VSS
Dummy Pad
90
80
70
VD7
60
VD6 VD5 VD4 VD3 VD2 VD1 VD0 VA10 VA9
50
SED1353D0A
VA8 VA7 VA6 VA5 VA4 VA3 40 VA2 VA1 VA0 RESET AB19
10 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 VDD
20 AB7 AB6 AB5 AB4 AB3 AB2 AB1 AB0
30 AB16 AB15 AB14 AB13 AB12 AB11 AB10 AB9 AB8 AB18 AB17
Chip Size Chip Thickness Pad Size Pad Pitch
= = = =
5.030 mm x 5.030 mm 0.400 mm 0.090 mm x 0.090 mm 0.126 mm (Min.)
* Pad 97 = WF in all display modes except format 1 for 8-bit single color panel. * Pad 97 = XSCL2 in format 1 for 8-bit single color panel.
12
X18A-C-001-08
GRAPHICS SED1353
PAD Coordinates
Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Pin Name VSS --VDD DB8 DB9 DB10 DB11 DB12 DB13 DB14 DB15 --AB0 AB1 AB2 AB3 AB4 AB5 AB6 AB7 --AB8 AB9 AB10 AB11 AB12 AB13 AB14 AB15 AB16 --AB17 AB18 ----AB19 Pad Center Coordinate X Y -2.165 -2.390 -2.000 -2.390 -1.840 -2.390 -1.685 -2.390 -1.535 -2.390 -1.388 -2.390 -1.246 -2.390 -1.106 -2.390 -0.969 -2.390 -0.835 -2.390 -0.703 -2.390 -0.573 -2.390 -0.444 -2.390 -0.317 -2.390 -0.190 -2.390 -0.063 -2.390 0.063 -2.390 0.190 -2.390 0.317 -2.390 0.444 -2.390 0.573 -2.390 0.703 -2.390 0.835 -2.390 0.969 -2.390 1.106 -2.390 1.246 -2.390 1.388 -2.390 1.535 -2.390 1.685 -2.390 1.840 -2.390 2.000 -2.390 2.165 -2.390 2.390 -2.340 2.390 -2.000 2.390 -1.840 2.390 -1.685 Pad No. 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Pin Name RESET VA0 VA1 VA2 --VA3 VA4 --VA5 VA6 --VA7 VA8 --VA9 VA10 --VD0 VD1 --VD2 VD3 VD4 VD5 VD6 ----VD7 VSS --VDD VD8 VD9 VD10 VD11 VD12 Pad Center Coordinate X Y 2.390 -1.535 2.390 -1.388 2.390 -1.246 2.390 -1.106 2.390 -0.969 2.390 -0.835 2.390 -0.703 2.390 -0.573 2.390 -0.444 2.390 -0.317 2.390 -0.190 2.390 -0.063 2.390 0.063 2.390 0.190 2.390 0.317 2.390 0.444 2.390 0.573 2.390 0.703 2.390 0.835 2.390 0.969 2.390 1.106 2.390 1.246 2.390 1.388 2.390 1.535 2.390 1.685 2.390 1.840 2.390 2.000 2.390 2.165 2.165 2.390 2.000 2.390 1.840 2.390 1.685 2.390 1.535 2.390 1.388 2.390 1.246 2.390 1.106 2.390
X18A-C-001-08
13
GRAPHICS SED1353
Pad No. 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 Pin Name VD13 VD14 VD15 --VA11 VA12 VA13 VA14 VA15 VWE# VCS0# VCS1# --UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0 YD --LP WF/XSCL2 ----XSCL LCDENB Pad Center Coordinate X Y 0.969 2.390 0.835 2.390 0.703 2.390 0.573 2.390 0.444 2.390 0.317 2.390 0.190 2.390 0.063 2.390 -0.063 2.390 -0.190 2.390 -0.317 2.390 -0.444 2.390 -0.573 2.390 -0.703 2.390 -0.835 2.390 -0.969 2.390 -1.106 2.390 -1.246 2.390 -1.388 2.390 -1.535 2.390 -1.685 2.390 -1.840 2.390 -2.000 2.390 -2.340 2.390 -2.390 2.165 -2.390 2.000 -2.390 1.840 -2.390 1.685 -2.390 1.535 Pad No. 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 Pin Name VOE# IOCS# IOW# --IOR# MEMCS# --MEMW# MEMR# --READY BHE# --OSC1 OSC2 --DB0 DB1 --DB2 DB3 DB4 DB5 DB6 ----DB7 Dummy Pad Dummy Pad Pad Center Coordinate X Y -2.390 1.388 -2.390 1.246 -2.390 1.106 -2.390 0.969 -2.390 0.835 -2.390 0.703 -2.390 0.573 -2.390 0.444 -2.390 0.317 -2.390 0.190 -2.390 0.063 -2.390 -0.063 -2.390 -0.190 -2.390 -0.317 -2.390 -0.444 -2.390 -0.573 -2.390 -0.703 -2.390 -0.835 -2.390 -0.969 -2.390 -1.106 -2.390 -1.246 -2.390 -1.388 -2.390 -1.535 -2.390 -1.685 -2.390 -1.840 -2.390 -2.000 -2.390 -2.165 2.390 2.390 -2.390 -2.390
14
X18A-C-001-08
GRAPHICS SED1353
s PIN DESCRIPTION
Key
I O I/O P = = = = Input Output Bidirectional Power
Bus Interface
Pin Name Type F0A Pin # F1A Pin # D0A Pad # Description
DB0-DB15 I/O
94 - 100, 91 - 98, 1, 4 -11 1 - 8
118-119, 121-125, These pins are connected to the system data bus. In 8-bit bus mode, DB8128, DB15 must be tied to VDD. 4-11 13 14-20, 22-30, 32-33, 36 In MC68000 MPU interface, this pin is connected to the Upper Data Strobe (UDS#) pin of MC68000. In other bus interfaces, this pin is connected to the system address bus.
AB0
I
12
9
AB1-AB19 I
13 - 31
10 - 28
These pins are connected to the system address bus.
BHE#
I
91
88
113
In MC68000 MPU interface, this pin is connected to the Lower Data Strobe (LDS#) pin of MC68000. In other bus interfaces, this pin is the Byte High Enable input for use with 16-bit system. In 8-bit bus mode, tie BHE# input to VDD. Active low input to select one of fifteen internal registers. In MC68000 MPU interface, this pin is connected to the R/W# pin of MC68000. This input pin will define whether the data transfer is a read (active high) or write (active low) cycle. In other bus interfaces, this is the active low input to write data into an internal register. In MC68000 MPU interface, this pin is connected to the AS# pin of MC68000. This input pin will indicate a valid address is available on the address bus. In other bus interfaces, this is the active low input to read data from an internal register. Active low input to indicate the attempt to access the display memory. Active low input to write data to the display memory. This pin should be tied to VDD in an MC68000 MPU interface. Active low input to read data from the display memory. This pin should be tied to VDD in an MC68000 MPU interface. For MC68000 MPU interface, this pin is connected to the DTACK# pin of MC68000 and will be driven low when ever a data transfer is complete. In other bus interfaces, this output is driven low to force the system to insert wait states when needed. READY is placed in a high-impedance (Hi-Z) state after the transfer is completed.
IOCS#
I
84
81
103
IOW#
I
85
82
104
IOR#
I
86
83
106
MEMCS# MEMW# MEMR#
I I I
87 88 89
84 85 86
107 109 110
READY
O
90
87
112
RESET
I
32
29
37
Active high input to force all signals to their inactive states.
X18A-C-001-08
15
GRAPHICS SED1353
Display Memory Interface
Pin Name Type F0A Pin # F1A Pin # D0A Pad # 54-55, 57-61, 64, 68-75 38-40, 42-43, 45-46, 48-49, 51-52, 77-81 84 83 82 102 Description These pins are connected to the display memory data bus. For 16-bit interface, VD0-VD7 are connected to the display memory data bus of even byte addresses and VD8-VD15 are connected to the display memory data bus of odd byte addresses. The output drivers of these pins are tri-stated when RESET is high. On the falling edge of RESET the values of VD0-VD15 are latched into the chip to configure various hardware options.
VD0-VD15 I/O
44 - 51, 54 - 61
41 - 48, 51 - 58
VA0-VA15 O
33 - 43, 62 - 66
30 - 40 59 - 63
These pins are connected to the display memory address bus.
VCS1# VCS0# VWE# VOE#
O O O O
69 68 67 83
66 65 64 80
Active low chip-select output to the second or odd byte address SRAM. Active low chip-select output to the first or even byte address SRAM. Active low output used for writing data to the display memory. This pin is connected to the WE# input of the SRAMs. Active low output to enable reading of data from the display memory. This pin is connected to the OE# input of the SRAMs.
LCD Interface
Pin Name UD3-UD0 LD3-LD0 XSCL LP FPDI-1TM Pin Namea UD3-UD0 LD3-LD0 FPSHIFT FPLINE Type F0A Pin # 70 - 73 74 - 77 81 79 F1A Pin # 67 - 70 71 - 74 78 76 D0A Pad # 86 - 89 90 - 93 100 96 Description Panel display data bus. The data format depends on the specific panel connected. For 4-bit single panels, these bits are driven 0 (low state). Display data shift clock. Data is shifted into the LCD X-drivers on the falling edge of this signal. Display data latch clock. The falling edge of this signal is used to latch a row of display data in the LCD X-drivers and to turn on the row driver (Y driver). For format 1 of 8-bit single color panels this is the second shift clock. For all other modes,this is the LCD backplane BIAS signal. This output toggles once every n LP periods, as programmed in AUX[05] Vertical scanning start pulse. A logic `1' on this signal, sampled by the LCD module on the falling edge of LP, is used by the panel row driver (Y driver) to indicate the start of the vertical frame. LCD enable signal output. It can be used externally to turn off the panel supply voltage and backlight.
O O O
MOD WF/XSCL2 FPSHIFT2 O 80 77 97
YD LCDENB
FPFRAME ---
O O
78 82
75 79
94 101
a. VESA Flat Panel Display Interface Standard (FPDI-1TM)
16
X18A-C-001-08
GRAPHICS SED1353
Clock Inputs
Pin Name OSC1 Type I F0A Pin # 92 F1A Pin # 89 D0A Pad # 115 Description This pin, along with OSC2 is the 2-terminal crystal interface when using a 2-terminal crystal as the clock input. If an external oscillator is used as a clock source, then this pin is the clock input. This pin, along with OSC1 is the 2-terminal crystal interface when using a 2-terminal crystal as the clock input. If an external oscillator is used as a clock source, then this pin should be left unconnected.
OSC2
O
93
90
116
Power Supply
Pin Name VDD VSS Type P P F0A Pin # 3, 53 2, 52 F1A Pin # 50, 100 49, 99 D0A Pad # 3, 67 1, 65 Description Voltage supply. Voltage Ground.
s SUMMARY OF CONFIGURATION OPTIONS
Pin Name VD0 VD1 VD2 VD3 value on this pin at falling edge of RESET is used to configure: 1 16-bit host bus interface Use direct-mapping for I/O accesses MC68000 MPU interface Swap of high and low data bytes in 16-bit bus interface Select I/O mapping address bits [9:1]. VD12-VD4 These nine bits are latched on power-up and are compared to the MPU address bits [9-1]. A valid I/O cycle combined with a valid address will enable the internal I/O decoder. Therefore, both types of I/O mapping are limited to even address boundaries to determine either the absolute or indexed I/O address of the first register. Note that a "valid I/O cycle" includes IOCS# being toggled low. Select memory mapping address bits [3:1] These three bits are latched on power-up and are compared to the MPU address bits [19-17]. A valid memory cycle combined with a valid address will enable the internal memory decoder. As only the three most significant VD15-VD13 bits of the address are compared, the maximum amount of memory supported is 128K bytes. Note that a "valid memory cycle" includes MEMCS# being toggled low. When using 128K byte memory it must be mapped at an even address such that all 128K bytes is available without a change in state on A17, as this would invalidate the internal compare logic. 0 8-bit host bus interface Use indexed mapping for I/O accesses MPU / Bus interface with memory accesses controlled by a READY (WAIT#) signal No byte swap of high and low data bytes in 16-bit bus interface (1/0)
X18A-C-001-08
17
GRAPHICS SED1353
Example: If an ISA bus (no byte swap) with memory segment "A" and I/O location 300h are used, the corresponding settings of VD15-VD0 would be:
8-Bit ISA Bus 16-Bit ISA Bus Index Index Direct Mapping Direct Mapping Register Register 0 0 1 1 0 1 0 1 0 0 0 0 0 0 0 0 11 0000 000 11 0000 xxx 11 0000 000 11 0000 xxx 101 101 101 101
Pin Name VD0 VD1 VD2 VD3 VD12-VD4 VD15-VD13
Where x = don't care; 1 = connected to pull-up resistor; 0 = not connected to pull-up resistor
18
X18A-C-001-08
GRAPHICS SED1353
s MONOCHROME PASSIVE STN LCD PANEL INTERFACE
4-Bit Single Panel
LP : 240 PULSES LP: 4 PULSES
YD LP WF UD[3:0]
LINE1 LINE2 LINE3 LINE4 LINE239 LINE240 LINE1 LINE2
LP WF XSCL: 80 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0
1-1 1-2 1-3 1-4 1-5 1-6 1-7 1-8 1-317 1-318 1-319 1-320
Example Timing for a 320x240 single panel
X18A-C-001-08
19
GRAPHICS SED1353
s MONOCHROME PASSIVE STN LCD PANEL INTERFACE
8-Bit Single Panel
LP : 480 PULSES LP: 4 PULSES
YD LP WF UD[3:0], LD[3:0]
LINE1 LINE2 LINE3 LINE4 LINE479 LINE480 LINE1 LINE2
LP WF XSCL:80 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
1-1 1-2 1-3 1-4 1-5 1-6 1-7 1-8 1-9 1-10 1-11 1-12 1-13 1-14 1-15 1-16 1-633 1-634 1-635 1-636 1-637 1-638 1-639 1-640
Example timing for a 640x480 panel
20
X18A-C-001-08
GRAPHICS SED1353
s MONOCHROME PASSIVE STN LCD PANEL INTERFACE
8-Bit Dual Panel
LP : 240 PULSES LP: 2 PULSES
YD LP WF UD[3:0], LD[3:0]
LINE1/241 LINE2/242 LINE3/243 LINE4/244
LINE 239/479 LINE240/480
LINE1/241
LINE2/242
LP WF XSCL: 160 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0 1-1 1-2
1-3 1-4 241-1 241-2 241-3 241-4
1-5 1-6
1-7 1-8 241-5 241-6 241-7 241-8
1-637 1-638
1-639 1-640 241-637 241-638 241-639 241-640
Example timing for a 640x480 panel
X18A-C-001-08
21
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
4-Bit Single Panel
LP : 240 PULSES LP: 4 PULSES
YD LP
UD[3:0]
LINE1
LINE2
LINE3
LINE4
LINE239
LINE240
LINE1
LINE2
LP WF XSCL: 240 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0
1-R1 1-G1 1-B1 1-R2 1-G2 1-B2 1-R3 1-G3 1-B3 1-R4 1-G4 1-B4 1-B319 1-R320 1-G320 1-B320
Example timing for a 320x240 panel
22
X18A-C-001-08
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
8-Bit Single Panel - Format 1
LP: 480 PULSES YD LP UD[3:0] LD[3:0]
LINE1 LINE2 LINE3 LINE4 LINE479 LINE480 LINE1 LINE2
LP: 4 PULSES
LP XSCL2: 120 CLOCK PERIODS XSCL2 XSCL: 120 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0 1-R1 1-B1 1-G2 1-R3 1-B3 1-G4 1-R5 1-B5 1-G1 1-R2 1-B2 1-G3 1-R4 1-B4 1-G5 1-R6 1-G6 1-R7 1-B7 1-G8 1-R9 1-B9 1-G10 1-R11 1-B6 1-G7 1-R8 1-B8 1-G9 1-R10 1-B10 1-G11 1-B11 1-G12 1-R13 1-B13 1-G14 1-R15 1-B15 1-G16 1-R12 1-B12 1-G13 1-R14 1-B14 1-G15 1-R16 1-B16 1-B635 1-R636 1-G636 1-B636 1-R637 1-G637 1-B637 1-R638 1-G638 1-B638 1-R639 1-G639 1-B639 1-R640 1-G640 1-B640
Example timing for a 640x480 panel
X18A-C-001-08
23
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
8-Bit Single Panel - Format 2
LP : 240 PULSES LP: 4 PULSES
YD LP UD[3:0] LD[3:0]
LINE1
LINE2
LINE3
LINE4
LINE239
LINE240
LINE1
LINE2
LP WF XSCL: 120 CLOCK PERIODS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
1-R1 1-G1 1-B1 1-R2 1-G2 1-B2 1-R3 1-G3 1-B3 1-R4 1-G4 1-B4 1-R5 1-G5 1-B5 1-R6 1-G6 1-B6 1-R7 1-G7 1-B7 1-R8 1-G8 1-B8 1-G318 1-B318 1-R319 1-G319 1-B319 1-R320 1-G320 1-B320
Example timing for a 320x240 panel
24
X18A-C-001-08
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
8-Bit Dual Panel
LP: 240 PULSES YD LP UD[3:0] LD[3:0]
LINE1 LINE2 LINE3 LINE243 LINE4 LINE244 LINE239 LINE479 LINE240 LINE480 LINE1 LINE2
LP: 2 PULSES
LINE241 LINE242
LINE241 LINE242
LP
WF
XSCL: 480 CLOCK PERIODS XSCL
UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
1-R1 1-G1 1-B1 1-R2 241-R1 241-G1 241-B1 241-R2
1-G2 1-B2 1-R3 1-G3 241-G2 241-B2 241-R3 241-G3
1-B3 1-R4 1-G4 1-B4 241-B3 241-R4 241-G4 241-B4
1-R637 1-G637 1-B637 1-R638
1-G638 1-B638 1-R639 1-G639
1-B639 1-R640 1-G640 1-B640
241-R637 241-G638 241-B639 241-G637 241-B638 241-R640 241-B637 241-R639 241-G640 241-R638 241-G639 241-B640
Example timing for a 640x480 panel
X18A-C-001-08
25
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
16-Bit Single Panel With External Circuit
LP : 480 PULSES LP: 4 PULSES
YD LP
Pixel Data
LINE1
LINE2
LINE3
LINE4
LINE479
LINE480
LINE1
LINE2
LP SED1353 OUTPUTS WF XSCL: 120 CLOCKS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
1-R1 1-B1 1-G2 1-R3 1-B3 1-G4 1-R5 1-B5 1-B635 1-G638 1-G636 1-R639 1-R637 1-B639 1-B637 1-G640
1-G1 1-R2 1-B2 1-G3
1-R4 1-B4 1-G5 1-R6
1-R636 1-B638 1-B636 1-G639 1-G637 1-R640
UD7 UD6 UD5 UD4 UD3 16-BIT PANEL INPUTS UD2 UD1 UD0
1-R1 1-B1 1-G2 1-R3
1-B635 1-G636
UD[3:0] LD[3:0]
1-B637
1-B3 1-G4 1-R5 1-B5
1-G638 1-R639 1-B 639 1-G640
LD6 LD5 LD4 LD3 LD2 LD1 LD0 Example timing for a 640x480 panel
1-R2 1-B2 1-G3
1-B636 1-G637 1-R638
UD[3:0] LD[3:0]
D
1-R636
1-R4 1-B4 1-G5 1-R6
1-B638 1-G639 1-R640 1-B640
26
X18A-C-001-08
FROM SED1353
XSCL
CK
LD7
1-G1
Q
UD[7:4] LD[7:4]
1-R637
TO 16-BIT PANEL
1-R638 1-B640
GRAPHICS SED1353
s COLOR PASSIVE STN LCD PANEL INTERFACE
16-Bit Dual Panel With External Circuit
LP : 240 PULSES YD LP LP: 2 PULSES
Pixel Data
LINE1/241
LINE2/242
LINE3/243
LINE4/244
LINE239/479 LINE240/480
LINE1/241
LINE2/242
LP SED1353 OUTPUTS WF XSCL: 240 CLOCKS XSCL UD3 UD2 UD1 UD0 LD3 LD2 LD1 LD0
1-R1 1-G1 1-B1 1-R2 1-G2 1-B2 1-R3 1-G3 1-B3 1-R4 1-G4 1-B4 1-G638 1-B639 1-B638 1-R640 1-R639 1-G640 1-G639 1-B640
241-R1 241-G2 241-B3 241-G1 241-B2 241-R4 241-B1 241-R3 241-B4 241-R 2 241-G3 241-B4
241G638 241B638 241R639 241G639
241B639 241R640 241G640
UD7 UD6 UD5 UD4 UD3 UD2 16-BIT PANEL INPUTS UD1 UD0
1-R1 1-G1 1-B1 1-R2
1-G638 1-B638 1-R639 1-G639
UD[3:0] LD[3:0]
1-G2 1-B2 1-R3 1-G3
1-B 639 1-R640 1-G640 1-B640
LD6 LD5 LD4 LD3 LD2 LD1 LD0 Example timing for a 640x480 panel
241-G1 241-B1 241-R2
241-B638 241-R639 241-G639
UD[3:0] LD[3:0]
241-G2 241-B2 241-R3 241-G3
241B639 241R640 241G640 241B640
FROM SED1353
X18A-C-001-08
27
XSCL
CK
LD7
241-R1
241-G638
D
Q
UD[7:4] LD[7:4]
TO 16-BIT PANEL
241B640
GRAPHICS SED1353
s PACKAGE DIMENSIONS: SED1353F0A
QFP5-100PIN-S2 (SED1353F0A)
23.2 0.04 20.0 0.1 80 51
81
50
Index
100
31
1 0.15 0.05 2.7 0.1
0.65 0.1
0.30 0.1
30
14.0 0.1 0.8 0.1 1.6
0~12
All dimensions in mm
17.2 0.04
Actual Size
28
X18A-C-001-08
GRAPHICS SED1353
s PACKAGE DIMENSIONS: SED1353F1A
QFP15-100PIN-STD (SED1353F1A)
16.0 0.4 14.0 0.1 75 76 51 50
14.0 0.1 Index 100 0.125 0.1 1 1.4 0.1 0.168 0.1 25 0.5 26 0.5 0.2 1 All dimensions in mm
16.0 0.4 0~12
Actual Size
X18A-C-001-08
29
GRAPHICS SED1353
s COMPREHENSIVE SUPPORT TOOLS
Seiko Epson Corp. provides the designer and manufacturer a complete set of resources and tools for the development of LCD Graphics Systems. Documentation * Technical Manuals * Evaluation/Demonstration Board Manual Evaluation/Demonstration Board * Assembled and Fully Tested Graphics Evaluation/Demonstration Board * Schematic of Evaluation/Demonstration Board * Parts List * Installation Guide * CPU Independent Software Utilities * Evaluation Software * Windows CE Display Driver
s APPLICATION ENGINEERING SUPPORT
Seiko Epson Corp. offers the following services through their Sales and Marketing Network:
* Sales Technical Support * Customer Training
CONTACT YOUR SALES REPRESENTATIVE FOR THESE COMPREHENSIVE DESIGN TOOLS: * SED1353 Technical Manual * SDU1353 Evaluation Boards * CPU Independent Software Utilities
Japan Seiko Epson Corporation Electronic Devices Marketing Division 421-8, Hino, Hino-shi Tokyo 191-8501, Japan Tel: 042-587-5812 Fax: 042-587-5564 http://www.epson.co.jp Hong Kong Epson Hong Kong Ltd. 20/F., Harbour Centre 25 Harbour Road Wanchai, Hong Kong Tel: 2585-4600 Fax: 2827-4346
North America Epson Electronics America, Inc. 150 River Oaks Parkway San Jose, CA 95134, USA Tel: (408) 922-0200 Fax: (408) 922-0238 http://www.eea.epson.com Europe Epson Europe Electronics GmbH Riesstrasse 15 80992 Munich, Germany Tel: 089-14005-0 Fax: 089-14005-110
Taiwan, R.O.C. Epson Taiwan Technology & Trading Ltd. 10F, No. 287 Nanking East Road Sec. 3, Taipei, Taiwan, R.O.C. Tel: 02-2717-7360 Fax: 02-2712-9164 Singapore Epson Singapore Pte., Ltd. No. 1 Temasek Avenue #36-00 Millenia Tower Singapore, 039192 Tel: 337-7911 Fax: 334-2716
Copyright (c)1997, 1998 Epson Research and Development, Inc. All rights reserved. VDC Information in this document is subject to change without notice. You may download and use this document, but only for your own use in evaluating Seiko Epson/ EPSON products. You may not modify the document. Epson Research and Development, Inc. disclaims any representation that the contents of this document are accurate or current. The Programs/Technologies described in this document may contain material protected under U.S. and/or International Patent laws. EPSON is a registered trademark of Seiko Epson Corporation. Microsoft and Windows are registered trademarks of Microsoft Corporation.
30
X18A-C-001-08


▲Up To Search▲   

 
Price & Availability of SED1353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X